Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24-216-W1D-APQHY Datasheet(PDF) 5 Page - Everlight Electronics Co., Ltd

Part # 24-216-W1D-APQHY
Description  Chip LED
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

24-216-W1D-APQHY Datasheet(HTML) 5 Page - Everlight Electronics Co., Ltd

  24-216-W1D-APQHY Datasheet HTML 1Page - Everlight Electronics Co., Ltd 24-216-W1D-APQHY Datasheet HTML 2Page - Everlight Electronics Co., Ltd 24-216-W1D-APQHY Datasheet HTML 3Page - Everlight Electronics Co., Ltd 24-216-W1D-APQHY Datasheet HTML 4Page - Everlight Electronics Co., Ltd 24-216-W1D-APQHY Datasheet HTML 5Page - Everlight Electronics Co., Ltd 24-216-W1D-APQHY Datasheet HTML 6Page - Everlight Electronics Co., Ltd 24-216-W1D-APQHY Datasheet HTML 7Page - Everlight Electronics Co., Ltd 24-216-W1D-APQHY Datasheet HTML 8Page - Everlight Electronics Co., Ltd 24-216-W1D-APQHY Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 2
Page: 5 of 11
Device No.: DSE-246-W01
Prepared date: 08-Mar-2005
Prepared by: Jeff Tsai
24-216/W1D-APQHY/2A
CIE Chromaticity Diagram


Similar Part No. - 24-216-W1D-APQHY

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
24-21 AMPHENOL-24-21 Datasheet
2Mb / 38P
   Amphenol 97 Series Connectors
12-022-18
logo
Everlight Electronics C...
24-21-BHC-AN1P2 EVERLIGHT-24-21-BHC-AN1P2 Datasheet
159Kb / 10P
   Chip LED
24-21-BHC-AN1P2-2A EVERLIGHT-24-21-BHC-AN1P2-2A Datasheet
159Kb / 10P
   Reverse Package Chip LED
logo
HK TO-GRACE TECHNOLOGY ...
24-21-BHC-AN1P2-2A TO-GRACE-24-21-BHC-AN1P2-2A Datasheet
648Kb / 10P
   Reverse Package Chip LED
logo
Everlight Electronics C...
24-21-GHC-YR2T1 EVERLIGHT-24-21-GHC-YR2T1 Datasheet
159Kb / 10P
   0.8mm Height Flat Top LED
More results

Similar Description - 24-216-W1D-APQHY

ManufacturerPart #DatasheetDescription
logo
AUK corp
SM2233-D AUK-SM2233-D Datasheet
206Kb / 4P
   Chip LED
SM2333 AUK-SM2333 Datasheet
171Kb / 4P
   Chip LED
SR2332-V AUK-SR2332-V Datasheet
173Kb / 4P
   Chip LED
SR2333-V AUK-SR2333-V Datasheet
204Kb / 4P
   Chip LED
SA1316 AUK-SA1316_1 Datasheet
191Kb / 5P
   Chip LED
SM1316-L AUK-SM1316-L_1 Datasheet
200Kb / 5P
   Chip LED
logo
EPIGAP optoelectronic G...
ELC-460-34 EPIGAP-ELC-460-34 Datasheet
101Kb / 1P
   LED - Chip
logo
Everlight Electronics C...
24-21UYC EVERLIGHT-24-21UYC Datasheet
156Kb / 9P
   Chip LED
logo
EPIGAP optoelectronic G...
ELC-525-31-2 EPIGAP-ELC-525-31-2 Datasheet
30Kb / 1P
   LED - Chip
ELC-595-29-50 EPIGAP-ELC-595-29-50 Datasheet
85Kb / 1P
   LED - Chip
ELC-635-14-3 EPIGAP-ELC-635-14-3 Datasheet
99Kb / 1P
   LED - Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com