Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

25-21SURC Datasheet(PDF) 3 Page - Everlight Electronics Co., Ltd

Part # 25-21SURC
Description  Chip LEDs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

25-21SURC Datasheet(HTML) 3 Page - Everlight Electronics Co., Ltd

  25-21SURC Datasheet HTML 1Page - Everlight Electronics Co., Ltd 25-21SURC Datasheet HTML 2Page - Everlight Electronics Co., Ltd 25-21SURC Datasheet HTML 3Page - Everlight Electronics Co., Ltd 25-21SURC Datasheet HTML 4Page - Everlight Electronics Co., Ltd 25-21SURC Datasheet HTML 5Page - Everlight Electronics Co., Ltd 25-21SURC Datasheet HTML 6Page - Everlight Electronics Co., Ltd 25-21SURC Datasheet HTML 7Page - Everlight Electronics Co., Ltd 25-21SURC Datasheet HTML 8Page - Everlight Electronics Co., Ltd 25-21SURC Datasheet HTML 9Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
25-21SURC/S530-XX/TR8
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev.1
Page: 3 of 9
Device No:SZDSE-251-004
Prepared date:22-Aug-2005
Prepared by:Wang Zhiyong
Absolute Maximum Ratings (Ta=25℃)
Parameter
Symbol
Rating
Unit
Reverse Voltage
VR
5
V
Forward Current
IF
25
mA
Operating Temperature
Topr
-40 ~ +85
Storage Temperature
Tstg
-40 ~ +90
Electrostatic Discharge(HBM)
ESD
2000
V
Power Dissipation
Pd
60
mW
Peak Forward Current
(Duty 1/10 @1KHz)
IFP
60
mA
Soldering Temperature
Tsol
Reflow Soldering : 260 ℃ for 10 sec.
Hand Soldering : 350 ℃ for 3 sec.
Electro-Optical Characteristics (Ta=25℃)
Parameter
Symbol
*Chip
Rank
Min.
Typ.
Max.
Unit
Condition
A2
18
43
-----
A3
42
62
-----
A4
57
85
-----
A5
69
106
-----
Luminous Intensity
Iv
A6
83
128
mcd
Viewing Angle
2θ1/2
-----
-----
60
-----
deg
Peak Wavelength
λp
-----
-----
632
-----
nm
Dominant Wavelength
λd
-----
-----
624
-----
nm
Spectrum Radiation
Bandwidth
△λ
-----
-----
20
-----
nm
Forward Voltage
VF
-----
1.7
2.0
2.4
V
IF=20 mA
Reverse Current
IR
-----
-----
-----
10
μA
VR=5V
*25-21SURC/S530-XX/TR8
Chip Rank


Similar Part No. - 25-21SURC

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
25-21SURC/S530-A3/TR8 EVERLIGHT-25-21SURC/S530-A3/TR8 Datasheet
126Kb / 9P
   Technical Data Sheet Reverse Package Chip LED wiyh Inner Lens
25-21SURC EVERLIGHT-25-21SURC_13 Datasheet
126Kb / 9P
   Technical Data Sheet Reverse Package Chip LED wiyh Inner Lens
More results

Similar Description - 25-21SURC

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
17-21UYC EVERLIGHT-17-21UYC Datasheet
152Kb / 10P
   Chip LEDs
23-21SYGC EVERLIGHT-23-21SYGC Datasheet
153Kb / 9P
   Chip LEDs
23-21UYC EVERLIGHT-23-21UYC Datasheet
154Kb / 9P
   Chip LEDs
25-21UBC EVERLIGHT-25-21UBC Datasheet
154Kb / 9P
   Chip LEDs
23-21UBC EVERLIGHT-23-21UBC Datasheet
159Kb / 9P
   Chip LEDs
25-21UYC EVERLIGHT-25-21UYC Datasheet
174Kb / 9P
   Chip LEDs
17-21SYGC-S530 EVERLIGHT-17-21SYGC-S530 Datasheet
241Kb / 10P
   Chip LEDs
25-21SYGC EVERLIGHT-25-21SYGC Datasheet
157Kb / 9P
   Chip LEDs
T1D-CR1S1E EVERLIGHT-T1D-CR1S1E Datasheet
149Kb / 12P
   Chip LEDS
BHC-AN1P2 EVERLIGHT-BHC-AN1P2 Datasheet
149Kb / 10P
   Chip LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com