Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS18B20U Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS18B20U
Description  Programmable Resolution 1-Wire Digital Thermometer
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS18B20U Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS18B20U Datasheet HTML 1Page - Dallas Semiconductor DS18B20U Datasheet HTML 2Page - Dallas Semiconductor DS18B20U Datasheet HTML 3Page - Dallas Semiconductor DS18B20U Datasheet HTML 4Page - Dallas Semiconductor DS18B20U Datasheet HTML 5Page - Dallas Semiconductor DS18B20U Datasheet HTML 6Page - Dallas Semiconductor DS18B20U Datasheet HTML 7Page - Dallas Semiconductor DS18B20U Datasheet HTML 8Page - Dallas Semiconductor DS18B20U Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
DS18B20
2 of 22
ORDERING INFORMATION
PART
TEMP RANGE
PIN-PACKAGE
TOP MARK
DS18B20
-55
°C to +125°C
3 TO-92
18B20
DS18B20+
-55
°C to +125°C
3 TO-92
18B20
DS18B20/T&R
-55
°C to +125°C
3 TO-92 (2000 Piece)
18B20
DS18B20+T&R
-55
°C to +125°C
3 TO-92 (2000 Piece)
18B20
DS18B20-SL/T&R
-55
°C to +125°C
3 TO-92 (2000 Piece)*
18B20
DS18B20-SL+T&R
-55
°C to +125°C
3 TO-92 (2000 Piece)*
18B20
DS18B20U
-55
°C to +125°C
8
μSOP
18B20
DS18B20U+
-55
°C to +125°C
8
μSOP
18B20
DS18B20U/T&R
-55
°C to +125°C
8
μSOP (3000 Piece)
18B20
DS18B20U+T&R
-55
°C to +125°C
8
μSOP (3000 Piece)
18B20
DS18B20Z
-55
°C to +125°C
8 SO
DS18B20
DS18B20Z+
-55
°C to +125°C
8 SO
DS18B20
DS18B20Z/T&R
-55
°C to +125°C
8 SO (2500 Piece)
DS18B20
DS18B20Z+T&R
-55
°C to +125°C
8 SO (2500 Piece)
DS18B20
+Denotes a lead-free package. A “+” will appear on the top mark of lead-free packages.
T&R = Tape and reel.
*TO-92 packages in tape and reel can be ordered with straight or formed leads. Choose “SL” for straight leads. Bulk TO-92 orders are straight
leads only.
PIN DESCRIPTION
PIN
SO
μSOP
TO-92
NAME
FUNCTION
1, 2, 6,
7, 8
2, 3, 5,
6, 7
N.C.
No Connection
3
8
3
VDD
Optional VDD. VDD must be grounded for operation in
parasite power mode.
4
1
2
DQ
Data Input/Output. Open-drain 1-Wire interface pin. Also
provides power to the device when used in parasite power
mode (see the Powering the DS18B20 section.)
5
4
1
GND
Ground
OVERVIEW
Figure 1 shows a block diagram of the DS18B20, and pin descriptions are given in the Pin Description
table. The 64-bit ROM stores the device’s unique serial code. The scratchpad memory contains the 2-byte
temperature register that stores the digital output from the temperature sensor. In addition, the scratchpad
provides access to the 1-byte upper and lower alarm trigger registers (TH and TL) and the 1-byte
configuration register. The configuration register allows the user to set the resolution of the temperature-
to-digital conversion to 9, 10, 11, or 12 bits. The TH, TL, and configuration registers are nonvolatile
(EEPROM), so they will retain data when the device is powered down.
The DS18B20 uses Maxim’s exclusive 1-Wire bus protocol that implements bus communication using
one control signal. The control line requires a weak pullup resistor since all devices are linked to the bus
via a 3-state or open-drain port (the DQ pin in the case of the DS18B20). In this bus system, the
microprocessor (the master device) identifies and addresses devices on the bus using each device’s unique
64-bit code. Because each device has a unique code, the number of devices that can be addressed on one


Similar Part No. - DS18B20U

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS18B20U MAXIM-DS18B20U Datasheet
322Kb / 22P
   Programmable Resolution 1-Wire Digital Thermometer
2008
logo
Guangdong Youtai Semico...
DS18B20U UMW-DS18B20U Datasheet
3Mb / 25P
   The DS18B20 digital thermometer provides 9-bit to 12-bit Celsius temperature measurements and has an alarm function with nonvolatile user- programmable upper and lower trigger points.
More results

Similar Description - DS18B20U

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS18B20 MAXIM-DS18B20 Datasheet
396Kb / 20P
   Programmable Resolution 1-Wire Digital Thermometer
Rev 6; 7/19
DS18B20 MAXIM-DS18B20_V01 Datasheet
322Kb / 22P
   Programmable Resolution 1-Wire Digital Thermometer
2008
logo
Dallas Semiconductor
DS18B20 DALLAS-DS18B20 Datasheet
391Kb / 27P
   Programmable Resolution 1-Wire Digital Thermometer
DS18B20 DALLAS-DS18B20_07 Datasheet
223Kb / 21P
   Programmable Resolution 1-Wire Digital Thermometer
logo
Maxim Integrated Produc...
DS1825 MAXIM-DS1825 Datasheet
286Kb / 21P
   Programmable Resolution 1-Wire Digital Thermometer With 4-Bit ID
Rev 020105
DS18B20 MAXIM-DS18B20_08 Datasheet
261Kb / 22P
   1-Wire Digital Thermometer
REV: 042208
logo
Dallas Semiconductor
DS1820 DALLAS-DS1820 Datasheet
151Kb / 27P
   1-Wire Digital Thermometer
logo
TelCom Semiconductor, I...
TC625 TELCOM-TC625 Datasheet
68Kb / 2P
   1-WIRE DIGITAL THERMOMETER
logo
Dallas Semiconductor
DS18B20X DALLAS-DS18B20X Datasheet
184Kb / 21P
   Flipchip 1-Wire Digital Thermometer
DS1822 DALLAS-DS1822 Datasheet
268Kb / 20P
   Econo 1-Wire Digital Thermometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com