Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C328R-6016 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # C328R-6016
Description  JPEG Camera Module W/ UART Interface
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

C328R-6016 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  C328R-6016 Datasheet HTML 1Page - List of Unclassifed Manufacturers C328R-6016 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev 2.01
C328R
JPEG Camera Module
W/ UART Interface
General Description
The C328R is VGA camera module performs as a JPEG compressed still camera and can be attached to a
wireless or PDA host. Users can send out a snapshot command from the host in order to capture a full
resolution single-frame still picture. The picture is then compressed by the JPEG engine and transferred to
the host thru serial port.
Block Diagram
Features
Small in size, 20x28mm
VGA resolution, down sample to QVGA or CIF
3.3V operation
Low power consumption 60mA
User friendly commands to control the module
UART interface of up to 115.2Kbps
Auto detect baud rate and make connection to the host
Power saving mode
Various lens options
Pin Description
Pin
Description
VCC
Power 3.3VDC
TxD
Data Transmit (3.3V)
RxD
Data Receive (3.3V)
GND
Power Ground
Connector specification: 2mm pitch, 4pin single row
Reference part no: Suyin 190600
Mating connector: Suyin 140600
Command Summary
Detail Command control, please refer to the user’s manual
1.
Initial
To configure the image size, color type
2.
Get Picture
Get Picture type
3.
Snapshot
Set snap shot image type
4.
Set Package Size
Set the package size to transmit data from module to Host
5.
Set Baudrate
Change the baud rate
6.
Reset
Reset the whole system or reset the state machine
7.
Power Off
To enter sleep mode
8.
Data
Set the data type and length for transmitting data to host
9.
SYNC
Sync signal to connect between host and module
10.
ACK
Command to indicate the communication success
11.
NAK
Command to indicate the communication fail with error code
VGA
Image
Sensor
JPEG
Compression
Engine
EEPROM
(program)
VCC
GND
TxD
RxD
GND
RxD
TxD
VCC
Bottom View


Similar Part No. - C328R-6016

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C328 KEMET-C328 Datasheet
5Mb / 66P
   Aluminum Electrolytic Capacitors
logo
Savantic, Inc.
C3280 SAVANTIC-C3280 Datasheet
156Kb / 4P
   Silicon NPN Power Transistors
logo
Mospec Semiconductor
C3281 MOSPEC-C3281 Datasheet
134Kb / 3P
   POWER TRANSISTORS(15A,200V,150W)
logo
Kemet Corporation
C328C106J1R5HA7301 KEMET-C328C106J1R5HA7301 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
C328C106J1R5TA7301 KEMET-C328C106J1R5TA7301 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
More results

Similar Description - C328R-6016

ManufacturerPart #DatasheetDescription
logo
Rohm
BU1563GV ROHM-BU1563GV Datasheet
285Kb / 6P
   Built-in JPEG Codec, VGA Camera Module Interface, and QCIF LCD controller interface
BU1561GV ROHM-BU1561GV Datasheet
282Kb / 6P
   Built-in JPEG Codec, SXGA Camera Module Interface, and QCIFLCD controller interface
logo
Winbond
W99681CF WINBOND-W99681CF Datasheet
816Kb / 78P
   JPEG USB Dual Mode Camera Chip
logo
Epson Company
S1S65010 EPSON-S1S65010 Datasheet
156Kb / 14P
   Network Camera Controller with JPEG Encoder
logo
Rohm
BU6566GVW ROHM-BU6566GVW_09 Datasheet
431Kb / 17P
   Camera Image Processors Compatible with JPEG Image
logo
Sony Corporation
XCST50 SONY-XCST50 Datasheet
579Kb / 31P
   CCD B/W VIDEO CAMERA MODULE
logo
Actel Corporation
A3P250 ACTEL-A3P250 Datasheet
538Kb / 1P
   Camera Interface
logo
Motorola, Inc
MCF5307TR MOTOROLA-MCF5307TR Datasheet
53Kb / 16P
   UART MODULE
logo
Mitsumi Electronics, Co...
CMV-61CX MITSUMI-CMV-61CX Datasheet
46Kb / 2P
   Camera module
logo
List of Unclassifed Man...
CH340G ETC-CH340G Datasheet
2Mb / 9P
   USB to UART Interface
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com