Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD30 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD30
Description  3.3 V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD30 Datasheet(HTML) 1 Page - Texas Instruments

  SN65HVD30 Datasheet HTML 1Page - Texas Instruments SN65HVD30 Datasheet HTML 2Page - Texas Instruments SN65HVD30 Datasheet HTML 3Page - Texas Instruments SN65HVD30 Datasheet HTML 4Page - Texas Instruments SN65HVD30 Datasheet HTML 5Page - Texas Instruments SN65HVD30 Datasheet HTML 6Page - Texas Instruments SN65HVD30 Datasheet HTML 7Page - Texas Instruments SN65HVD30 Datasheet HTML 8Page - Texas Instruments SN65HVD30 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
D-14(SOIC)
RHL (QFN)
D-8(SOIC)
1
FEATURES
APPLICATIONS
DESCRIPTION
IMPROVED REPLACEMENT FOR:
SN65HVD30 – SN65HVD39
SLLS665E – SEPTEMBER 2005 – REVISED MARCH 2008
www.ti.com
3.3 V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
Each driver and receiver has separate input and
output
pins
for
full-duplex
bus
communication
• 1/8 Unit-Load Option Available (Up to
designs.
They
are
designed
for
balanced
256 Nodes on the Bus)
transmission lines and inter-operation with ANSI
• Bus-Pin ESD Protection Exceeds 15 kV HBM
TIA/EIA-485A, TIA/EIA-422-B, ITU-T v.11 and ISO
8482:1993 standard-compliant devices.
• Optional Driver Output Transition Times for
Signaling Rates(1) of 1 Mbps, 5 Mbps and
The
SN65HVD30,
SN65HVD31,
SN65HVD32,
26 Mbps
SN65HVD36 and SN65HVD37 are fully enabled with
no external enabling pins.
• Low-Current Standby Mode: < 1 µA
• Glitch-Free Power-Up and Power-Down
The
SN65HVD33,
SN65HVD34,
SN65HVD35,
Protection for Hot-Plugging Applications
SN65HVD38, and SN65HVD39 have active-high
driver enables and active-low receiver enables. A low,
• 5-V Tolerant Inputs
less than 1
µA, standby current can be achieved by
• Bus Idle, Open, and Short Circuit Failsafe
disabling both the driver and receiver.
• Driver Current Limiting and Thermal Shutdown
All
devices
are
characterized
for
ambient
• Meets or Exceeds the Requirements of ANSI
temperatures from –40
°C to 85°C. Low power
TIA/EIA-485-A and RS-422 Compatible
dissipation allows operation at temperatures up to
• 5-V Devices available, SN65HVD50-59
105
°C or 125°C, depending on package option.
(1)
Line Signaling Rate is the number of voltage transitions made
The preview devices SN65HVD36 and SN65HVD38
per second expressed in units of bps (bits per second).
implement
receiver
equalization
technology
for
improved
jitter
performance
on
differential
bus
applications with data rates up to 20 Mbps at cable
lengths up to 160 meters.
• Utility Meters
• DTE/DCE Interfaces
The preview devices SN65HVD37 and SN65HVD39
• Industrial, Process, and Building Automation
implement
receiver
equalization
technology
for
improved
jitter
performance
on
differential
bus
• Point-of-Sale (POS) Terminals and Networks
applications with data rates in the range of 1 to 5
Mbps at cable lengths up to 1000 meters.
The SN65HVD3X devices are 3-state differential line
drivers
and
differential-input
line
receivers
that
operate with 3.3-V power supply.
Part Number
Replace with
xxx3491
SN65HVD33:
Better ESD protection (15kV vs 2kV or not specified) Higher Signaling Rate (26Mbps vs 20Mbps)
xxx3490
SN65HVD30:
Fractional Unit Load (64 Nodes vs 32)
MAX3491E
SN65HVD33:
Higher Signaling Rate (26Mbps vs 12Mbps) Fractional Unit Load (64 Nodes vs 32)
MAX3490E
SN65HVD30:
MAX3076E
SN65HVD33:
Higher Signaling Rate (26Mbps vs 16Mbps) Lower Standby Current (1
µA vs 10 µA)
MAX3077E
SN65HVD30:
MAX3073E
SN65HVD34:
Higher Signaling Rate (5Mbps vs 500kbps) Lower Standby Current (1
µA vs 10 µA)
MAX3074E
SN65HVD31:
MAX3070E
SN65HVD35:
Higher Signaling Rate (1Mbps vs 250kbps) Lower Standby Current (1
µA vs 10 µA)
MAX3071E
SN65HVD32:
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
UNLESS
OTHERWISE
NOTED
this
document
contains
Copyright © 2005–2008, Texas Instruments Incorporated
PRODUCTION DATA information current as of publication date.
Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN65HVD30

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD30 TI-SN65HVD30 Datasheet
1Mb / 21P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30 TI-SN65HVD30 Datasheet
726Kb / 25P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30 TI1-SN65HVD30 Datasheet
1Mb / 42P
[Old version datasheet]   SN65HVD3x 3.3-V Full-Duplex RS-485 Drivers and Receivers
SN65HVD30 TI1-SN65HVD30 Datasheet
1Mb / 37P
[Old version datasheet]   SN65HVD3x-EP 3.3-V Full-Duplex RS-485 Drivers And Receivers
SN65HVD30-EP TI1-SN65HVD30-EP Datasheet
853Kb / 25P
[Old version datasheet]   3.3-V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
More results

Similar Description - SN65HVD30

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD30-EP TI1-SN65HVD30-EP Datasheet
853Kb / 25P
[Old version datasheet]   3.3-V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30 TI1-SN65HVD30_15 Datasheet
1Mb / 42P
[Old version datasheet]   SN65HVD3x 3.3-V Full-Duplex RS-485 Drivers and Receivers
SN65HVD379 TI-SN65HVD379 Datasheet
515Kb / 14P
[Old version datasheet]   3.3 V FULL-DUPLEX RS-485/RS-422 DRIVERS AND BALANCED RECEIVERS
SN65HVD30-EP TI1-SN65HVD30-EP_15 Datasheet
1Mb / 37P
[Old version datasheet]   SN65HVD3x-EP 3.3-V Full-Duplex RS-485 Drivers And Receivers
SN65HVD30 TI-SN65HVD30 Datasheet
1Mb / 21P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30 TI-SN65HVD30_07 Datasheet
726Kb / 25P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD179 TI-SN65HVD179 Datasheet
374Kb / 14P
[Old version datasheet]   5 V FULL-DUPLEX RS-485/RS-422 DRIVERS AND BALANCED RECEIVERS
SN65HVD50 TI-SN65HVD50 Datasheet
1Mb / 23P
[Old version datasheet]   HIGH OUTPUT FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD3086E TI-SN65HVD3086E Datasheet
419Kb / 15P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD3080E TI1-SN65HVD3080E_16 Datasheet
1Mb / 23P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com