Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMAAXX33007701EE Datasheet(PDF) 11 Page - Texas Instruments

Part # MMAAXX33007701EE
Description  3.3 V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MMAAXX33007701EE Datasheet(HTML) 11 Page - Texas Instruments

Back Button MMAAXX33007701EE Datasheet HTML 7Page - Texas Instruments MMAAXX33007701EE Datasheet HTML 8Page - Texas Instruments MMAAXX33007701EE Datasheet HTML 9Page - Texas Instruments MMAAXX33007701EE Datasheet HTML 10Page - Texas Instruments MMAAXX33007701EE Datasheet HTML 11Page - Texas Instruments MMAAXX33007701EE Datasheet HTML 12Page - Texas Instruments MMAAXX33007701EE Datasheet HTML 13Page - Texas Instruments MMAAXX33007701EE Datasheet HTML 14Page - Texas Instruments MMAAXX33007701EE Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
www.ti.com
Y
Z
W
W
W
»
»
V
I
V
O
t
PZH(1&2)
50 W
D
DS1
3V
Y
0VZ
Y
Z
V
I
R
L =110 W
±1%
C
L
=50 pF
±20%
V
O
Generator:PRR=50kHz,50%DutyCycle,t
r <6ns,tf <6ns,Z 0 =50 W
C
L
IncludesFixtureandInstrumentationCapacitance
3V
1.5V
1.5V
t
PHZ
2.3V
DE
Input
Generator
~0V
V
OH
0.5V
0V
S1
Input
Generator
50 Ω
VO
S1
V
CC
3V
V
CC
1.5V
1.5V
tPZL(1&2)
tPLZ
2.3V
0.5V
0V
VOL
VI
VO
RL =110 Ω
± 1%
CL =50pF ±20%
D
Y
Z
DE
VI
DS1
3VZ
0V
Y
Generator:PRR=50kHz,50%DutyCycle,t
r <6ns,tf <6ns,Z 0 =50 W
C
L
IncludesFixtureandInstrumentationCapacitance
SN65HVD30 – SN65HVD39
SLLS665E – SEPTEMBER 2005 – REVISED MARCH 2008
PARAMETER MEASUREMENT INFORMATION (continued)
Figure 5. Driver Switching Test Circuit and Voltage Waveforms
Figure 6. Driver High-Level Output Enable and Disable Time Test Circuit and Voltage Waveforms
Figure 7. Driver Low-Level Output Enable and Disable Time Test Circuit and Voltage Waveforms
Copyright © 2005–2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s) :SN65HVD30 – SN65HVD39


Similar Part No. - MMAAXX33007701EE

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
MMAAP15K-F CDE-MMAAP15K-F Datasheet
231Kb / 2P
   Metallized Polyester Capacitors Oval Axial Leaded Capacitors for AC Applications
MMAAP1K-F CDE-MMAAP1K-F Datasheet
231Kb / 2P
   Metallized Polyester Capacitors Oval Axial Leaded Capacitors for AC Applications
MMAAP22K-F CDE-MMAAP22K-F Datasheet
231Kb / 2P
   Metallized Polyester Capacitors Oval Axial Leaded Capacitors for AC Applications
MMAAP33K-F CDE-MMAAP33K-F Datasheet
231Kb / 2P
   Metallized Polyester Capacitors Oval Axial Leaded Capacitors for AC Applications
MMAAP47K-F CDE-MMAAP47K-F Datasheet
231Kb / 2P
   Metallized Polyester Capacitors Oval Axial Leaded Capacitors for AC Applications
More results

Similar Description - MMAAXX33007701EE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD30-EP TI1-SN65HVD30-EP Datasheet
853Kb / 25P
[Old version datasheet]   3.3-V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30 TI1-SN65HVD30_15 Datasheet
1Mb / 42P
[Old version datasheet]   SN65HVD3x 3.3-V Full-Duplex RS-485 Drivers and Receivers
SN65HVD379 TI-SN65HVD379 Datasheet
515Kb / 14P
[Old version datasheet]   3.3 V FULL-DUPLEX RS-485/RS-422 DRIVERS AND BALANCED RECEIVERS
SN65HVD30-EP TI1-SN65HVD30-EP_15 Datasheet
1Mb / 37P
[Old version datasheet]   SN65HVD3x-EP 3.3-V Full-Duplex RS-485 Drivers And Receivers
SN65HVD30 TI-SN65HVD30 Datasheet
1Mb / 21P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30 TI-SN65HVD30_07 Datasheet
726Kb / 25P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD179 TI-SN65HVD179 Datasheet
374Kb / 14P
[Old version datasheet]   5 V FULL-DUPLEX RS-485/RS-422 DRIVERS AND BALANCED RECEIVERS
SN65HVD50 TI-SN65HVD50 Datasheet
1Mb / 23P
[Old version datasheet]   HIGH OUTPUT FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD3086E TI-SN65HVD3086E Datasheet
419Kb / 15P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD3080E TI1-SN65HVD3080E_16 Datasheet
1Mb / 23P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com