Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C32 Datasheet(PDF) 10 Page - Texas Instruments

Part # TMS320C32
Description  DIGITAL SIGNAL PROCESSOR
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C32 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMS320C32_07 Datasheet HTML 6Page - Texas Instruments TMS320C32_07 Datasheet HTML 7Page - Texas Instruments TMS320C32_07 Datasheet HTML 8Page - Texas Instruments TMS320C32_07 Datasheet HTML 9Page - Texas Instruments TMS320C32_07 Datasheet HTML 10Page - Texas Instruments TMS320C32_07 Datasheet HTML 11Page - Texas Instruments TMS320C32_07 Datasheet HTML 12Page - Texas Instruments TMS320C32_07 Datasheet HTML 13Page - Texas Instruments TMS320C32_07 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 45 page
background image
TMS320C32
DIGITAL SIGNAL PROCESSOR
SPRS027C – JANUARY 1995 – REVISED DECEMBER 1996
10
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
external memory interface (continued)
D For 32-bit-wide physical memory, all STRB0 and STRB1 pins function as byte-enable (chip-select) pins.
See Figure 4.
STRB0_B2/A –2
CS
A14
A13
A2
A1
A0
Data
CS
Data
A14
A13
A2
A1
A0
STRB0_B3/A –1
CS
Data
A2
A13
A14
A0
A1
32-Bit Data Bus
CS
Data
A0
A1
A2
A13
A14
STRB0_B0
STRB0_B1
A0
A1
A2
A13
A14
Data
.
.
.
.
.
.
.
.
.
.
8
8
8
8
32
Figure 4. ’C32 With 32-Bit-Wide External Memory
For more detailed information and examples see
TMS320C32 Addendum to the TMS320C3x User’s Guide
(literature number SPRU132) and
Interfacing Memory to the TMS320C32 DSP Application Report (literature
number SPRA040).
D The IOSTRB control signal, like STRB0 and STRB1, also is mapped to a specific range of addresses but
it is a single signal that can access only 32-bit data from 32-bit-wide memory. Its range of addresses appears
in the TMS320C32 memory map, shown in Figure 8. The IOSTRB bus timing is different from the STRB0
and STRB1 bus timings to accommodate slower I/O peripherals.


Similar Part No. - TMS320C32_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C32 TI-TMS320C32_06 Datasheet
654Kb / 45P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results

Similar Description - TMS320C32_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C30 TI-SMJ320C30 Datasheet
726Kb / 47P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C32 TI-TMS320C32 Datasheet
645Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320VC33 TI-TMS320VC33 Datasheet
654Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C30 TI1-TMS320C30_16 Datasheet
753Kb / 53P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320C26B TI1-SM320C26B Datasheet
448Kb / 42P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
logo
Samsung semiconductor
S5L9286F02 SAMSUNG-S5L9286F02 Datasheet
598Kb / 35P
   DIGITAL SIGNAL PROCESSOR
logo
Texas Instruments
TMS320P25 TI-TMS320P25 Datasheet
763Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_06 Datasheet
832Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_07 Datasheet
826Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320F2812-HT TI-SM320F2812-HT Datasheet
1Mb / 155P
[Old version datasheet]   Digital Signal Processor
SM320C32-EP TI1-SM320C32-EP Datasheet
621Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com