Electronic Components Datasheet Search |
|
SN65HVD38 Datasheet(PDF) 8 Page - Texas Instruments |
|
SN65HVD38 Datasheet(HTML) 8 Page - Texas Instruments |
8 / 28 page www.ti.com RECEIVER SWITCHING CHARACTERISTICS RECEIVER EQUALIZATION CHARACTERISTICS SN65HVD30 – SN65HVD39 SLLS665E – SEPTEMBER 2005 – REVISED MARCH 2008 over recommended operating conditions unless otherwise noted PARAMETER TEST CONDITIONS MIN TYP(1) MAX UNIT HVD30, HVD33, HVD36, HVD38 26 45 Propagation delay time, tPLH HVD31, HVD32, HVD34, HVD35, low-to-high-level output 47 70 HVD37, HVD39 HVD30, HVD33, HVD36, HVD38 29 45 Propagation delay time, tPHL HVD31, HVD32, HVD34, HVD35, high-to-low-level output 49 70 VID = -1.5 V to 1.5 V, HVD37, HVD39 CL = 15 pF, See Figure 9 HVD30, HVD33, HVD36, HVD37, 7 HVD38, HVD39 tsk(p) Pulse skew (|tPHL – tPLH|) HVD31, HVD34, HVD32, HVD35 10 ns tr Output signal rise time 5 tf Output signal fall time 6 tPHZ Output disable time from high level 20 DE at 3 V CL = 15 pF, tPZH1 Output enable time to high level 20 See Figure 10 tPZH2 Propagation delay time, standby-to-high-level output DE at 0 V 4000 tPLZ Output disable time from low level 20 DE at 3 V CL = 15 pF, tPZL1 Output enable time to low level 20 See Figure 11 tPZL2 Propagation delay time, standby-to-low-level output DE at 0 V 4000 (1) All typical values are at 25 °C and with a 3.3-V supply over recommended operating conditions unless otherwise noted PARAMETER TEST CONDITIONS DEVICE MIN TYP(1) MAX UNIT 0 m HVD36, HVD38 PREVIEW HVD33(2) PREVIEW 100 m HVD36, HVD38 PREVIEW 25 Mbps HVD33(2) PREVIEW 150 m HVD36, HVD38 PREVIEW HVD33(2) PREVIEW 200 m HVD36, HVD38 PREVIEW HVD33(2) PREVIEW 200 m HVD36, HVD38 PREVIEW HVD33(2) PREVIEW Pseudo-random NRZ code 10 Mbps 250 m Peak-to-peak tj(pp) with a bit pattern length of HVD36, HVD38 PREVIEW ns eye-pattern jitter 216–1, Belden 3105A cable HVD33(2) PREVIEW 300 m HVD36, HVD38 PREVIEW HVD34(2) PREVIEW 5 Mbps 500 m HVD37, HVD39 PREVIEW HVD33(2) PREVIEW HVD34(2) PREVIEW 3 Mbps 500 m HVD36, HVD38 PREVIEW HVD37, HVD39 PREVIEW HVD34(2) PREVIEW 1 Mbps 1000 m HVD37, HVD39 PREVIEW (1) All typical values are at VCC = 5 V, and temperature = 25°C. (2) The HVD33 and the HVD34 do not have receiver equalization but are specified for comparison. 8 Submit Documentation Feedback Copyright © 2005–2008, Texas Instruments Incorporated Product Folder Link(s) :SN65HVD30 – SN65HVD39 |
Similar Part No. - SN65HVD38 |
|
Similar Description - SN65HVD38 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |