Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S530-A3-TR8 Datasheet(PDF) 6 Page - Everlight Electronics Co., Ltd

Part # S530-A3-TR8
Description  High Performance SMD LED with Reflector
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

S530-A3-TR8 Datasheet(HTML) 6 Page - Everlight Electronics Co., Ltd

Back Button S530-A3-TR8 Datasheet HTML 2Page - Everlight Electronics Co., Ltd S530-A3-TR8 Datasheet HTML 3Page - Everlight Electronics Co., Ltd S530-A3-TR8 Datasheet HTML 4Page - Everlight Electronics Co., Ltd S530-A3-TR8 Datasheet HTML 5Page - Everlight Electronics Co., Ltd S530-A3-TR8 Datasheet HTML 6Page - Everlight Electronics Co., Ltd S530-A3-TR8 Datasheet HTML 7Page - Everlight Electronics Co., Ltd S530-A3-TR8 Datasheet HTML 8Page - Everlight Electronics Co., Ltd S530-A3-TR8 Datasheet HTML 9Page - Everlight Electronics Co., Ltd S530-A3-TR8 Datasheet HTML 10Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
EVERLIGHT ELECTRONICS CO., LTD.
Technical Data Sheet - Preliminary
High Performance SMD LED with Reflector
93-22SURSYGC/S530-A3/TR8
Everlight Electronics Co., Ltd
http://www.everlight.com
Rev. 1.1
Page: 6 of 11
Device No.: DSE-932-032
Prepared date: 20-Nov-2007
Prepared by: Josh Chou
Typical Electro-Optical Characteristics Curves(SYG)
0.7
0.8
0.9
1.0
0.4
0.5 0.3
0.2
0.1
0.6
80°
90°
50°
60°
70°
40°
Radiation Diagram
10°
20°
30°
Ta=25°C
Ambient Temperature T (°C)
-60
1
10
-20
-40
0
20
60
40
a
100
80
100
1000
Ambient Temperature
550
25
0
50
75
100
Wavelength λ (nm)
600
650
Ta=25°C
Spectrum Distribution
Ambient Temperature T (°C)
a
Forward Current Derating Curve
0
0
40
20
60
100
80
Forward Voltage V (V)
F
1.2
0
10
20
30
40
50
Forward Voltage
2.8
2.0
1.6
2.4
3.0
Ta=25°C
Forward Current vs.
10
10
1
100
1000
Forward Current I (mA)
0
1
10
2
10
F
3
10
Relative Luminous Intensity vs.
Ta=25°C
f=1KHz
Duty=1/10
Forward Current
10
20
30
Relative Luminous Intensity vs.
450
500


Similar Part No. - S530-A3-TR8

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
S530-A3-E2-TR8 EVERLIGHT-S530-A3-E2-TR8 Datasheet
262Kb / 11P
   Right Angle Lens Chip LEDs With Bi-Color(Multi-Color)
More results

Similar Description - S530-A3-TR8

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
96-22UBC EVERLIGHT-96-22UBC Datasheet
96Kb / 6P
   High performance SMD LED with Reflector
96-22SUBC EVERLIGHT-96-22SUBC Datasheet
118Kb / 6P
   High performance SMD LED with Reflector
96-22SUGC EVERLIGHT-96-22SUGC Datasheet
95Kb / 6P
   High performance SMD LED with Reflector
G6R7C-B01 EVERLIGHT-G6R7C-B01 Datasheet
237Kb / 12P
   High performance SMD LED with Reflector
93-21SYGC EVERLIGHT-93-21SYGC Datasheet
228Kb / 9P
   High Performance SMD LED with Reflector
93-21UBC EVERLIGHT-93-21UBC Datasheet
136Kb / 10P
   High Performance SMD LED with Reflector
93-21UYOC EVERLIGHT-93-21UYOC Datasheet
156Kb / 9P
   High Performance SMD LED with Reflector
96-22SURC EVERLIGHT-96-22SURC Datasheet
104Kb / 6P
   High performance SMD LED with Reflector
97-22SUBC EVERLIGHT-97-22SUBC Datasheet
99Kb / 7P
   High performance SMD LED with Reflector
93-22SURSYGC-S530-A3-TR8 EVERLIGHT-93-22SURSYGC-S530-A3-TR8 Datasheet
212Kb / 11P
   High Performance SMD LED with Reflector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com