Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M74HC4075 Datasheet(PDF) 2 Page - STMicroelectronics

Part # M74HC4075
Description  TRIPLE 3 INPUT OR GATE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC4075 Datasheet(HTML) 2 Page - STMicroelectronics

  M74HC4075 Datasheet HTML 1Page - STMicroelectronics M74HC4075 Datasheet HTML 2Page - STMicroelectronics M74HC4075 Datasheet HTML 3Page - STMicroelectronics M74HC4075 Datasheet HTML 4Page - STMicroelectronics M74HC4075 Datasheet HTML 5Page - STMicroelectronics M74HC4075 Datasheet HTML 6Page - STMicroelectronics M74HC4075 Datasheet HTML 7Page - STMicroelectronics M74HC4075 Datasheet HTML 8Page - STMicroelectronics M74HC4075 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TRUTH TABLE
AB
CY
LL
LL
HX
X
H
XH
XH
XXH
H
PIN DESCRIPTION
PIN No
SYMBOL
NAME AND FUNCTION
3, 1, 11
1A to 3A
Data Inputs
4, 2, 12
1B to 3B
Data Inputs
5, 8, 13
1C to 3C
Data Inputs
6, 9, 10
1Y to 3Y
Data Outputs
7
GND
Ground (0V)
14
VCC
Positive Supply Voltage
IEC LOGIC SYMBOL
SCHEMATIC CIRCUIT (Per Gate)
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
-0.5 to +7
V
VI
DC Input Voltage
-0.5 to VCC + 0.5
V
VO
DC Output Voltage
-0.5 to VCC + 0.5
V
IIK
DC Input Diode Current
± 20
mA
IOK
DC Output Diode Current
± 20
mA
IO
DC Output Source Sink Current Per Output Pin
± 25
mA
ICC or IGND
DC VCC or Ground Current
± 50
mA
PD
Power Dissipation
500 (*)
mW
Tstg
Storage Temperature
-65 to +150
oC
TL
Lead Temperature (10 sec)
300
oC
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition is not implied.
(*) 500 mW:
≅ 65 oC derate to 300 mW by 10mW/oC: 65 oCto 85 oC
M54/M74HC4075
2/9


Similar Part No. - M74HC4075

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC4075 STMICROELECTRONICS-M74HC4075 Datasheet
190Kb / 8P
   TRIPLE 3-INPUT OR GATE
M74HC4075B1R STMICROELECTRONICS-M74HC4075B1R Datasheet
190Kb / 8P
   TRIPLE 3-INPUT OR GATE
M74HC4075M1R STMICROELECTRONICS-M74HC4075M1R Datasheet
190Kb / 8P
   TRIPLE 3-INPUT OR GATE
M74HC4075RM13TR STMICROELECTRONICS-M74HC4075RM13TR Datasheet
190Kb / 8P
   TRIPLE 3-INPUT OR GATE
M74HC4075TTR STMICROELECTRONICS-M74HC4075TTR Datasheet
190Kb / 8P
   TRIPLE 3-INPUT OR GATE
More results

Similar Description - M74HC4075

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4075B STMICROELECTRONICS-HCF4075B Datasheet
139Kb / 7P
   TRIPLE 3 INPUT OR GATE
logo
Nexperia B.V. All right...
74HC4075-Q100 NEXPERIA-74HC4075-Q100 Datasheet
219Kb / 12P
   Triple 3-input OR gate
74HCT4075 NEXPERIA-74HCT4075 Datasheet
200Kb / 11P
   Triple 3-input OR gate
Rev. 4 - 4 February 2019
logo
Hitachi Semiconductor
HD14075B HITACHI-HD14075B Datasheet
51Kb / 4P
   Triple 3-input OR Gate
logo
NXP Semiconductors
74HC4075 PHILIPS-74HC4075 Datasheet
32Kb / 5P
   Triple 3-input OR gate
December 1990
logo
Toshiba Semiconductor
TC74HC4075AP TOSHIBA-TC74HC4075AP Datasheet
176Kb / 4P
   TRIPLE 3-INPUT OR GATE
logo
National Semiconductor ...
MM54HC4075 NSC-MM54HC4075 Datasheet
113Kb / 4P
   Triple 3-Input OR Gate
logo
Nexperia B.V. All right...
74HCT4075-Q100 NEXPERIA-74HCT4075-Q100 Datasheet
218Kb / 12P
   Triple 3-input OR gate
Rev. 2 - 4 February 2019
logo
NXP Semiconductors
HEF4075B PHILIPS-HEF4075B Datasheet
25Kb / 3P
   Triple 3-input OR gate
January 1995
logo
STMicroelectronics
M74HC4075 STMICROELECTRONICS-M74HC4075 Datasheet
190Kb / 8P
   TRIPLE 3-INPUT OR GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com