Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT16VDDF6464HG-335 Datasheet(PDF) 4 Page - Micron Technology

Part # MT16VDDF6464HG-335
Description  SMALL-OUTLINE DDR SDRAM DIMM
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT16VDDF6464HG-335 Datasheet(HTML) 4 Page - Micron Technology

  MT16VDDF6464HG-335 Datasheet HTML 1Page - Micron Technology MT16VDDF6464HG-335 Datasheet HTML 2Page - Micron Technology MT16VDDF6464HG-335 Datasheet HTML 3Page - Micron Technology MT16VDDF6464HG-335 Datasheet HTML 4Page - Micron Technology MT16VDDF6464HG-335 Datasheet HTML 5Page - Micron Technology MT16VDDF6464HG-335 Datasheet HTML 6Page - Micron Technology MT16VDDF6464HG-335 Datasheet HTML 7Page - Micron Technology MT16VDDF6464HG-335 Datasheet HTML 8Page - Micron Technology MT16VDDF6464HG-335 Datasheet HTML 9Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
512MB, 1GB (x64)
200-PIN DDR SODIMM
09005aef80a646bc
Micron Technology, Inc., reserves the right to change products or specifications without notice.
DDF16C64_128x64HG_B.fm - Rev. B 7/03 EN
4
©2003 Micron Technology, Inc.
Table 5:
Pin Descriptions
Pin numbers may not correlate with symbols. Refer to Pin Assignment Tables on page 3 for more information
PIN NUMBERS
SYMBOL
TYPE
DESCRIPTION
118, 119, 120
WE#,
CAS#,RAS#
Input
Command Inputs: RAS#, CAS#, and WE# (along with S#) define
the command being entered.
35, 37, 158, 160
CK0, CK0#
CK1, CK1#
Input
Clock: CK, CK# are differential clock inputs. All address and
control input signals are sampled on the crossing of the
positive edge of CK, and negative edge of CK#. Output data
(DQs and DQS) is referenced to the crossings of CK and CK#.
95, 96
CKE0, CKE1
Input
Clock Enable: CKE HIGH activates and CKE LOW deactivates the
internal clock, input buffers and output drivers. Taking CKE
LOW provides PRECHARGE POWER-DOWN and SELF REFRESH
operations (all device banks idle), or ACTIVE POWER-DOWN
(row ACTIVE in any device bank). CKE is synchronous for
POWER-DOWN entry and exit, and for SELF REFRESH entry. CKE
is asynchronous for SELF REFRESH exit and for disabling the
outputs. CKE must be maintained HIGH throughout read and
write accesses. Input buffers (excluding CK, CK# and CKE) are
disabled during POWER-DOWN. Input buffers (excluding CKE)
are disabled during SELF REFRESH. CKE is an SSTL_2 input but
will detect an LVCMOS LOW level after VDD is applied and
until CKE is first brought HIGH. After CKE is brought HIGH, it
becomes an SSTL_2 input only.
121, 122
S0#, S1#
Input
Chip Selects: S# enables (registered LOW) and disables
(registered HIGH) the command decoder. All commands are
masked when S# is registered HIGH. S# is considered part of
the command code.
116, 117
BA0, BA1
Input
Bank Address: BA0 and BA1 define to which device bank an
ACTIVE, READ, WRITE, or PRECHARGE command is being
applied.
99, 100, 101, 102, 105,106,
107, 108, 109, 110, 111, 112,
115
A0-A12
Input
Address Inputs: Provide the row address for ACTIVE commands,
and the column address and auto precharge bit (A10) for
READ/WRITE commands, to select one location out of the
memory array in the respective device bank. A10 sampled
during a PRECHARGE command determines whether the
PRECHARGE applies to one device bank (A10 LOW, device bank
selected by BA0, BA1) or all device banks (A10 HIGH). The
address inputs also provide the op-code during a MODE
REGISTER SET command. BA0 and BA1 define which mode
register (mode register or extended mode register) is loaded
during the LOAD MODE REGISTER command.
1, 2
VREF
Input
SSTL_2 reference voltage.
195
SCL
Input
Serial Clock for Presence-Detect: SCL is used to synchronize the
presence-detect data transfer to and from the module.
194, 196, 198
SA0-SA2
Input
Presence-Detect Address Inputs: These pins are used to
configure the presence-detect device.
193
SDA
Input/
Output
Serial Presence-Detect Data: SDA is a bidirectional pin used to
transfer addresses and data into and out of the presence-
detect portion of the module.
12, 26, 48, 62, 134, 148, 170,
184
DM0-DM7
Input
Data Write Mask. DM LOW allows WRITE operation. DM HIGH
blocks WRITE operation. DM lines do not affect READ
operation.


Similar Part No. - MT16VDDF6464HG-335

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT16VDDF6464HG-40B MICRON-MT16VDDF6464HG-40B Datasheet
654Kb / 15P
   DDR SDRAM SODIMM
More results

Similar Description - MT16VDDF6464HG-335

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT5VDDT1672HG MICRON-MT5VDDT1672HG Datasheet
301Kb / 16P
   DDR SDRAM Small-Outline DIMM
MT9VDDT1672A MICRON-MT9VDDT1672A Datasheet
542Kb / 29P
   DDR SDRAM DIMM
logo
Hynix Semiconductor
HYMD212G726ALS4-M HYNIX-HYMD212G726ALS4-M Datasheet
267Kb / 16P
   Registered DDR SDRAM DIMM
HYMD264G726BLF8-J HYNIX-HYMD264G726BLF8-J Datasheet
276Kb / 16P
   Registered DDR SDRAM DIMM
HYMD264646A8J-J HYNIX-HYMD264646A8J-J Datasheet
264Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD232G726L8-K HYNIX-HYMD232G726L8-K Datasheet
241Kb / 16P
   Registered DDR SDRAM DIMM
HYMD116725B8J-J HYNIX-HYMD116725B8J-J Datasheet
234Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD132645B8J-J HYNIX-HYMD132645B8J-J Datasheet
239Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD132725B8-M HYNIX-HYMD132725B8-M Datasheet
248Kb / 17P
   Unbuffered DDR SDRAM DIMM
HYMD2326468-K HYNIX-HYMD2326468-K Datasheet
238Kb / 16P
   Unbuffered DDR SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com