Preliminary Data
MICROLV9 TM
Low Voltage LED Power Driver
© 2003 Lumidrives Ltd - Manse Lane – Knaresborough – North Yorkshire – United Kingdom – HG5 8LF
Tel ++ 44 1423 798255 Fax ++44 1423 798266 www.lumidrives.com
S O L U T I O N S C E N T E R
Data Sheet – Preliminary MicroLV9 Mar03
Page 1
Product Overview
The MicroLV TM range of LED Power Drivers is ideal
for driving LuxeonTM LEDs from a range of low
voltage power supplies.
The compact and efficient power electronics ensure
optimum operation of LEDs through a highly stable
constant current output.
The wide ranging input voltage enables one driver
solution to be used in a host of low voltage LED
lighting applications.
A unique power saving mode allows a reduced output
current to be selected with a simple switch. This
feature is useful in solar recharge and other battery
powered applications.
Features
Compliant with LuxeonTM Power Light Sources
Energy efficient switch mode power electronics
Short and open circuit protected
Low power operating mode
Long Life (> 50,000 hours)
Compact form factor
Meets lighting approbation requirements ( CE )
Can be integral with fixtures or remote mounted
Also available as PCB module
Automotive transient protected version available
Typical Applications
Solar powered lighting
Architectural lighting
Marker & Orientation lights
Reading Lamps
Track Lighting
Display Cases
Signalling
Signage
Cycle, Caving and Flash Lights
Point of Sale
Lumidrives LinkLED™
LumiDrives HaloLED™