Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

65-21-SYGC-S530-E2-TR10-1 Datasheet(PDF) 8 Page - Everlight Electronics Co., Ltd

Part # 65-21-SYGC-S530-E2-TR10-1
Description  Mini TOP LEDs (Reverse Gull Wing)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

65-21-SYGC-S530-E2-TR10-1 Datasheet(HTML) 8 Page - Everlight Electronics Co., Ltd

  65-21-SYGC-S530-E2-TR10-1 Datasheet HTML 1Page - Everlight Electronics Co., Ltd 65-21-SYGC-S530-E2-TR10-1 Datasheet HTML 2Page - Everlight Electronics Co., Ltd 65-21-SYGC-S530-E2-TR10-1 Datasheet HTML 3Page - Everlight Electronics Co., Ltd 65-21-SYGC-S530-E2-TR10-1 Datasheet HTML 4Page - Everlight Electronics Co., Ltd 65-21-SYGC-S530-E2-TR10-1 Datasheet HTML 5Page - Everlight Electronics Co., Ltd 65-21-SYGC-S530-E2-TR10-1 Datasheet HTML 6Page - Everlight Electronics Co., Ltd 65-21-SYGC-S530-E2-TR10-1 Datasheet HTML 7Page - Everlight Electronics Co., Ltd 65-21-SYGC-S530-E2-TR10-1 Datasheet HTML 8Page - Everlight Electronics Co., Ltd 65-21-SYGC-S530-E2-TR10-1 Datasheet HTML 9Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 2
Page: 8 of 9
Device No.: DSE-651-019
Prepared date:21-Sep-2005
Prepared by: Forrest Chen
65-21SYGC/S530-XX/TR10-1
Precautions For Use
1. Over-current-proof
Customer must apply resistors for protection, otherwise slight voltage shift will cause big
current change ( Burn out will happen ).
2. Storage
2.1 Do not open moisture proof bag before the products are ready to use.
2.2 Before opening the package: The LEDs should be kept at 30℃ or less and 90%RH or less.
2.3 After opening the package: The LED's floor life is 1 year under 30 deg C or less and 60% RH or less.
If unused LEDs remain, it should be stored in moisture proof packages.
2.4 If the moisture absorbent material (silica gel) has faded away or the LEDs have exceeded the
storage time, baking treatment should be performed using the following conditions.
Baking treatment : 60±5℃ for 24 hours.
3. Soldering Condition
3.1 Pb-free solder temperature profile
3.2 Reflow soldering should not be done more than two times.
3.3 When soldering, do not put stress on the LEDs during heating.
3.4 After soldering, do not warp the circuit board.
4. Soldering Iron
Each terminal is to go to the tip of soldering iron temperature less than 280℃ for 3
seconds within once in less than the soldering iron capacity 25W. Leave two seconds and more
intervals, and do soldering of each terminal. Be careful because the damage of the product is often
started at the time of the hand solder.


Similar Part No. - 65-21-SYGC-S530-E2-TR10-1

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
65-21-SYGC-S530-E2-TR8 EVERLIGHT-65-21-SYGC-S530-E2-TR8 Datasheet
193Kb / 10P
   Mini TOP View LEDs
More results

Similar Description - 65-21-SYGC-S530-E2-TR10-1

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
65-21-UYC-S530-A4-TR10-1 EVERLIGHT-65-21-UYC-S530-A4-TR10-1 Datasheet
198Kb / 10P
   Mini TOP LEDs (Reverse Gull Wing)
65-21-GVC-AK2M1Z-3AA EVERLIGHT-65-21-GVC-AK2M1Z-3AA Datasheet
233Kb / 10P
   Mini Top LEDs (Reverse Gull Wing)
65-21-S2C-AR2T2B-3AA EVERLIGHT-65-21-S2C-AR2T2B-3AA Datasheet
213Kb / 10P
   Mini Top LEDs (Reverse Gull Wing)
logo
DOMINANT Semiconductors
DDB-CRS-PQ2-1 DOMINANT-DDB-CRS-PQ2-1 Datasheet
185Kb / 10P
   LED InGaN - Reverse Gull-wing
logo
Marktech Corporate
MTSM3302AG-UY MARKTECH-MTSM3302AG-UY Datasheet
33Kb / 1P
   Marktech Gull Wing SMT LEDs
logo
Micropac Industries
66292 MICROPAC-66292 Datasheet
59Kb / 2P
   GLOB TOP HIGH GAIN GULL WING OPTOCOUPLER
logo
List of Unclassifed Man...
QBL912GC-IR2 ETC1-QBL912GC-IR2 Datasheet
610Kb / 9P
   1.8mm Round Subminiature Gull-WIng Lead IR LEDs
logo
Micropac Industries
66291 MICROPAC-66291 Datasheet
79Kb / 3P
   GLOB TOP TRANSISTOR OUTPUT GULL WING DUAL CHANNEL OPTOCOUPLERS
logo
LUMEX INC.
SSL-LXA228IC-TR11 LUMEX-SSL-LXA228IC-TR11 Datasheet
64Kb / 1P
   AXIAL LED, GULL WING LEADS
logo
Micropac Industries
66288 MICROPAC-66288 Datasheet
46Kb / 2P
   HIGH GAIN GULL WING OPTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com