Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M54HC4511 Datasheet(PDF) 6 Page - STMicroelectronics

Part # M54HC4511
Description  BCD TO 7 SEGMENT LATCH/DECODER DRIVER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC4511 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M54HC4511 Datasheet HTML 2Page - STMicroelectronics M54HC4511 Datasheet HTML 3Page - STMicroelectronics M54HC4511 Datasheet HTML 4Page - STMicroelectronics M54HC4511 Datasheet HTML 5Page - STMicroelectronics M54HC4511 Datasheet HTML 6Page - STMicroelectronics M54HC4511 Datasheet HTML 7Page - STMicroelectronics M54HC4511 Datasheet HTML 8Page - STMicroelectronics M54HC4511 Datasheet HTML 9Page - STMicroelectronics M54HC4511 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
AC ELECTRICAL CHARACTERISTICS (CL =50 pF, Input tr =tf =6 ns)
Symbol
Parameter
Test Conditions
Value
Unit
VCC
(V)
TA =25
oC
54HC and 74HC
-40 to 85
oC
74HC
-55 to 125
oC
54HC
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tTLH
Output Transition
Time
2.0
25
60
75
90
ns
4.5
7
121518
6.0
6
111315
tTHL
Output Transition
Time
2.0
30
75
95
110
ns
4.5
8
151922
6.0
7
131619
tPLH
tPHL
Propagation
Delay Time
(BCD - Seg.)
2.0
125
255
320
385
ns
4.5
33
51
64
77
6.0
23
43
54
65
tPLH
tPHL
Propagation
Delay Time
(BI - Seg.)
2.0
70
175
220
265
ns
4.5
22
35
44
53
6.0
17
30
37
45
tPLH
tPHL
Propagation
Delay Time
(LT - Seg.)
2.0
60
120
150
180
ns
4.5
15
24
30
36
6.0
12
20
26
31
tPLH
tPHL
Propagation
Delay Time
(LE - Seg.)
2.0
95
240
300
360
ns
4.5
32
48
60
72
6.0
23
41
51
61
tW(L)
Minimum Pulse
Width
2.0
30
75
95
110
ns
4.5
8
151922
6.0
7
131619
ts
Minimum Set-up
Time
2.0
20
75
95
110
ns
4.5
5
151922
6.0
4
131619
th
Minimum Hold
Time
2.0
0
0
0
ns
4.5
0
0
0
6.0
0
0
0
CIN
Input Capacitance
5
10
10
10
pF
CPD (*)
Power Dissipation
Capacitance
95
pF
(*) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without load.
(Refer to Test Circuit). Average operting current can be obtained by the following equation. ICC(opr) = CPD
•VCC •fIN +ICC/2 (per FLIP/FLOP)
M54/M74HC4511
6/13


Similar Part No. - M54HC4511

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC4514 STMICROELECTRONICS-M54HC4514 Datasheet
316Kb / 10P
   RAD-HARD 4 TO 16 LINE DECODER/LATCH
M54HC4514 STMICROELECTRONICS-M54HC4514 Datasheet
306Kb / 29P
   Rad-hard high speed 2 to 6 V CMOS logic series
M54HC4514D STMICROELECTRONICS-M54HC4514D Datasheet
316Kb / 10P
   RAD-HARD 4 TO 16 LINE DECODER/LATCH
M54HC4514D STMICROELECTRONICS-M54HC4514D Datasheet
306Kb / 29P
   Rad-hard high speed 2 to 6 V CMOS logic series
M54HC4514D1 STMICROELECTRONICS-M54HC4514D1 Datasheet
316Kb / 10P
   RAD-HARD 4 TO 16 LINE DECODER/LATCH
More results

Similar Description - M54HC4511

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4511B PHILIPS-HEF4511B Datasheet
108Kb / 11P
   BCD to 7-segment latch/decoder/driver
January 1995
logo
Fairchild Semiconductor
CD4511BC FAIRCHILD-CD4511BC Datasheet
65Kb / 8P
   BCD-to-7 Segment Latch/Decoder/Driver
logo
National Semiconductor ...
MM74HC4511 NSC-MM74HC4511 Datasheet
140Kb / 6P
   BCD-to-7 Segment Latch/Decoder/Driver
logo
Nexperia B.V. All right...
HEF4543B NEXPERIA-HEF4543B Datasheet
239Kb / 13P
   BCD to 7-segment latch/decoder/driver
Rev. 8 - 24 November 2021
74HCT4511 NEXPERIA-74HCT4511 Datasheet
798Kb / 18P
   BCD to 7-segment latch/decoder/driver
Rev. 3 - 15 November 2016
logo
Toshiba Semiconductor
TC74HC4511AP TOSHIBA-TC74HC4511AP Datasheet
278Kb / 8P
   BCD-TO-7 SEGMENT LATCH/DECODER/DRIVER
logo
NXP Semiconductors
HEF4543B NXP-HEF4543B_09 Datasheet
107Kb / 16P
   BCD to 7-segment latch/decoder/driver
Rev. 05-27 October 2009
HEF4543B PHILIPS-HEF4543B_15 Datasheet
230Kb / 17P
   BCD to 7-segment latch/decoder/driver
Rev. 6-17 November 2011
logo
National Semiconductor ...
CD4511BM NSC-CD4511BM Datasheet
145Kb / 8P
   BCD-to-7 Segment Latch/Decoder/Driver
logo
NXP Semiconductors
HEF4543B PHILIPS-HEF4543B Datasheet
85Kb / 8P
   BCD to 7-segment latch/decoder/driver
January 1995
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com