Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

65-21-Y2SC-AR1S2B-2T Datasheet(PDF) 4 Page - Everlight Electronics Co., Ltd

Part # 65-21-Y2SC-AR1S2B-2T
Description  Mini Top View LEDs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

65-21-Y2SC-AR1S2B-2T Datasheet(HTML) 4 Page - Everlight Electronics Co., Ltd

  65-21-Y2SC-AR1S2B-2T Datasheet HTML 1Page - Everlight Electronics Co., Ltd 65-21-Y2SC-AR1S2B-2T Datasheet HTML 2Page - Everlight Electronics Co., Ltd 65-21-Y2SC-AR1S2B-2T Datasheet HTML 3Page - Everlight Electronics Co., Ltd 65-21-Y2SC-AR1S2B-2T Datasheet HTML 4Page - Everlight Electronics Co., Ltd 65-21-Y2SC-AR1S2B-2T Datasheet HTML 5Page - Everlight Electronics Co., Ltd 65-21-Y2SC-AR1S2B-2T Datasheet HTML 6Page - Everlight Electronics Co., Ltd 65-21-Y2SC-AR1S2B-2T Datasheet HTML 7Page - Everlight Electronics Co., Ltd 65-21-Y2SC-AR1S2B-2T Datasheet HTML 8Page - Everlight Electronics Co., Ltd 65-21-Y2SC-AR1S2B-2T Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 1
Page: 4 of 10
Device No. : DSE-651-067
prepared date:12-Apr-2007
Prepared by:Teresa Lee
65-21/Y2SC-AR1S2B/2T
Bin Range Of Dominant Wavelength
Group
Bin Code
Min.
Max.
Unit
Condition
D3
585.5
588.5
D4
588.5
591.5
A
D5
591.5
594.5
nm
IF=20mA
Bin Range Of Luminous Intensity
Bin
Min
Max
Unit
Condition
R1
112
140
R2
140
180
S1
180
225
S2
225
285
mcd
IF=20mA
Bin Range Of Forward Voltage
Groups
Bin
Min
Max
Unit
Condition
0
1.75
1.95
1
1.95
2.15
B
2
2.15
2.35
V
IF=20mA
Notes: 1.Tolerance of Luminous Intensity ±11%
2.Tolerance of Dominant Wavelength ±1nm
3.Tolerance of Forward Voltage ±0.1V


Similar Part No. - 65-21-Y2SC-AR1S2B-2T

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
65-21-Y2SC-A0R1S2B7E8 EVERLIGHT-65-21-Y2SC-A0R1S2B7E8 Datasheet
540Kb / 10P
   Mini Top LEDs
More results

Similar Description - 65-21-Y2SC-AR1S2B-2T

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
65-21SDRC-S530-A4-TR8 EVERLIGHT-65-21SDRC-S530-A4-TR8 Datasheet
252Kb / 9P
   Mini Top View LEDs
45-21SYGC EVERLIGHT-45-21SYGC Datasheet
131Kb / 9P
   Mini TOP View LEDs
65-21UTC-S400-XX-TR8 EVERLIGHT-65-21UTC-S400-XX-TR8 Datasheet
515Kb / 10P
   Mini TOP View LEDs
EAPL2214GA0 EVERLIGHT-EAPL2214GA0 Datasheet
482Kb / 9P
   Mini Top View LEDs
EAPL3527BA4 EVERLIGHT-EAPL3527BA4 Datasheet
367Kb / 9P
   Mini Top View LEDs
EAPL2214GA0-AM EVERLIGHT-EAPL2214GA0-AM Datasheet
368Kb / 9P
   Mini Top View LEDs
65-11-BHC-AR1S2B2-2T EVERLIGHT-65-11-BHC-AR1S2B2-2T Datasheet
219Kb / 10P
   Mini TOP View LEDs
65-21-UYC-S530-A4-TR8 EVERLIGHT-65-21-UYC-S530-A4-TR8 Datasheet
194Kb / 10P
   Mini TOP View LEDs
65-11-GBC-Y0V1AAN0E8 EVERLIGHT-65-11-GBC-Y0V1AAN0E8 Datasheet
325Kb / 9P
   Mini Top View LEDs
EAPL2214GA1 EVERLIGHT-EAPL2214GA1 Datasheet
316Kb / 9P
   Mini Top View LEDs
EAPL2214WA3 EVERLIGHT-EAPL2214WA3 Datasheet
407Kb / 13P
   Mini Top View LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com