Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

67-01-YSC-HT2U1B-2T Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part # 67-01-YSC-HT2U1B-2T
Description  TOP View LEDs With Black Surface
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

67-01-YSC-HT2U1B-2T Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  67-01-YSC-HT2U1B-2T Datasheet HTML 1Page - Everlight Electronics Co., Ltd 67-01-YSC-HT2U1B-2T Datasheet HTML 2Page - Everlight Electronics Co., Ltd 67-01-YSC-HT2U1B-2T Datasheet HTML 3Page - Everlight Electronics Co., Ltd 67-01-YSC-HT2U1B-2T Datasheet HTML 4Page - Everlight Electronics Co., Ltd 67-01-YSC-HT2U1B-2T Datasheet HTML 5Page - Everlight Electronics Co., Ltd 67-01-YSC-HT2U1B-2T Datasheet HTML 6Page - Everlight Electronics Co., Ltd 67-01-YSC-HT2U1B-2T Datasheet HTML 7Page - Everlight Electronics Co., Ltd 67-01-YSC-HT2U1B-2T Datasheet HTML 8Page - Everlight Electronics Co., Ltd 67-01-YSC-HT2U1B-2T Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet
TOP View LEDs With Black Surface
67-01/YSC-HT2U1B/2T
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 1
Page: 1 of 10
Device No. :DES-671-B13
prepared date:16-Feb-2007
Prepared by: Josh Chou
Features
P-LCC-2 package.
White package with black top surface.
Optical indicator.
Colorless clear window.
Wide viewing angle.
Suitable for vapor-phase reflow, Infrared reflow
and wave solder processes.
Computable with automatic placement equipment.
Available on tape and reel (8mm Tape).
Pb-free.
The product itself will remain within RoHS compliant version.
Descriptions
The 67-01 series is available in soft orange,
green,blue and yellow. Due to the package design,
the LED has wide viewing angle and optimized
light coupling by inter reflector. This feature
makes the ideal for light pipe application. The low
current requirement makes this device ideal for
portable equipment or any other application where
power is at a premium.
Applications
OA Equipment
Backlighting of Full Color LCD
Automotive Equipment
Replacement of Conventional Light
Bulbs and Fluorescent Lamps
Device Selection Guide
Chip
Material
Emitted Color
Resin Color
AlGalnP
Brilliant Yellow
Water Clear


Similar Part No. - 67-01-YSC-HT2U1B-2T

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
67-01/UTC-EV1W1N/2T EVERLIGHT-67-01/UTC-EV1W1N/2T Datasheet
154Kb / 12P
   TOP View LEDs With Black Surface
67-01/YSC-CU1V1/2T/MS EVERLIGHT-67-01/YSC-CU1V1/2T/MS Datasheet
214Kb / 10P
   Top View LEDs with Black Surface
67-01/YSC-HT2U1B/2T EVERLIGHT-67-01/YSC-HT2U1B/2T Datasheet
192Kb / 10P
   TOP View LEDs With Black Surface
logo
Amphenol Industrial Pro...
67-01C AIO-67-01C Datasheet
1Mb / 10P
   Amphenol 67 Series “Minni E” environmental resistant cylindrical connectors
67-01C12-60PW-100 AIO-67-01C12-60PW-100 Datasheet
1Mb / 10P
   Amphenol 67 Series “Minni E” environmental resistant cylindrical connectors
More results

Similar Description - 67-01-YSC-HT2U1B-2T

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
67-01YSC-HT2U1B-2T EVERLIGHT-67-01YSC-HT2U1B-2T Datasheet
192Kb / 10P
   TOP View LEDs With Black Surface
67-01UTC-EV1W1N-2T EVERLIGHT-67-01UTC-EV1W1N-2T Datasheet
154Kb / 12P
   TOP View LEDs With Black Surface
67-01YSC-CU1V1-2T-MS EVERLIGHT-67-01YSC-CU1V1-2T-MS Datasheet
214Kb / 10P
   Top View LEDs with Black Surface
67-21B-GBC-YX2Z1M-BT-MS EVERLIGHT-67-21B-GBC-YX2Z1M-BT-MS Datasheet
219Kb / 10P
   TOP View LEDs With Lens
67-21B-G6C-BR1S2B-BT EVERLIGHT-67-21B-G6C-BR1S2B-BT Datasheet
215Kb / 10P
   TOP View LEDs With Lens
67-11BUWC-S400-X10-TR8 EVERLIGHT-67-11BUWC-S400-X10-TR8 Datasheet
228Kb / 10P
   TOP View LEDs With Lens
67-21B-S2C-AS1T2B-BT EVERLIGHT-67-21B-S2C-AS1T2B-BT Datasheet
226Kb / 11P
   TOP View LEDs With Lens
67-21B-UPGC-A003-3-TR8 EVERLIGHT-67-21B-UPGC-A003-3-TR8 Datasheet
208Kb / 11P
   TOP View LEDs With Lens
67-21-YSC-FU1U2B-2T EVERLIGHT-67-21-YSC-FU1U2B-2T Datasheet
211Kb / 10P
   Top View LEDs
67-22-R6Y2C-B31-2T EVERLIGHT-67-22-R6Y2C-B31-2T Datasheet
296Kb / 12P
   Top View LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com