Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

67-03-BHGHR6W-B11-2T Datasheet(PDF) 9 Page - Everlight Electronics Co., Ltd

Part # 67-03-BHGHR6W-B11-2T
Description  Full Color Top View LEDs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

67-03-BHGHR6W-B11-2T Datasheet(HTML) 9 Page - Everlight Electronics Co., Ltd

Back Button 67-03-BHGHR6W-B11-2T Datasheet HTML 5Page - Everlight Electronics Co., Ltd 67-03-BHGHR6W-B11-2T Datasheet HTML 6Page - Everlight Electronics Co., Ltd 67-03-BHGHR6W-B11-2T Datasheet HTML 7Page - Everlight Electronics Co., Ltd 67-03-BHGHR6W-B11-2T Datasheet HTML 8Page - Everlight Electronics Co., Ltd 67-03-BHGHR6W-B11-2T Datasheet HTML 9Page - Everlight Electronics Co., Ltd 67-03-BHGHR6W-B11-2T Datasheet HTML 10Page - Everlight Electronics Co., Ltd 67-03-BHGHR6W-B11-2T Datasheet HTML 11Page - Everlight Electronics Co., Ltd 67-03-BHGHR6W-B11-2T Datasheet HTML 12Page - Everlight Electronics Co., Ltd 67-03-BHGHR6W-B11-2T Datasheet HTML 13Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
EVERLIGHT ELECTRONICS CO., LTD.
Technical Data Sheet - Preliminary
Full Color Top View LEDs
67-03/BHGHR6W-B11/2T
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 1.1
Page: 8 of 14
Device No. :
Prepared date: 21-Sep-2007
Prepared by: Josh Chou
Ambient Temperature T (°C)
-60
1
10
0.7
0.9
0.8
1.0
-20
-40
0 20
60
40
a
100
80
100
1000
Ambient Temperature
0.4
0.3
0.5
0.1
0.2
70°
0.6
80°
90°
50°
60°
40°
Radiation Diagram
10°
Ta=25°C
20°
30°
10
1
10
100
1000
Forward Current
0
10
1
10
2
I (mA)
F
Ta=25°C
Duty=1/10
f=1KHz
Forward Current
Forward Voltage V (V)
F
0
10
0
40
20
60
100
80
Ta=25°C
400
0
25
75
50
100
Wavelength λ (nm)
550
450
500
600
Spectrum Distribution
Ambient Temperature T (°C)
a
20
30
40
50
2.6
0
10
20
30
40
50
Forward Voltage
4.0
3.2
2.8
3.6
Ta=25°C
Forward Current vs.
2.4
Relative Luminous Intensity vs.
Relative Luminous Intensity vs.
Typical Electro-Optical Characteristics Curves (GB)


Similar Part No. - 67-03-BHGHR6W-B11-2T

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
67-03-BHGHR6W-B11-2T-MS EVERLIGHT-67-03-BHGHR6W-B11-2T-MS Datasheet
291Kb / 14P
   Full Color Top View LEDs
More results

Similar Description - 67-03-BHGHR6W-B11-2T

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
67-23SDRSYGUBC-TR8 EVERLIGHT-67-23SDRSYGUBC-TR8 Datasheet
149Kb / 10P
   Full Color Top View LEDs
67-03-S3GHBHC-B01-1T EVERLIGHT-67-03-S3GHBHC-B01-1T Datasheet
216Kb / 13P
   Full Color Top View LEDs
67-23SURSYGUBC-S530-A2 EVERLIGHT-67-23SURSYGUBC-S530-A2 Datasheet
139Kb / 10P
   Full Color Top View LEDs
67-03-BHGHR6W-B11-2T-MS EVERLIGHT-67-03-BHGHR6W-B11-2T-MS Datasheet
291Kb / 14P
   Full Color Top View LEDs
EAPL3528RYA0 EVERLIGHT-EAPL3528RYA0 Datasheet
376Kb / 10P
   Full Color Top View LEDs
EAPL3527GGA0 EVERLIGHT-EAPL3527GGA0 Datasheet
568Kb / 10P
   Full Color Top View LEDs
EAPL3528RGA1 EVERLIGHT-EAPL3528RGA1 Datasheet
369Kb / 10P
   Full Color Top View LEDs
EAPL3528WA0 EVERLIGHT-EAPL3528WA0 Datasheet
317Kb / 9P
   Full Color Top View LEDs
67-23SDRSUGSUBC-TR8 EVERLIGHT-67-23SDRSUGSUBC-TR8 Datasheet
192Kb / 12P
   Full Color Top View LEDs
67-03-RSGHBHC-B06-1T EVERLIGHT-67-03-RSGHBHC-B06-1T Datasheet
272Kb / 13P
   Full Color Top View LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com