Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

67-21BSDRC-S530-A6-TR8 Datasheet(PDF) 5 Page - Everlight Electronics Co., Ltd

Part # 67-21BSDRC-S530-A6-TR8
Description  Top View LED With Lens(Preliminary)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

67-21BSDRC-S530-A6-TR8 Datasheet(HTML) 5 Page - Everlight Electronics Co., Ltd

  67-21BSDRC-S530-A6-TR8 Datasheet HTML 1Page - Everlight Electronics Co., Ltd 67-21BSDRC-S530-A6-TR8 Datasheet HTML 2Page - Everlight Electronics Co., Ltd 67-21BSDRC-S530-A6-TR8 Datasheet HTML 3Page - Everlight Electronics Co., Ltd 67-21BSDRC-S530-A6-TR8 Datasheet HTML 4Page - Everlight Electronics Co., Ltd 67-21BSDRC-S530-A6-TR8 Datasheet HTML 5Page - Everlight Electronics Co., Ltd 67-21BSDRC-S530-A6-TR8 Datasheet HTML 6Page - Everlight Electronics Co., Ltd 67-21BSDRC-S530-A6-TR8 Datasheet HTML 7Page - Everlight Electronics Co., Ltd 67-21BSDRC-S530-A6-TR8 Datasheet HTML 8Page - Everlight Electronics Co., Ltd 67-21BSDRC-S530-A6-TR8 Datasheet HTML 9Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
EVERLIGHTELECTRONICS CO.,LTD.
Technical Data Sheet
Top View LED With Lens(Preliminary)
67-21BSDRC/S530-A6/TR8
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 1.0
Page: 5 of 9
Device No. :
prepared date:1-Jun-2007
Prepared by: Tracy
Label explanation
CAT: Luminous Intensity Rank
HUE: Dom. Wavelength Rank
REF: Forward Voltage Rank
Reel Dimensions
Note: The tolerances unless mentioned is ±0.1mm ,Unit = mm


Similar Part No. - 67-21BSDRC-S530-A6-TR8

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
67-21BSUBC-S400-XX-TR8 EVERLIGHT-67-21BSUBC-S400-XX-TR8 Datasheet
206Kb / 9P
   TOP View LEDs
67-21BSUBC/S400-XX/TR8 EVERLIGHT-67-21BSUBC/S400-XX/TR8 Datasheet
206Kb / 9P
   TOP View LEDs
67-21BSUBC/S400-XX/TR8 EVERLIGHT-67-21BSUBC/S400-XX/TR8 Datasheet
207Kb / 9P
   TOP View LEDs (Preliminary)
67-21BSUGC-S400-X6-TR8 EVERLIGHT-67-21BSUGC-S400-X6-TR8 Datasheet
203Kb / 9P
   TOP View LEDs
67-21BSUGC/S400-X6/TR8 EVERLIGHT-67-21BSUGC/S400-X6/TR8 Datasheet
203Kb / 9P
   TOP View LEDs
More results

Similar Description - 67-21BSDRC-S530-A6-TR8

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
67-11B-T7C-MX1Y2M-BT EVERLIGHT-67-11B-T7C-MX1Y2M-BT Datasheet
185Kb / 11P
   TOP View LEDs With Lens (Preliminary)
67-21BSYGC-S530-E5-TR8 EVERLIGHT-67-21BSYGC-S530-E5-TR8 Datasheet
225Kb / 9P
   Top View LED With Lens
67-21B-GBC-YX2Z1M-BT-MS EVERLIGHT-67-21B-GBC-YX2Z1M-BT-MS Datasheet
219Kb / 10P
   TOP View LEDs With Lens
67-21B-S2C-AS1T2B-BT EVERLIGHT-67-21B-S2C-AS1T2B-BT Datasheet
226Kb / 11P
   TOP View LEDs With Lens
67-21B-UPGC-A003-3-TR8 EVERLIGHT-67-21B-UPGC-A003-3-TR8 Datasheet
208Kb / 11P
   TOP View LEDs With Lens
67-21B-G6C-BR1S2B-BT EVERLIGHT-67-21B-G6C-BR1S2B-BT Datasheet
215Kb / 10P
   TOP View LEDs With Lens
67-11BUWC-S400-X10-TR8 EVERLIGHT-67-11BUWC-S400-X10-TR8 Datasheet
228Kb / 10P
   TOP View LEDs With Lens
67-21BUYC-S530-A3-TR8 EVERLIGHT-67-21BUYC-S530-A3-TR8 Datasheet
138Kb / 9P
   TOP View LEDs (Preliminary)
67-21BSURC-S530-XX-TR8 EVERLIGHT-67-21BSURC-S530-XX-TR8 Datasheet
134Kb / 9P
   TOP View LEDs (Preliminary)
67-21B-SUBC-S400-XX-TR8 EVERLIGHT-67-21B-SUBC-S400-XX-TR8 Datasheet
207Kb / 9P
   TOP View LEDs (Preliminary)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com