Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

95-21SURC Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part # 95-21SURC
Description  1.9mm Round Subminiature Lead (Square Base) LED
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

95-21SURC Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  95-21SURC Datasheet HTML 1Page - Everlight Electronics Co., Ltd 95-21SURC Datasheet HTML 2Page - Everlight Electronics Co., Ltd 95-21SURC Datasheet HTML 3Page - Everlight Electronics Co., Ltd 95-21SURC Datasheet HTML 4Page - Everlight Electronics Co., Ltd 95-21SURC Datasheet HTML 5Page - Everlight Electronics Co., Ltd 95-21SURC Datasheet HTML 6Page - Everlight Electronics Co., Ltd 95-21SURC Datasheet HTML 7Page - Everlight Electronics Co., Ltd 95-21SURC Datasheet HTML 8Page - Everlight Electronics Co., Ltd 95-21SURC Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 2
Page: 1 of 11
Device No. : SZDLE-952-009
Prepared date:07-29-2005
Prepared by: Aihua hong
Technical Data Sheet
1.9mm Round Subminiature Lead (Square Base) LED
95-21SURC/S530-XX/TRXX
Features
․Package in 12mm tape on 7"
diameter reels.
․Compatible with automatic
placement equipment.
․EIA Std. package.
․Mono-color type.
․Pb-free
․The product itself will remain within RoHS
compliant version.
Descriptions
․The 95-21 SMD taping is much
smaller than leaded components .
Thus enable smaller board size. Higher
packing density. Reduced storage space and
finally smaller equipment to be obtained.
․Besides, light weight makes them
ideal for miniature applications.
․Furthermore by automation assembly
machines the accuracy is anticipated.
Applications
․Small indicator for indoor applications.
․Flat backlight for LCD, switches and symbols.
․Indicator and backlight in office equipment.
․Indicator and backlight for battery driven
equipment.
․Indicator and backlight for audio and video equipment.
․Automotive : backlighting in dashboards and switches.
․Telecommunication:indicator and backlighting in telephone and fax.
Device Selection Guide
Chip
Material
Emitted Color
Lens Color
AlGaInP
Hyper Red
Water Clear
F7/TR7
F9/TR9
F10/TR10
F1
F2
95-21


Similar Part No. - 95-21SURC

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
95-21SURC/S530-A3/TR10 EVERLIGHT-95-21SURC/S530-A3/TR10 Datasheet
141Kb / 9P
   Technical Data Sheet 1.9mm Round Subminiature Z-bend Lead (Square Base)LED
95-21SURC EVERLIGHT-95-21SURC_13 Datasheet
141Kb / 9P
   Technical Data Sheet 1.9mm Round Subminiature Z-bend Lead (Square Base)LED
More results

Similar Description - 95-21SURC

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
95-21USRD-S357-TR7 TO-GRACE-95-21USRD-S357-TR7 Datasheet
668Kb / 9P
   1.9mm Round Subminiature ?쏥ull Wing??Lead (Square Base) LED
logo
Everlight Electronics C...
95-21SDRC-S530-A3-TR10 EVERLIGHT-95-21SDRC-S530-A3-TR10 Datasheet
218Kb / 9P
   1.9mm Round Subminiature ?쏾-Bend??Lead (Square Base) LED
logo
HK TO-GRACE TECHNOLOGY ...
95-21SDRC-S530-A3-TR10 TO-GRACE-95-21SDRC-S530-A3-TR10 Datasheet
651Kb / 9P
   1.9mm Round Subminiature ?쏾-Bend??Lead (Square Base) LED
logo
Everlight Electronics C...
95-21USRD-S357-TR7 EVERLIGHT-95-21USRD-S357-TR7 Datasheet
215Kb / 9P
   1.9mm Round Subminiature ?쏥ull Wing??Lead (Square Base) LED
95-21SDRC EVERLIGHT-95-21SDRC Datasheet
213Kb / 9P
   1.9mm Round Subminiature ?쏾-Bend??Lead (Square Base) LED
logo
HK TO-GRACE TECHNOLOGY ...
95-21SYGC-S530-XX-XXX TO-GRACE-95-21SYGC-S530-XX-XXX Datasheet
741Kb / 11P
   1.9mm Round Subminiature Lead LED
logo
Everlight Electronics C...
95-21SYGC-S530-XX-XXX EVERLIGHT-95-21SYGC-S530-XX-XXX Datasheet
251Kb / 11P
   1.9mm Round Subminiature Lead LED
95-21SURC EVERLIGHT-95-21SURC_13 Datasheet
141Kb / 9P
   Technical Data Sheet 1.9mm Round Subminiature Z-bend Lead (Square Base)LED
95-21SYGC EVERLIGHT-95-21SYGC Datasheet
341Kb / 11P
   1.9mm Round Subminiature Lead LED
95-21SYGC-S530-XX-XXX EVERLIGHT-95-21SYGC-S530-XX-XXX_11 Datasheet
374Kb / 11P
   1.9mm Round Subminiature Lead LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com