Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

67-21SUGC-B067-TR8 Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part # 67-21SUGC-B067-TR8
Description  TOP View LEDs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

67-21SUGC-B067-TR8 Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  67-21SUGC-B067-TR8 Datasheet HTML 1Page - Everlight Electronics Co., Ltd 67-21SUGC-B067-TR8 Datasheet HTML 2Page - Everlight Electronics Co., Ltd 67-21SUGC-B067-TR8 Datasheet HTML 3Page - Everlight Electronics Co., Ltd 67-21SUGC-B067-TR8 Datasheet HTML 4Page - Everlight Electronics Co., Ltd 67-21SUGC-B067-TR8 Datasheet HTML 5Page - Everlight Electronics Co., Ltd 67-21SUGC-B067-TR8 Datasheet HTML 6Page - Everlight Electronics Co., Ltd 67-21SUGC-B067-TR8 Datasheet HTML 7Page - Everlight Electronics Co., Ltd 67-21SUGC-B067-TR8 Datasheet HTML 8Page - Everlight Electronics Co., Ltd 67-21SUGC-B067-TR8 Datasheet HTML 9Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 1
Page: 1 of 9
Device No. :
Prepared date:05-Sep-2006
Prepared by: Ray Yuan
Technical Data Sheet(Preliminary)
TOP View LEDs
67-21SUGC/B067/TR8
Features
․P-LCC-2 package.
․White package.
․Optical indicator.
․Colorless clear window.
․Wide viewing angle.
․Suitable for vapor-phase reflow, Infrared reflow
and wave solder processes.
․Computable with automatic placement equipment.
․Available on tape and reel (8mm Tape).
․Pb-free.
․The product itself will remain within RoHS compliant version.
․Preconditioning: acc. to JEDEC Level 2
․ESD: up to 2KV acc. to JESD22-A114-B
Descriptions
․The 67-21 series is available in soft orange,
green,blue and yellow. Due to the package design,
the LED has wide viewing angle and optimized
light coupling by inter reflector. This feature
makes ideal for light pipe application. The low
current requirement makes this device ideal for
portable equipment or any other application where
power is at a premium.
Applications
․Automotive: backlighting in dashboard and switch.
․Telecommunication: indicator and backlighting in
telephone and fax.
․Flat backlight for LCD, switch and symbol.
․Light pipe application.
․General use.
Device Selection Guide
Chip
Material
Emitted Color
Lens Color
InGaN/SiC
Brilliant Green
Water Clear


Similar Part No. - 67-21SUGC-B067-TR8

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
67-21SUGC-C525-TR8 EVERLIGHT-67-21SUGC-C525-TR8 Datasheet
139Kb / 9P
   TOP View LEDs
67-21SUGC-S400-A4-TR10 EVERLIGHT-67-21SUGC-S400-A4-TR10 Datasheet
188Kb / 9P
   Reverse Package Top LEDs
67-21SUGC-S400-A4-TR8 EVERLIGHT-67-21SUGC-S400-A4-TR8 Datasheet
205Kb / 9P
   TOP View LEDs
More results

Similar Description - 67-21SUGC-B067-TR8

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
67-21-YSC-FU1U2B-2T EVERLIGHT-67-21-YSC-FU1U2B-2T Datasheet
211Kb / 10P
   Top View LEDs
67-22-R6Y2C-B31-2T EVERLIGHT-67-22-R6Y2C-B31-2T Datasheet
296Kb / 12P
   Top View LEDs
logo
A-BRIGHT Inc
67-21UWC A-BRIGHT-67-21UWC Datasheet
270Kb / 6P
   TOP View LEDs
2009/2/20
67-21SURC A-BRIGHT-67-21SURC Datasheet
253Kb / 5P
   Top View LEDs
2009/2/20
logo
Everlight Electronics C...
67-21-YSC-FU1U2B-2T EVERLIGHT-67-21-YSC-FU1U2B-2T Datasheet
211Kb / 10P
   Top View LEDs
61-238-RSGBB7C-B02-ET EVERLIGHT-61-238-RSGBB7C-B02-ET Datasheet
337Kb / 14P
   Top View LEDs
67-21SUBC-S400-XX-TR8 EVERLIGHT-67-21SUBC-S400-XX-TR8 Datasheet
536Kb / 9P
   Top View LEDs
45-21UFC EVERLIGHT-45-21UFC Datasheet
253Kb / 14P
   Top View LEDs
67-21-G4C-BQ1T2N-2T EVERLIGHT-67-21-G4C-BQ1T2N-2T Datasheet
136Kb / 10P
   TOP View LEDs
67-21SUGC-S400-A4-TR8 EVERLIGHT-67-21SUGC-S400-A4-TR8 Datasheet
205Kb / 9P
   TOP View LEDs
67-21-T6C-MU2W1E-2T EVERLIGHT-67-21-T6C-MU2W1E-2T Datasheet
236Kb / 12P
   Top View LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com