Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

67-21SUGC-S400-A4-TR10 Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part # 67-21SUGC-S400-A4-TR10
Description  Reverse Package Top LEDs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

67-21SUGC-S400-A4-TR10 Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  67-21SUGC-S400-A4-TR10 Datasheet HTML 1Page - Everlight Electronics Co., Ltd 67-21SUGC-S400-A4-TR10 Datasheet HTML 2Page - Everlight Electronics Co., Ltd 67-21SUGC-S400-A4-TR10 Datasheet HTML 3Page - Everlight Electronics Co., Ltd 67-21SUGC-S400-A4-TR10 Datasheet HTML 4Page - Everlight Electronics Co., Ltd 67-21SUGC-S400-A4-TR10 Datasheet HTML 5Page - Everlight Electronics Co., Ltd 67-21SUGC-S400-A4-TR10 Datasheet HTML 6Page - Everlight Electronics Co., Ltd 67-21SUGC-S400-A4-TR10 Datasheet HTML 7Page - Everlight Electronics Co., Ltd 67-21SUGC-S400-A4-TR10 Datasheet HTML 8Page - Everlight Electronics Co., Ltd 67-21SUGC-S400-A4-TR10 Datasheet HTML 9Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 2
Page: 1 of 9
Device No. : DSE-671-242
prepared date: 23-Sep-2005
Prepared by: Forrest
Technical Data Sheet
Reverse Package Top LEDs
67-21 SUGC/S400-XX/TR10
Features
P-LCC-2 package.
White package.
Optical indicator.
Colorless clear window.
Wide viewing angle.
Suitable for vapor-phase reflow, Infrared reflow
and wave solder processes.
Computable with automatic placement equipment.
Available on tape and reel (12mm Tape).
Pb-free.
The product itself will remain within RoHS
compliant version.
Descriptions
The 67-21 series is available in soft orange,
green,blue and yellow. Due to the package design,
the LED has wide viewing angle and optimized
light coupling by inter reflector. This feature
makes the ideal for light pipe application. The low
current requirement makes this device ideal for
portable equipment or any other application where
power is at a premium.
Applications
Automotive: backlighting in dashboard and switch.
Telecommunication: indicator and backlighting in
telephone and fax.
Flat backlight for LCD, switch and symbol.
Light pipe application.
General use.
Device Selection Guide
Chip
Material
Emitted Color
Lens Color
InGaN
Brilliant Green
Water Clear


Similar Part No. - 67-21SUGC-S400-A4-TR10

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
67-21SUGC-S400-A4-TR8 EVERLIGHT-67-21SUGC-S400-A4-TR8 Datasheet
205Kb / 9P
   TOP View LEDs
More results

Similar Description - 67-21SUGC-S400-A4-TR10

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
67-21-T3C-EU1V2M-2A0 EVERLIGHT-67-21-T3C-EU1V2M-2A0 Datasheet
161Kb / 12P
   Reverse Package Top View LEDs
67-21-T3C-EU1V2M-2A0 EVERLIGHT-67-21-T3C-EU1V2M-2A0 Datasheet
161Kb / 12P
   Reverse Package Top View LEDs
67-21UYOC-S530-A2-TR10 EVERLIGHT-67-21UYOC-S530-A2-TR10 Datasheet
146Kb / 10P
   Reverse Package Top View LEDs
67-21UWC EVERLIGHT-67-21UWC Datasheet
150Kb / 10P
   White Reverse Package Top View LEDs
B7C-AS2U1N EVERLIGHT-B7C-AS2U1N_13 Datasheet
284Kb / 10P
   Technical Data Sheet Reverse Package Top View LEDs
65-21-UYC-S530-A4-TR10-1 EVERLIGHT-65-21-UYC-S530-A4-TR10-1 Datasheet
198Kb / 10P
   Mini TOP LEDs (Reverse Gull Wing)
65-21-S2C-AR2T2B-3AA EVERLIGHT-65-21-S2C-AR2T2B-3AA Datasheet
213Kb / 10P
   Mini Top LEDs (Reverse Gull Wing)
65-21-SYGC-S530-E2-TR10-1 EVERLIGHT-65-21-SYGC-S530-E2-TR10-1 Datasheet
196Kb / 9P
   Mini TOP LEDs (Reverse Gull Wing)
65-21-GVC-AK2M1Z-3AA EVERLIGHT-65-21-GVC-AK2M1Z-3AA Datasheet
233Kb / 10P
   Mini Top LEDs (Reverse Gull Wing)
67-21R6C-AP2R1B2A0 EVERLIGHT-67-21R6C-AP2R1B2A0 Datasheet
204Kb / 10P
   Technical Data Sheet Reverse Top View LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com