Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC595 Datasheet(PDF) 10 Page - STMicroelectronics

Part # 74HC595
Description  8 BIT SHIFT REGISTER WITH OUTPUT LATCHES 3 STATE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74HC595 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button 74HC595 Datasheet HTML 5Page - STMicroelectronics 74HC595 Datasheet HTML 6Page - STMicroelectronics 74HC595 Datasheet HTML 7Page - STMicroelectronics 74HC595 Datasheet HTML 8Page - STMicroelectronics 74HC595 Datasheet HTML 9Page - STMicroelectronics 74HC595 Datasheet HTML 10Page - STMicroelectronics 74HC595 Datasheet HTML 11Page - STMicroelectronics 74HC595 Datasheet HTML 12Page - STMicroelectronics 74HC595 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Ceramic DIP16/1 MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
20
0.787
B
7
0.276
D
3.3
0.130
E
0.38
0.015
e3
17.78
0.700
F
2.29
2.79
0.090
0.110
G
0.4
0.55
0.016
0.022
H
1.17
1.52
0.046
0.060
L
0.22
0.31
0.009
0.012
M
0.51
1.27
0.020
0.050
N
10.3
0.406
P
7.8
8.05
0.307
0.317
Q
5.08
0.200
P053D
M54/M74HC595
10/13


Similar Part No. - 74HC595

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74HC595 ONSEMI-74HC595 Datasheet
248Kb / 12P
   8-Bit Serial-Input/Serial or Parallel-Output Shift Register with Latched 3-State Outputs
March, 2000 ??Rev. 8
logo
Nexperia B.V. All right...
74HC595 NEXPERIA-74HC595 Datasheet
327Kb / 21P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 11 - 10 September 2021
logo
NXP Semiconductors
74HC595 PHILIPS-74HC595 Datasheet
140Kb / 28P
   8-bit serial-in/serial or parallel-out shift register with output latches; 3-state
2003 Jun 25
logo
Hitachi Semiconductor
74HC595 HITACHI-74HC595 Datasheet
57Kb / 10P
   8-bit Shift Register/Latch (with 3-state outputs)
logo
Wing Shing Computer Com...
74HC595 WINGS-74HC595 Datasheet
251Kb / 8P
   8-Bit Shift Registers W ith Latched 3-State Output
More results

Similar Description - 74HC595

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC595 STMICROELECTRONICS-M74HC595_V01 Datasheet
579Kb / 22P
   8-bit shift register with output latches (3-state)
Rev 6 January 2014
M74HC595 STMICROELECTRONICS-M74HC595 Datasheet
627Kb / 16P
   8 BIT SHIFT REGISTER WITH OUTPUT LATCHES (3 STATE)
M54HC595 STMICROELECTRONICS-M54HC595_04 Datasheet
738Kb / 15P
   RAD-HARD 8 BIT SHIFT REGISTER WITH OUTPUT LATCHES (3 STATE)
logo
Fairchild Semiconductor
74VHC595 FAIRCHILD-74VHC595_07 Datasheet
407Kb / 12P
   8-Bit Shift Register with Output Latches
logo
ON Semiconductor
74VHC595 ONSEMI-74VHC595 Datasheet
408Kb / 14P
   8-Bit Shift Register with Output Latches
May 2007 Rev. 1.2
logo
Fairchild Semiconductor
74VHC595 FAIRCHILD-74VHC595 Datasheet
83Kb / 9P
   8-Bit Shift Register with Output Latches
logo
ON Semiconductor
MM74HC595 ONSEMI-MM74HC595 Datasheet
662Kb / 16P
   8-Bit Shift Register with Output Latches
June 2009 Rev. 1.0.2
MC74VHC595 ONSEMI-MC74VHC595 Datasheet
269Kb / 12P
   8-Bit Shift Register with Output Storage Register (3-State)
March, 2006 -- Rev. 4
logo
Unisonic Technologies
U74AHC595 UTC-U74AHC595 Datasheet
268Kb / 7P
   8-BIT SHIFT REGISTER WITH 3-STATE OUTPUT REGISTERS
logo
Texas Instruments
SN74LV595A-Q1 TI1-SN74LV595A-Q1 Datasheet
219Kb / 14P
[Old version datasheet]   8-BIT SHIFT REGISTER WITH 3-STATE OUTPUT REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com