Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XP10-M Datasheet(PDF) 2 Page - Honeywell Solid State Electronics Center

Part # XP10-M
Description  Ten-Input Monitor Module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

XP10-M Datasheet(HTML) 2 Page - Honeywell Solid State Electronics Center

  XP10-M Datasheet HTML 1Page - Honeywell Solid State Electronics Center XP10-M Datasheet HTML 2Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Page 2 of 2 — DN-6923:A1 • 8/3/07
FlashScan® and Notifier® are registered trademarks of Honeywell Interna-
tional Inc.
©2007 by Honeywell International Inc. All rights reserved. Unauthorized use
of this document is strictly prohibited.
This document is not intended to be used for installation purposes.
We try to keep our product information up-to-date and accurate.
We cannot cover all specific applications or anticipate all requirements.
All specifications are subject to change without notice.
For more information, contact Notifier. Phone: (203) 484-7161, FAX: (203) 484-7118.
www.notifier.com
Made in the U.S. A.
Wiring Diagrams
CONNECT MODULES TO
LISTED COMPATIBLE
CONTROL PANELS ONLY.
47K EOL
RESISTOR
ELR-47K
CLASS B IDC (TYPICAL)
POWER-LIMITED & SUPERVISED
COMMUNICATION LINE, 32 VDC MAX.
SEE PANEL MANUAL FOR WIRE RESTRICTIONS.
FROM PANEL
OR PREVIOUS
DEVICE
TO NEXT
DEVICE
FIGURE 1:
Typical Initiating Device
Circuit Configuration —
Class B, Style B.
NOTE: Any number of UL-Listed con-
tact closure devices may be used.
DO NOT MIX fire alarm initiating and
supervisory devices on the same initiat-
ing device circuit. Install contact closure
devices per manufacturer’s installation
instructions.
52347w1.wmf
52347w2.wmf
CONNECT MODULES TO
LISTED COMPATIBLE
CONTROL PANELS ONLY.
CLASS A IDC (TYPICAL)
POWER-LIMITED
& SUPERVISED
COMMUNICATION LINE, 32 VDC MAX.
SEE PANEL MANUAL FOR WIRE RESTRICTIONS.
FROM PANEL
OR PREVIOUS
DEVICE
TO NEXT
DEVICE
REMOVE SHUNT
FOR CLASS A.
FIGURE 2:
Typical Fault-Tolerant
Initiating Device
Circuit Configuration —
Class A, Style D.
NOTE: Any number of UL-Listed contact
closure devices may be used.
DO NOT MIX fire alarm initiating and
supervisory devices on the same initiating
device
circuit.
Install
contact
closure
devices per manufacturer’s installation
instructions.


Similar Part No. - XP10-M

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XP1000 MIMIX-XP1000 Datasheet
995Kb / 6P
   17.0-24.0 GHz GaAs MMIC Power Amplifier
XP1001 MIMIX-XP1001 Datasheet
248Kb / 6P
   26.0-40.0 GHz GaAs MMIC Power Amplifier
XP1003 MIMIX-XP1003 Datasheet
1Mb / 6P
   27.0-35.0 GHz GaAs MMIC Power Amplifier
XP1003-BD MIMIX-XP1003-BD Datasheet
565Kb / 6P
   27.0-35.0 GHz GaAs MMIC
logo
M/A-COM Technology Solu...
XP1003-BD MA-COM-XP1003-BD Datasheet
554Kb / 6P
   27.0-35.0 GHz GaAs MMIC
More results

Similar Description - XP10-M

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
PIM-SS GAMEWELL-FCI-PIM-SS Datasheet
185Kb / 2P
   Ten-Input Monitor Module
logo
Bel Fuse Inc.
940-SP-301010R-K2 BEL-940-SP-301010R-K2 Datasheet
169Kb / 1P
   Ten Conductor, Ten Position Line Cord Module
940-SP-301010R BEL-940-SP-301010R Datasheet
178Kb / 1P
   Ten Conductor, Ten Position Line Cord Module
940-SP-301010R-RMK BEL-940-SP-301010R-RMK Datasheet
94Kb / 1P
   Ten Conductor, Ten Position Line Cord Module
940-SP-301010R-K1 BEL-940-SP-301010R-K1 Datasheet
176Kb / 1P
   Ten Conductor, Ten Position Line Cord Module
940-SP-301010R-RMK4 BEL-940-SP-301010R-RMK4 Datasheet
172Kb / 1P
   Ten Conductor, Ten Position Line Cord Module
logo
Systemsensor advanced i...
EM-1MI SYSTEMSENSOR-EM-1MI Datasheet
268Kb / 2P
   Monitor Module
logo
Gamewell-FCI by Honeywe...
AMM-2F GAMEWELL-FCI-AMM-2F_13 Datasheet
55Kb / 1P
   Addressable Monitor Module
AMM-4F GAMEWELL-FCI-AMM-4F_13 Datasheet
67Kb / 1P
   Addressable Monitor Module
AOM-MUXF GAMEWELL-FCI-AOM-MUXF Datasheet
403Kb / 1P
   Telephone monitor module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com