Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KAD5512P-50Q72 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # KAD5512P-50Q72
Description  12-Bit, 500MSPS A/D Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

KAD5512P-50Q72 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  KAD5512P-50Q72 Datasheet HTML 1Page - List of Unclassifed Manufacturers KAD5512P-50Q72 Datasheet HTML 2Page - List of Unclassifed Manufacturers KAD5512P-50Q72 Datasheet HTML 3Page - List of Unclassifed Manufacturers KAD5512P-50Q72 Datasheet HTML 4Page - List of Unclassifed Manufacturers KAD5512P-50Q72 Datasheet HTML 5Page - List of Unclassifed Manufacturers KAD5512P-50Q72 Datasheet HTML 6Page - List of Unclassifed Manufacturers KAD5512P-50Q72 Datasheet HTML 7Page - List of Unclassifed Manufacturers KAD5512P-50Q72 Datasheet HTML 8Page - List of Unclassifed Manufacturers KAD5512P-50Q72 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
KAD5512P-50
Rev 0.5.1 Preliminary
Page 3
Electrical Specifications
All specifications apply under the following conditions unless otherwise noted: AVDD = 1.8V, OVDD = 1.8V, TA =
-40°C to +85°C, AIN = -1dBFS, fSAMPLE = 500MSPS.
DC Specifications
KAD5512P-50
Parameter
Symbol Conditions
Min
Typ Max
Units
Analog Input
Full-Scale Analog Input Range
VFS
Differential
1.38
1.45
1.59
VPP
Input Resistance
RIN
Differential
500
Input Capacitance
CIN
Differential
4
pF
Full Scale Range Temp. Drift
AVTC
Full Temp
90
ppm/°C
Input Offset Voltage
VOS
±1.5
mV
Common-Mode Output Voltage
VCM
0.535
V
Power Requirements
1.8V Analog Supply Voltage
AVDD
1.7
1.8
1.9
V
1.8V Digital Supply Voltage
OVDD
1.7
1.8
1.9
V
1.8V Analog Supply Current
IAVDD
157
mA
1.8V Digital Supply Current
IOVDD
65
mA
Power Supply Rejection Ratio
PSRR
-53
dBFS
Power Dissipation
Normal Mode
PD
400
mW
Nap Mode
PD
40
mW
Sleep Mode
PD
10
mW
Gain Error
EG
±0.6
%


Similar Part No. - KAD5512P-50Q72

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
KAD5512P-50Q72 INTERSIL-KAD5512P-50Q72 Datasheet
432Kb / 26P
   12-Bit, 500MSPS A/D Converter
KAD5512P-50Q72 INTERSIL-KAD5512P-50Q72 Datasheet
652Kb / 27P
   12-Bit, 500MSPS A/D Converter
KAD5512P-50Q72 INTERSIL-KAD5512P-50Q72 Datasheet
836Kb / 30P
   12-Bit, 500MSPS A/D Converter
logo
Renesas Technology Corp
KAD5512P-50Q72 RENESAS-KAD5512P-50Q72 Datasheet
1Mb / 29P
   12-Bit, 500MSPS A/D Converter
More results

Similar Description - KAD5512P-50Q72

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
KAD5512P-50_0910 INTERSIL-KAD5512P-50_0910 Datasheet
836Kb / 30P
   12-Bit, 500MSPS A/D Converter
ISLA112P50IRZ INTERSIL-ISLA112P50IRZ Datasheet
1Mb / 34P
   12-Bit, 500MSPS A/D Converter
August 1, 2011
KAD5512P-50 INTERSIL-KAD5512P-50_09 Datasheet
652Kb / 27P
   12-Bit, 500MSPS A/D Converter
ISLA112P50 INTERSIL-ISLA112P50_11 Datasheet
1Mb / 34P
   12-Bit, 500MSPS A/D Converter
logo
Renesas Technology Corp
ISLA112P50 RENESAS-ISLA112P50 Datasheet
1Mb / 34P
   12-Bit, 500MSPS A/D Converter
KAD5512P-50 RENESAS-KAD5512P-50 Datasheet
1Mb / 29P
   12-Bit, 500MSPS A/D Converter
logo
Intersil Corporation
KAD5512P-50 INTERSIL-KAD5512P-50 Datasheet
432Kb / 26P
   12-Bit, 500MSPS A/D Converter
ISLA112P50 INTERSIL-ISLA112P50 Datasheet
1Mb / 35P
   12-Bit, 500MSPS A/D Converter
ISLA118P50IRZ INTERSIL-ISLA118P50IRZ Datasheet
1Mb / 34P
   8-Bit, 500MSPS A/D Converter
July 25, 2011
ISLA110P50 INTERSIL-ISLA110P50 Datasheet
1,007Kb / 35P
   10-Bit, 500MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com