Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KAD5512P-50Q72 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # KAD5512P-50Q72
Description  12-Bit, 500MSPS A/D Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

KAD5512P-50Q72 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button KAD5512P-50Q72 Datasheet HTML 4Page - List of Unclassifed Manufacturers KAD5512P-50Q72 Datasheet HTML 5Page - List of Unclassifed Manufacturers KAD5512P-50Q72 Datasheet HTML 6Page - List of Unclassifed Manufacturers KAD5512P-50Q72 Datasheet HTML 7Page - List of Unclassifed Manufacturers KAD5512P-50Q72 Datasheet HTML 8Page - List of Unclassifed Manufacturers KAD5512P-50Q72 Datasheet HTML 9Page - List of Unclassifed Manufacturers KAD5512P-50Q72 Datasheet HTML 10Page - List of Unclassifed Manufacturers KAD5512P-50Q72 Datasheet HTML 11Page - List of Unclassifed Manufacturers KAD5512P-50Q72 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
KAD5512P-50
Rev 0.5.1 Preliminary
Page 8
Pin Descriptions
LVCMOS Output Mode Functionality is shown in brackets (NC = No Connection)
Pin #
LVDS [LVCMOS] Name
LVDS [LVCMOS] Function
1, 6, 12, 19, 24, 71
AVDD
1.8V Analog Supply
2-5, 13, 14, 17, 18, 28-31 DNC
Do Not Connect
7, 8, 11, 72
AVSS
Analog Ground
9, 10
VINN, VINP
Analog Input Negative, Positive
15
VCM
Common Mode Output
16
CLKDIV
Clock Divider Control
20, 21
CLKP, CLKN
Clock Input True, Complement
22
OUTMODE
Output Mode (LVDS, LVCMOS)
23
NAPSLP
Power Control (Nap, Sleep modes)
25
RESETN
Power On Reset (Active Low)
26, 45, 55, 65
OVSS
Output Ground
27, 36, 56
OVDD
1.8V Output Supply
37, 38
D2N, D2P [NC, D2]
LVDS Bit 2 Output Complement, True [NC, LVCMOS Bit 2]
39, 40
D3N, D3P [NC, D3]
LVDS Bit 3 Output Complement, True [NC, LVCMOS Bit 3]
41, 42
D4N, D4P [NC, D4]
LVDS Bit 4 Output Complement, True [NC, LVCMOS Bit 4]
43, 44
D5N, D5P [NC, D5]
LVDS Bit 5 Output Complement, True [NC, LVCMOS Bit 5]
46
RLVDS
LVDS Bias Resistor (connect to OVSS with a 10kΩ, 1% resistor)
47, 48
CLKOUTN, CLKOUTP [NC, CLKOUT]
LVDS Clock Output Complement, True [NC, LVCMOS CLKOUT]
49, 50
D6N, D6P [NC, D6]
LVDS Bit 6 Output Complement, True [NC, LVCMOS Bit 6]
51, 52
D7N, D7P [NC, D7]
LVDS Bit 7 Output Complement, True [NC, LVCMOS Bit 7]
53, 54
D8N, D8P [NC, D8]
LVDS Bit 8 Output Complement, True [NC, LVCMOS Bit 8]
57, 58
D9N, D9P [NC, D9]
LVDS Bit 9 Output Complement, True [NC, LVCMOS Bit 9]
59, 60
D10N, D10P [NC, D10]
LVDS Bit 10 Output Complement, True [NC, LVCMOS Bit 10]
61, 62
D11N, D11P [NC, D11]
LVDS Bit 11 (MSB) Output Complement, True [NC, LVCMOS Bit 11]
63, 64
ORN, ORP [NC, OR]
LVDS Over Range Complement, True [NC, LVCMOS Over Range]
66
SDO
SPI Serial Data Output (4.7kΩ pull-up to OVDD is required)
67
CSB
SPI Chip Select (active low)
68
SCLK
SPI Clock
69
SDIO
SPI Serial Data Input/Output
70
OUTFMT
Output Data Format (Two’s Comp., Gray Code, Offset Binary)
Exposed Paddle
AVSS
Analog Ground
32, 33
D0N, D0P [NC, D0]
LVDS Bit 0 (LSB) Output Complement, True [NC, LVCMOS Bit 0]
34, 35
D1N, D1P [NC, D1]
LVDS Bit 1 Output Complement, True [NC, LVCMOS Bit 1]


Similar Part No. - KAD5512P-50Q72

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
KAD5512P-50Q72 INTERSIL-KAD5512P-50Q72 Datasheet
432Kb / 26P
   12-Bit, 500MSPS A/D Converter
KAD5512P-50Q72 INTERSIL-KAD5512P-50Q72 Datasheet
652Kb / 27P
   12-Bit, 500MSPS A/D Converter
KAD5512P-50Q72 INTERSIL-KAD5512P-50Q72 Datasheet
836Kb / 30P
   12-Bit, 500MSPS A/D Converter
logo
Renesas Technology Corp
KAD5512P-50Q72 RENESAS-KAD5512P-50Q72 Datasheet
1Mb / 29P
   12-Bit, 500MSPS A/D Converter
More results

Similar Description - KAD5512P-50Q72

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
KAD5512P-50_0910 INTERSIL-KAD5512P-50_0910 Datasheet
836Kb / 30P
   12-Bit, 500MSPS A/D Converter
ISLA112P50IRZ INTERSIL-ISLA112P50IRZ Datasheet
1Mb / 34P
   12-Bit, 500MSPS A/D Converter
August 1, 2011
KAD5512P-50 INTERSIL-KAD5512P-50_09 Datasheet
652Kb / 27P
   12-Bit, 500MSPS A/D Converter
ISLA112P50 INTERSIL-ISLA112P50_11 Datasheet
1Mb / 34P
   12-Bit, 500MSPS A/D Converter
logo
Renesas Technology Corp
ISLA112P50 RENESAS-ISLA112P50 Datasheet
1Mb / 34P
   12-Bit, 500MSPS A/D Converter
KAD5512P-50 RENESAS-KAD5512P-50 Datasheet
1Mb / 29P
   12-Bit, 500MSPS A/D Converter
logo
Intersil Corporation
KAD5512P-50 INTERSIL-KAD5512P-50 Datasheet
432Kb / 26P
   12-Bit, 500MSPS A/D Converter
ISLA112P50 INTERSIL-ISLA112P50 Datasheet
1Mb / 35P
   12-Bit, 500MSPS A/D Converter
ISLA118P50IRZ INTERSIL-ISLA118P50IRZ Datasheet
1Mb / 34P
   8-Bit, 500MSPS A/D Converter
July 25, 2011
ISLA110P50 INTERSIL-ISLA110P50 Datasheet
1,007Kb / 35P
   10-Bit, 500MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com