Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KAD5512P Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # KAD5512P
Description  Low Power 12-Bit, 250/210/170/125MSPS ADC
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

KAD5512P Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button KAD5512P Datasheet HTML 6Page - List of Unclassifed Manufacturers KAD5512P Datasheet HTML 7Page - List of Unclassifed Manufacturers KAD5512P Datasheet HTML 8Page - List of Unclassifed Manufacturers KAD5512P Datasheet HTML 9Page - List of Unclassifed Manufacturers KAD5512P Datasheet HTML 10Page - List of Unclassifed Manufacturers KAD5512P Datasheet HTML 11Page - List of Unclassifed Manufacturers KAD5512P Datasheet HTML 12Page - List of Unclassifed Manufacturers KAD5512P Datasheet HTML 13Page - List of Unclassifed Manufacturers KAD5512P Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
KAD5512P
Rev 0.5 Preliminary
Page 10
Pin Descriptions—48QFN
LVCMOS Output Mode Functionality is shown in brackets (NC = No Connection)
Pin #
LVDS [LVCMOS] Name
LVDS [LVCMOS] Function
1, 9, 13, 17, 47
AVDD
1.8V Analog Supply
2-4, 11, 21, 22
DNC
Do Not Connect
5, 8, 12, 48
AVSS
Analog Ground
6, 7
VINN, VINP
Analog Input Negative, Positive
10
VCM
Common Mode Output
14, 15
CLKP, CLKN
Clock Input True, Complement
16
NAPSLP
Power Control (Nap, Sleep modes)
18
RESETN
Power On Reset (Active Low)
19, 29, 41
OVSS
Output Ground
20, 42
OVDD
1.8V Output Supply
23, 24
D0N, D0P [NC, D0]
LVDS Bit 0 (LSB) Output Complement, True [NC, LVCMOS Bit 0]
25, 26
D1N, D1P [NC, D1]
LVDS Bit 1 Output Complement, True [NC, LVCMOS Bit 1]
27, 28
D2N, D2P [NC, D2]
LVDS Bit 2 Output Complement, True [NC, LVCMOS Bit 2]
30
RLVDS
LVDS Bias Resistor (connect to OVSS with a 10kΩ, 1% resistor)
31, 32
CLKOUTN, CLKOUTP [NC, CLKOUT]
LVDS Clock Output Complement, True [NC, LVCMOS CLKOUT]
33, 34
D3N, D3P [NC, D3]
LVDS Bit 3 Output Complement, True [NC, LVCMOS Bit 3]
35, 36
D4N, D4P [NC, D4]
LVDS Bit 4 Output Complement, True [NC, LVCMOS Bit 4]
37, 38
D5N, D5P [NC, D5]
LVDS Bit 5 Output Complement, True [NC, LVCMOS Bit 5]
39, 40
ORN, ORP [NC, OR]
LVDS Over Range Complement, True [NC, LVCMOS Over Range]
43
SDO
SPI Serial Data Output (4.7kΩ pull-up to OVDD is required)
44
CSB
SPI Chip Select (active low)
45
SCLK
SPI Clock
46
SDIO
SPI Serial Data Input/Output
Exposed Paddle
AVSS
Analog Ground


Similar Part No. - KAD5512P

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
KAD5512P INTERSIL-KAD5512P Datasheet
1Mb / 36P
   Low Power 12-Bit, 250/210/170/125MSPS ADC
logo
Renesas Technology Corp
KAD5512P RENESAS-KAD5512P Datasheet
1Mb / 36P
   Low Power 12-Bit, 250/210/170/125MSPS ADC
logo
Intersil Corporation
KAD5512P-12 INTERSIL-KAD5512P-12 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
KAD5512P-12 RENESAS-KAD5512P-12 Datasheet
1Mb / 30P
   10-Bit, 500MSPS A/D Converter
KAD5512P-12 RENESAS-KAD5512P-12 Datasheet
1Mb / 34P
   High Performance 12-Bit, 250/210/170/125MSPS ADC
More results

Similar Description - KAD5512P

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
KAD5512P INTERSIL-KAD5512P Datasheet
1Mb / 36P
   Low Power 12-Bit, 250/210/170/125MSPS ADC
logo
Renesas Technology Corp
KAD5512P RENESAS-KAD5512P Datasheet
1Mb / 36P
   Low Power 12-Bit, 250/210/170/125MSPS ADC
logo
Intersil Corporation
KAD5512P INTERSIL-KAD5512P_09 Datasheet
642Kb / 32P
   Low Power 12-Bit, 250/210/170/125MSPS ADC
KAD5510P_1105 INTERSIL-KAD5510P_1105 Datasheet
1Mb / 31P
   Low Power 10-Bit, 250/210/170/125MSPS ADC
logo
Renesas Technology Corp
KAD5510P RENESAS-KAD5510P Datasheet
1Mb / 31P
   Low Power 10-Bit, 250/210/170/125MSPS ADC
logo
Intersil Corporation
KAD5510P INTERSIL-KAD5510P_11 Datasheet
1Mb / 31P
   Low Power 10-Bit, 250/210/170/125MSPS ADC
KAD5512HP_0910 INTERSIL-KAD5512HP_0910 Datasheet
932Kb / 34P
   High Performance 12-Bit, 250/210/170/125MSPS ADC
KAD5510P-25Q48 INTERSIL-KAD5510P-25Q48 Datasheet
1Mb / 31P
   Low Power 10-Bit, 250/210/170/125MSPS ADC
May 2, 2011
KAD5512HP-25Q72 INTERSIL-KAD5512HP-25Q72 Datasheet
935Kb / 34P
   High Performance 12-Bit, 250/210/170/125MSPS ADC
October 1, 2009
logo
Renesas Technology Corp
KAD5512HP RENESAS-KAD5512HP Datasheet
1Mb / 34P
   High Performance 12-Bit, 250/210/170/125MSPS ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com