Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KAD5514P-21Q48 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # KAD5514P-21Q48
Description  14-bit, 250/210/170/125MSPS A/D Converter
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

KAD5514P-21Q48 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button KAD5514P-21Q48 Datasheet HTML 3Page - List of Unclassifed Manufacturers KAD5514P-21Q48 Datasheet HTML 4Page - List of Unclassifed Manufacturers KAD5514P-21Q48 Datasheet HTML 5Page - List of Unclassifed Manufacturers KAD5514P-21Q48 Datasheet HTML 6Page - List of Unclassifed Manufacturers KAD5514P-21Q48 Datasheet HTML 7Page - List of Unclassifed Manufacturers KAD5514P-21Q48 Datasheet HTML 8Page - List of Unclassifed Manufacturers KAD5514P-21Q48 Datasheet HTML 9Page - List of Unclassifed Manufacturers KAD5514P-21Q48 Datasheet HTML 10Page - List of Unclassifed Manufacturers KAD5514P-21Q48 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
KAD5514P
Rev 0.5.1 Preliminary
Page 7
Absolute Maximum Ratings1
1. Exposing the device to levels in excess of the maximum ratings may cause permanent damage. Exposure to
maximum conditions for extended periods may affect device reliability.
Thermal Impedance
2. Paddle soldered to ground plane.
ESD
Electrostatic charge accumulates on humans, tools and equipment and may discharge
through any metallic package contacts (pins, balls, exposed paddle, etc.) of an integrated
circuit. Industry-standard protection techniques have been utilized in the design of this prod-
uct. However, reasonable care must be taken in the storage and handling of ESD sensitive
products. Contact Kenet for the specific ESD sensitivity rating of this product.
Parameter
Min
Max
Unit
AVDD to AVSS
-0.4
2.1
V
OVDD to OVSS
-0.4
2.1
V
Analog Inputs to AVSS
-0.4
AVDD + 0.3
V
Clock Inputs to AVSS
-0.4
AVDD + 0.3
V
Logic Input to AVSS
-0.4
OVDD + 0.3
V
Logic Inputs to OVSS
-0.4
OVDD + 0.3
V
Operating Temperature
-40
85
°C
Storage Temperature
-65
150
°C
Junction Temperature
150
°C
AVSS to OVSS
-0.3
0.3
V
Parameter
Symbol
Typ
Unit
Junction to Paddle2
ΦJP
30
°C/W
Junction to Case2
ΦJC
TBD
°C/W
Junction to Ambient2
ΦJA
TBD
°C/W


Similar Part No. - KAD5514P-21Q48

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
KAD5514P-21Q48 INTERSIL-KAD5514P-21Q48 Datasheet
778Kb / 32P
   14-Bit, 250/210/170/125MSPS ADC
KAD5514P-21Q48 INTERSIL-KAD5514P-21Q48 Datasheet
805Kb / 34P
   14-Bit, 250/210/170/125MSPS ADC
KAD5514P-21Q48 INTERSIL-KAD5514P-21Q48 Datasheet
802Kb / 34P
   14-Bit, 250/210/170/125MSPS ADC
September 10, 2009
logo
Renesas Technology Corp
KAD5514P-21Q48 RENESAS-KAD5514P-21Q48 Datasheet
1Mb / 34P
   14-Bit, 250/210/170/125MSPS ADC
More results

Similar Description - KAD5514P-21Q48

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
KAD5514P INTERSIL-KAD5514P Datasheet
778Kb / 32P
   14-Bit, 250/210/170/125MSPS ADC
KAD5514P_0909 INTERSIL-KAD5514P_0909 Datasheet
805Kb / 34P
   14-Bit, 250/210/170/125MSPS ADC
logo
Renesas Technology Corp
KAD5514P RENESAS-KAD5514P Datasheet
1Mb / 34P
   14-Bit, 250/210/170/125MSPS ADC
logo
Intersil Corporation
KAD5514P-25Q72 INTERSIL-KAD5514P-25Q72 Datasheet
802Kb / 34P
   14-Bit, 250/210/170/125MSPS ADC
September 10, 2009
KAD5612P_0909 INTERSIL-KAD5612P_0909 Datasheet
598Kb / 29P
   Dual 12-Bit, 250/210/170/125MSPS A/D Converter
logo
List of Unclassifed Man...
KAD5610P ETC2-KAD5610P Datasheet
684Kb / 28P
   Dual 10-Bit, 250/210/170/125MSPS A/D Converter
logo
Intersil Corporation
KAD5610P-25Q72 INTERSIL-KAD5610P-25Q72 Datasheet
814Kb / 30P
   Dual 10-Bit, 250/210/170/125MSPS A/D Converter
September 10, 2009
KAD5612P INTERSIL-KAD5612P_09 Datasheet
575Kb / 28P
   Dual 12-Bit, 250/210/170/125MSPS A/D Converter
KAD5610P INTERSIL-KAD5610P Datasheet
444Kb / 27P
   Dual 10-Bit, 250/210/170/125MSPS A/D Converter
KAD5610P_0909 INTERSIL-KAD5610P_0909 Datasheet
813Kb / 30P
   Dual 10-Bit, 250/210/170/125MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com