Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KAD5514P-17Q48 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # KAD5514P-17Q48
Description  14-bit, 250/210/170/125MSPS A/D Converter
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

KAD5514P-17Q48 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  KAD5514P-17Q48 Datasheet HTML 1Page - List of Unclassifed Manufacturers KAD5514P-17Q48 Datasheet HTML 2Page - List of Unclassifed Manufacturers KAD5514P-17Q48 Datasheet HTML 3Page - List of Unclassifed Manufacturers KAD5514P-17Q48 Datasheet HTML 4Page - List of Unclassifed Manufacturers KAD5514P-17Q48 Datasheet HTML 5Page - List of Unclassifed Manufacturers KAD5514P-17Q48 Datasheet HTML 6Page - List of Unclassifed Manufacturers KAD5514P-17Q48 Datasheet HTML 7Page - List of Unclassifed Manufacturers KAD5514P-17Q48 Datasheet HTML 8Page - List of Unclassifed Manufacturers KAD5514P-17Q48 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
KAD5514P
Rev 0.5.1 Preliminary
Page 3
Electrical Specifications
All specifications apply under the following conditions unless otherwise noted: AVDD = 1.8V, OVDD = 1.8V, TA =
-40°C to +85°C, AIN = -1dBFS, fSAMPLE = Maximum Conversion Rate (per speed grade).
DC Specifications
KAD5514P-25
KAD5514P-21
KAD5514P-17
KAD5514P-12
Parameter
Symbol
Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Units
Analog Input
Full-Scale Analog Input Range
VFS
Differential
1.38
1.45
1.59
1.38
1.45
1.59
1.38
1.45
1.59
1.38
1.45
1.59
VPP
Input Resistance
RIN
Differential
500
500
500
500
Input Capacitance
CIN
Differential
4
4
4
4
pF
Full Scale Range Temp. Drift
AVTC
Full Temp
90
90
90
90
ppm/°C
Input Offset Voltage
VOS
mV
Common-Mode Output Voltage
VCM
0.535
0.535
0.535
0.535
V
Power Requirements
1.8V Analog Supply Voltage
AVDD
1.7
1.8
1.9
1.7
1.8
1.9
1.7
1.8
1.9
1.7
1.8
1.9
V
1.8V Digital Supply Voltage
OVDD
1.7
1.8
1.9
1.7
1.8
1.9
1.7
1.8
1.9
1.7
1.8
1.9
V
1.8V Analog Supply Current
IAVDD
155
TBD
142
TBD
130
TBD
116
TBD
mA
1.8V Digital Supply Current (SDR)
IOVDD
70.3
TBD
66.8
TBD
63.8
TBD
60.1
TBD
mA
1.8V Digital Supply Current (DDR)
IOVDD
39.6
TBD
37.6
TBD
35.9
TBD
33.8
TBD
mA
Power Supply Rejection Ratio
PSRR
0.5
0.5
0.5
0.5
mV/V
Power Dissipation
Normal Mode (SDR)
PD
400
TBD
377
TBD
350
TBD
318
TBD
mW
Normal Mode (DDR)
PD
351
TBD
325
TBD
300
TBD
270
TBD
mW
Nap Mode
PD
40
TBD
40
TBD
40
TBD
40
TBD
mW
Sleep Mode
PD
10
TBD
10
TBD
10
TBD
10
TBD
mW


Similar Part No. - KAD5514P-17Q48

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
KAD5514P-17Q48 INTERSIL-KAD5514P-17Q48 Datasheet
778Kb / 32P
   14-Bit, 250/210/170/125MSPS ADC
KAD5514P-17Q48 INTERSIL-KAD5514P-17Q48 Datasheet
805Kb / 34P
   14-Bit, 250/210/170/125MSPS ADC
KAD5514P-17Q48 INTERSIL-KAD5514P-17Q48 Datasheet
802Kb / 34P
   14-Bit, 250/210/170/125MSPS ADC
September 10, 2009
logo
Renesas Technology Corp
KAD5514P-17Q48 RENESAS-KAD5514P-17Q48 Datasheet
1Mb / 34P
   14-Bit, 250/210/170/125MSPS ADC
More results

Similar Description - KAD5514P-17Q48

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
KAD5514P INTERSIL-KAD5514P Datasheet
778Kb / 32P
   14-Bit, 250/210/170/125MSPS ADC
KAD5514P_0909 INTERSIL-KAD5514P_0909 Datasheet
805Kb / 34P
   14-Bit, 250/210/170/125MSPS ADC
logo
Renesas Technology Corp
KAD5514P RENESAS-KAD5514P Datasheet
1Mb / 34P
   14-Bit, 250/210/170/125MSPS ADC
logo
Intersil Corporation
KAD5514P-25Q72 INTERSIL-KAD5514P-25Q72 Datasheet
802Kb / 34P
   14-Bit, 250/210/170/125MSPS ADC
September 10, 2009
KAD5612P_0909 INTERSIL-KAD5612P_0909 Datasheet
598Kb / 29P
   Dual 12-Bit, 250/210/170/125MSPS A/D Converter
logo
List of Unclassifed Man...
KAD5610P ETC2-KAD5610P Datasheet
684Kb / 28P
   Dual 10-Bit, 250/210/170/125MSPS A/D Converter
logo
Intersil Corporation
KAD5610P-25Q72 INTERSIL-KAD5610P-25Q72 Datasheet
814Kb / 30P
   Dual 10-Bit, 250/210/170/125MSPS A/D Converter
September 10, 2009
KAD5612P INTERSIL-KAD5612P_09 Datasheet
575Kb / 28P
   Dual 12-Bit, 250/210/170/125MSPS A/D Converter
KAD5610P INTERSIL-KAD5610P Datasheet
444Kb / 27P
   Dual 10-Bit, 250/210/170/125MSPS A/D Converter
KAD5610P_0909 INTERSIL-KAD5610P_0909 Datasheet
813Kb / 30P
   Dual 10-Bit, 250/210/170/125MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com