Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELT-541SURWA Datasheet(PDF) 3 Page - Everlight Electronics Co., Ltd

Part # ELT-541SURWA
Description  0.56 Triple Digit Displays
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ELT-541SURWA Datasheet(HTML) 3 Page - Everlight Electronics Co., Ltd

  ELT-541SURWA Datasheet HTML 1Page - Everlight Electronics Co., Ltd ELT-541SURWA Datasheet HTML 2Page - Everlight Electronics Co., Ltd ELT-541SURWA Datasheet HTML 3Page - Everlight Electronics Co., Ltd ELT-541SURWA Datasheet HTML 4Page - Everlight Electronics Co., Ltd ELT-541SURWA Datasheet HTML 5Page - Everlight Electronics Co., Ltd ELT-541SURWA Datasheet HTML 6Page - Everlight Electronics Co., Ltd ELT-541SURWA Datasheet HTML 7Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet
0.56" Triple Digit Displays
ELT-541SURWA/S530-A3/R
Package Dimensions
Notes: 1.All dimensions are in millimeters , tolerance is 0.25mm unless otherwise noted.
2.Above specification may be changed without notice.
Supplier will reserve authority on material change for above specification.
EVERLIGHT ELECTRONICS CO.,LTD.
http : //www.everlight.com
Rev. : 1
Page: 2 of 6
Device Number :CDDT-541-004
Prepared date:2005/1/27
Prepared by: YanLi Zhong


Similar Part No. - ELT-541SURWA

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELT-541SYGWA EVERLIGHT-ELT-541SYGWA Datasheet
147Kb / 6P
   0.56 Triple Digit Displays
ELT-541SYGWA/S530-E2/R EVERLIGHT-ELT-541SYGWA/S530-E2/R Datasheet
147Kb / 6P
   0.56 Triple Digit Displays
More results

Similar Description - ELT-541SURWA

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELT-511USOWA EVERLIGHT-ELT-511USOWA Datasheet
117Kb / 6P
   0.56 Triple Digit Displays
ELT-512UYOWA-S530-A3 EVERLIGHT-ELT-512UYOWA-S530-A3 Datasheet
153Kb / 5P
   0.56" Triple Digit Displays
ELT-512USOWA EVERLIGHT-ELT-512USOWA Datasheet
117Kb / 6P
   0.56 Triple Digit Displays
ELT-512SURWA EVERLIGHT-ELT-512SURWA Datasheet
130Kb / 7P
   0.56 Triple Digit Displays
ELT-541SYGWA EVERLIGHT-ELT-541SYGWA Datasheet
147Kb / 6P
   0.56 Triple Digit Displays
ELT-542SURWA EVERLIGHT-ELT-542SURWA Datasheet
157Kb / 7P
   0.56 Triple Digit Displays
ELT-511SYGWA-S530-E2 EVERLIGHT-ELT-511SYGWA-S530-E2 Datasheet
88Kb / 6P
   0.56" TRIPLE DIGIT DISPLAYS
ELT-511SURWA-S530-A3 EVERLIGHT-ELT-511SURWA-S530-A3 Datasheet
149Kb / 5P
   0.56" Triple Digit Displays
ELT-512SYGWA-S530-E2 EVERLIGHT-ELT-512SYGWA-S530-E2 Datasheet
121Kb / 6P
   0.56" Triple Digit Displays
ELT-542USOWA EVERLIGHT-ELT-542USOWA Datasheet
148Kb / 6P
   0.56 Triple Digit Displays
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com