Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELT-542SYGWA Datasheet(PDF) 3 Page - Everlight Electronics Co., Ltd

Part # ELT-542SYGWA
Description  0.56 Triple Digit Displays
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ELT-542SYGWA Datasheet(HTML) 3 Page - Everlight Electronics Co., Ltd

  ELT-542SYGWA Datasheet HTML 1Page - Everlight Electronics Co., Ltd ELT-542SYGWA Datasheet HTML 2Page - Everlight Electronics Co., Ltd ELT-542SYGWA Datasheet HTML 3Page - Everlight Electronics Co., Ltd ELT-542SYGWA Datasheet HTML 4Page - Everlight Electronics Co., Ltd ELT-542SYGWA Datasheet HTML 5Page - Everlight Electronics Co., Ltd ELT-542SYGWA Datasheet HTML 6Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet
0.56" Triple Digit Displays
ELT-542SYGWA/S530-E2/R
█ Absolute maximum ratings at Ta = 25℃:
Parameter
Symbol
Rating
Unit
Reverse Voltage
VR
5V
Forward Current
IF
25
mA
Operating Temperature
Topr
-40 to +85
Storage Temperature
Tstg
-40 to +100
Soldering Temperature *
Tsol
260 ± 5
Electrostatic Discharge
ESD
2000
V
Power Dissipation
Pd
60
mW
Note: *Soldering time ≦ 5 seconds.
█ Electronic optical characteristics :
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
----
1.2
----
mcd
IF=2mA
Luminous
2.8
6.4
----
mcd
IF=10mA
----
0.4
----
mcd
IF=2mA
0.6
1.5
----
mcd
IF=10mA
Peak Wavelength
λp
----
575
----
nm
IF=20mA
Dominant Wavelength
λd
----
573
----
nm
IF=20mA
△λ
----
20
----
nm
IF=20mA
Forward Voltage
VF
-----
2.0
2.4
V
IF=20mA
Reverse Current
IR
----
----
100
μA
VR=5V
EVERLIGHT ELECTRONICS CO.,LTD. http : //www.everlight.com
Rev. : 1
Page: 3 of 6
Device Number : CDDT-542-005
Prepared date:2006/9/24
Prepared by: YanLi Zhong
Iv
Spectrum Radiation
Bandwidth
Intensity
Per segment
Per decimal point


Similar Part No. - ELT-542SYGWA

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELT-542SURWA EVERLIGHT-ELT-542SURWA Datasheet
157Kb / 7P
   0.56 Triple Digit Displays
ELT-542SURWA/S530-A3/R EVERLIGHT-ELT-542SURWA/S530-A3/R Datasheet
157Kb / 7P
   0.56 Triple Digit Displays
More results

Similar Description - ELT-542SYGWA

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELT-511USOWA EVERLIGHT-ELT-511USOWA Datasheet
117Kb / 6P
   0.56 Triple Digit Displays
ELT-512UYOWA-S530-A3 EVERLIGHT-ELT-512UYOWA-S530-A3 Datasheet
153Kb / 5P
   0.56" Triple Digit Displays
ELT-512USOWA EVERLIGHT-ELT-512USOWA Datasheet
117Kb / 6P
   0.56 Triple Digit Displays
ELT-512SURWA EVERLIGHT-ELT-512SURWA Datasheet
130Kb / 7P
   0.56 Triple Digit Displays
ELT-541SURWA EVERLIGHT-ELT-541SURWA Datasheet
158Kb / 7P
   0.56 Triple Digit Displays
ELT-541SYGWA EVERLIGHT-ELT-541SYGWA Datasheet
147Kb / 6P
   0.56 Triple Digit Displays
ELT-542SURWA EVERLIGHT-ELT-542SURWA Datasheet
157Kb / 7P
   0.56 Triple Digit Displays
ELT-511SYGWA-S530-E2 EVERLIGHT-ELT-511SYGWA-S530-E2 Datasheet
88Kb / 6P
   0.56" TRIPLE DIGIT DISPLAYS
ELT-511SURWA-S530-A3 EVERLIGHT-ELT-511SURWA-S530-A3 Datasheet
149Kb / 5P
   0.56" Triple Digit Displays
ELT-512SYGWA-S530-E2 EVERLIGHT-ELT-512SYGWA-S530-E2 Datasheet
121Kb / 6P
   0.56" Triple Digit Displays
ELT-542USOWA EVERLIGHT-ELT-542USOWA Datasheet
148Kb / 6P
   0.56 Triple Digit Displays
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com