Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75LBC182D Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN75LBC182D
Description  DIFFERENTIAL BUS TRANSCEIVER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75LBC182D Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN75LBC182D Datasheet HTML 2Page - Texas Instruments SN75LBC182D Datasheet HTML 3Page - Texas Instruments SN75LBC182D Datasheet HTML 4Page - Texas Instruments SN75LBC182D Datasheet HTML 5Page - Texas Instruments SN75LBC182D Datasheet HTML 6Page - Texas Instruments SN75LBC182D Datasheet HTML 7Page - Texas Instruments SN75LBC182D Datasheet HTML 8Page - Texas Instruments SN75LBC182D Datasheet HTML 9Page - Texas Instruments SN75LBC182D Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
SN65LBC182
SN75LBC182
SLLS500A − MAY 2001 − REVISED MARCH 2005
6
www.ti.com
PARAMETER MEASUREMENT INFORMATION
IO
IO
VOD
VOC
II
VO
27
VO
50 pF†
27
0 V or 3 V
†Includes probe and jig capacitance
Figure 1. Driver Test Circuit, VOD and VOC Without Common-Mode Loading
375
VTEST = −7 V to 12 V
VOD
Input
60
375
VTEST
Figure 2. Driver Test Circuit, VOD With Common-Mode Loading
VOD
RL = 54 Ω
50
Signal
Generator{
CL = 50 pF}
90%
Output
0 V
10%
tf
tr
Input
0 V
3 V
tPHL
1.5 V
tPLH
90%
10%
VOD(H)
VOD(L)
1.5 V
†PRR = 1 MHz, 50% duty cycle, tr < 6 ns, tf < 6 ns, Zo = 50 Ω
‡Includes probe and jig capacitance
Figure 3. Driver Switching Test Circuit and Waveforms
VOC(PP)
∆VOC(SS)
VOC
Figure 4. VOC Definitions


Similar Part No. - SN75LBC182D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LBC182D TI-SN75LBC182D Datasheet
290Kb / 15P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN75LBC182D TI-SN75LBC182D Datasheet
335Kb / 18P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN75LBC182DG4 TI-SN75LBC182DG4 Datasheet
290Kb / 15P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN75LBC182DG4 TI-SN75LBC182DG4 Datasheet
335Kb / 18P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN75LBC182DR TI-SN75LBC182DR Datasheet
290Kb / 15P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
More results

Similar Description - SN75LBC182D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65ALS1176 TI-SN65ALS1176 Datasheet
166Kb / 12P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC182 TI-SN65LBC182_07 Datasheet
335Kb / 18P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC176A-EP TI1-SN65LBC176A-EP Datasheet
410Kb / 17P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
logo
Linear Technology
LTC1485 LINER-LTC1485_15 Datasheet
188Kb / 12P
   Differential Bus Transceiver
logo
Texas Instruments
SN65LBC176-Q1 TI1-SN65LBC176-Q1 Datasheet
791Kb / 15P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
logo
Burr-Brown (TI)
ISO422 BURR-BROWN-ISO422 Datasheet
251Kb / 8P
   DIFFERENTIAL BUS TRANSCEIVER
logo
Texas Instruments
SN65LBC182 TI-SN65LBC182 Datasheet
290Kb / 15P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
TL3695 TI1-TL3695_12 Datasheet
507Kb / 20P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC176QDRQ1 TI1-SN65LBC176QDRQ1 Datasheet
741Kb / 14P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC182 TI-SN65LBC182_01 Datasheet
189Kb / 13P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com