Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAJV104K004R Datasheet(PDF) 3 Page - AVX Corporation

Part # TAJV104K004R
Description  voltage derating in applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TAJV104K004R Datasheet(HTML) 3 Page - AVX Corporation

  TAJV104K004R Datasheet HTML 1Page - AVX Corporation TAJV104K004R Datasheet HTML 2Page - AVX Corporation TAJV104K004R Datasheet HTML 3Page - AVX Corporation TAJV104K004R Datasheet HTML 4Page - AVX Corporation TAJV104K004R Datasheet HTML 5Page - AVX Corporation TAJV104K004R Datasheet HTML 6Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
6
TAJ Series
RATINGS & PART NUMBER REFERENCE
AVX
Case
Capacitance
DCL
DF
ESR
Part No.
Size
µF
(µA)
%
max. (
Ω)
Max.
Max.
@ 100 kHz
Voltage/Code
2 volt @ 85°C (1.2 volt @ 125°C) / F
TAJA476*002#
A
47
0.9
6
3.0
TAJB157*002#
B
150
3.0
10
1.6
Voltage/Code
4 volt @ 85°C (2.5 volt @ 125°C) / G
‡ TAJA106*004#
A
10
0.5
6
6.0
‡ TAJA156*004#
A
15
0.6
6
4.0
‡ TAJB156*004#
B
15
0.6
6
3.0
‡ TAJA226*004#
A
22
0.9
6
3.5
TAJA336*004#
A
33
1.3
6
3.0
‡ TAJB336*004#
B
33
1.3
6
2.8
‡ TAJB476*004#
B
47
1.9
6
2.4
‡ TAJB686*004#
B
68
2.7
6
1.8
‡ TAJC686*004#
C
68
2.7
6
1.6
TAJB107*004#
B
100
4.0
8
1.6
‡ TAJC107*004#
C
100
4.0
6
1.3
TAJC227*004#
C
220
8.8
8
1.2
‡ TAJD227*004#
D
220
8.8
8
0.9
‡ TAJE337*004#
E
330
13.2
8
0.9
TAJE687M004#
E
680
27.2
14
0.9
Voltage/Code
6.3 volt @ 85°C (4 volt @ 125°C) / J
‡ TAJA225*006#
A
2.2
0.5
6
9.0
‡ TAJA335*006#
A
3.3
0.5
6
7.0
‡ TAJA475*006#
A
4.7
0.5
6
6.0
‡ TAJA685*006#
A
6.8
0.5
6
5.0
‡ TAJB685*006#
B
6.8
0.5
6
4.0
‡ TAJA106*006#
A
10
0.6
6
4.0
‡ TAJB106*006#
B
10
0.6
6
3.0
TAJA156*006#
A
15
1.0
6
3.5
‡ TAJB156*006#
B
15
1.0
6
2.5
TAJA226*006#
A
22
1.4
6
3.0
‡ TAJB226*006#
B
22
1.4
6
2.5
‡ TAJC226*006#
C
22
1.4
6
2.0
TAJA336*006#
A
33
2.1
8
2.5
‡ TAJB336*006#
B
33
2.1
6
2.2
‡ TAJC336*006#
C
33
2.1
6
1.8
TAJB476*006#
B
47
3.0
6
2.0
‡ TAJC476*006#
C
47
3.0
6
1.6
‡ TAJD476*006#
D
47
3.0
6
1.1
TAJB686*006#
B
68
4.3
8
1.8
‡ TAJC686*006#
C
68
4.3
6
1.5
‡ TAJD686*006#
D
68
4.3
6
0.9
TAJC107*006#
C
100
6.3
6
0.9
‡ TAJD107*006#
D
100
6.3
6
0.9
TAJC157*006#
C
150
9.5
6
1.3
TAJD157*006#
D
150
9.5
6
0.9
TAJC227*006#
C
220
13.9
8
1.2
TAJD227*006#
D
220
13.9
8
0.9
TAJE337*006#
E
330
20.8
8
0.9
TAJD477M006#
D
470
29.6
12
0.9
TAJE477M006#
E
470
29.6
10
0.9
TAJV477*006#
V
470
29.6
10
0.9
TAJE687M006#
E
680
42.8
10
0.5
AVX
Case
Capacitance
DCL
DF
ESR
Part No.
Size
µF
(µA)
%
max. (
Ω)
Max.
Max.
@ 100 kHz
Voltage/Code
10 volt @ 85°C (6.3 volt @ 125°C) / A
‡ TAJA155*010#
A
1.5
0.5
6
10.0
‡ TAJA225*010#
A
2.2
0.5
6
7.0
‡ TAJA335*010#
A
3.3
0.5
6
5.5
TAJA475*010#
A
4.7
0.5
6
5.0
‡ TAJB475*010#
B
4.7
0.5
6
4.0
TAJA685*010#
A
6.8
0.7
6
4.0
‡ TAJB685*010#
B
6.8
0.7
6
3.0
TAJA106*010#
A
10
1.0
6
3.0
‡ TAJB106*010#
B
10
1.0
6
2.5
‡ TAJC106*010#
C
10
1.0
6
2.5
TAJA156*010#
A
15
1.5
6
3.2
TAJB156*010#
B
15
1.5
6
2.8
‡ TAJC156*010#
C
15
1.5
6
2.0
TAJB226*010#
B
22
2.2
6
2.4
‡ TAJC226*010#
C
22
2.2
6
1.8
TAJB336*010#
B
33
3.3
6
1.8
TAJC336*010#
C
33
3.3
6
1.6
‡ TAJD336*010#
D
33
3.3
6
1.1
TAJB476*010#
B
47
4.7
8
1.6
TAJC476*010#
C
47
4.7
6
1.4
‡ TAJD476*010#
D
47
4.7
6
0.9
TAJC686*010#
C
68
6.8
6
1.3
‡ TAJD686*010#
D
68
6.8
6
0.9
TAJC107*010#
C
100
10.0
8
1.2
TAJD107*010#
D
100
10.0
6
0.9
TAJD157*010#
D
150
15.0
8
0.9
TAJE157*010#
E
150
15.0
8
0.9
TAJD227*010#
D
220
22.0
8
0.9
TAJE227*010#
E
220
22.0
8
0.9
TAJD337M010#
D
330
33.0
8
0.9
TAJE337*010#
E
330
33.0
8
0.9
TAJV337*010#
V
330
33.0
8
0.9
TAJE477M010#
E
470
47.0
10
0.9
TAJV477*010#
V
470
47.0
10
0.9
Voltage/Code
16 volt @ 85°C (10 volt @ 125°C) / C
‡ TAJA105*016#
A
1.0
0.5
4
11.0
‡ TAJA155*016#
A
1.5
0.5
6
8.0
TAJA225*016#
A
2.2
0.5
6
6.5
‡ TAJB225*016#
B
2.2
0.5
6
5.5
TAJA335*016#
A
3.3
0.5
6
5.0
‡ TAJB335*016#
B
3.3
0.5
6
4.5
TAJA475*016#
A
4.7
0.8
6
4.0
TAJB475*016#
B
4.7
0.8
6
3.5
TAJA685*016#
A
6.8
1.1
6
3.5
TAJB685*016#
B
6.8
1.1
6
2.5
‡ TAJC685*016#
C
6.8
1.1
6
2.5
TAJA106*016#
A
10
1.6
8
3.0
TAJB106*016#
B
10
1.6
6
2.8
TAJC106*016#
C
10
1.6
8
2.0
TAJB156*016#
B
15
2.4
6
2.5
TAJC156*016#
C
15
2.4
6
1.8
TAJB226*016#
B
22
3.5
6
2.3
TAJC226*016#
C
22
3.5
6
1.6
TAJD226*016#
D
22
3.5
6
1.1
TAJC336*016#
C
33
5.3
6
1.5
TAJD336*016#
D
33
5.3
6
0.9
TAJC476*016#
C
47
7.5
6
1.4
TAJD476*016#
D
47
7.5
6
0.9
‡ TAJD686*016#
D
68
10.9
6
0.9
TAJD107*016#
D
100
16.0
6
0.9
TAJE107*016#
E
100
16.0
6
0.9
TAJD157M016#
D
150
24.0
6
0.9
TAJE227M016#
E
220
35.2
10
0.9
TAJV227*016#
V
220
35.2
8
0.9
All technical data relates to an ambient temperature of +25°C. Capacitance and
DF are measured at 120Hz, 0.5V RMS with a maximum DC bias of 2.2 volts.
DCL is measured at rated voltage after 5 minutes.
*Insert K for ±10% and M for ±20%.
#Insert R for 7" Reel, S for 13" Reel
‡ Non preferred - AVX reserves the right to supply a higher rated voltage in
the same case size.
NOTE: AVX reserves the right to supply a higher voltage rating or tighter
tolerance part in the same case size, to the same reliability standards.
For parametric information on development codes, please contact your
local AVX sales office.


Similar Part No. - TAJV104K004R

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TAJV104K010R AVX-TAJV104K010R Datasheet
31Kb / 1P
   Surface Mount Tantalum Capacitors
TAJV104K010S AVX-TAJV104K010S Datasheet
31Kb / 1P
   Surface Mount Tantalum Capacitors
TAJV104K016R AVX-TAJV104K016R Datasheet
31Kb / 1P
   Surface Mount Tantalum Capacitors
TAJV104K016S AVX-TAJV104K016S Datasheet
31Kb / 1P
   Surface Mount Tantalum Capacitors
TAJV104K025R AVX-TAJV104K025R Datasheet
31Kb / 1P
   Surface Mount Tantalum Capacitors
More results

Similar Description - TAJV104K004R

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
2N6040 NJSEMI-2N6040 Datasheet
241Kb / 2P
   POWER DERATING
SM3F NJSEMI-SM3F Datasheet
121Kb / 2P
   Derating Curves
logo
Zetex Semiconductors
SM8 ZETEX-SM8 Datasheet
76Kb / 1P
   Thermal Resistance and Derating Information
SOD323 ZETEX-SOD323 Datasheet
93Kb / 1P
   Thermal Resistance and Derating Information
logo
Maxim Integrated Produc...
MAX17531AUBEVKIT MAXIM-MAX17531AUBEVKIT Datasheet
948Kb / 8P
   (μMAX) in 5V Output Voltage Applications
Rev 0; 1/17
logo
Zetex Semiconductors
SOT23-6 ZETEX-SOT23-6 Datasheet
75Kb / 1P
   Thermal Resistance and Derating Information
SOT223 ZETEX-SOT223 Datasheet
218Kb / 1P
   Thermal Resistance and Derating Information
SOT23 ZETEX-SOT23 Datasheet
199Kb / 1P
   Thermal Resistance and Derating Information
SOT323 ZETEX-SOT323 Datasheet
106Kb / 1P
   Thermal Resistance and Derating Information
MSOP8 ZETEX-MSOP8 Datasheet
95Kb / 1P
   Thermal Resistance and Derating Information
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com