Electronic Components Datasheet Search
Selected language     English  ▼
Advanced Search

              



Part Name


SPB20N60S5 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part No. SPB20N60S5
Description  Cool MOS™ Power Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

   
 1 page
background image
1
2001-07-25
SPP20N60S5
SPB20N60S5
Preliminary data
Cool MOS™
====Power Transistor
•=New revolutionary high voltage technology
• Worldwide best R
DS(on) in TO 220
• Ultra low gate charge
•=Improved periodic avalanche rating
• Extreme dv/dt rated
•=Optimized capacitances
•=Improved noise immunity
•=Former development designation:
SPPx1N60S5/SPBx1N60S5
C
Power Semiconductors
O
O LMOS
Product Summary
VDS @ Tjmax
650
V
RDS(on)
0.19
ID
20
A
P-TO263-3-2
P-TO220-3-1
G,1
D,2
S,3
Marking
20N60S5
20N60S5
Type
Package
Ordering Code
SPP20N60S5
P-TO220-3-1
Q67040-S4751
SPB20N60S5
P-TO263-3-2
Q67040-S4171
Maximum Ratings,at Tj = 25 °C, unless otherwise specified
Parameter
Symbol
Value
Unit
Continuous drain current
TC=25°C
TC=100°C
ID
20
13
A
Pulsed drain current 1)
TC=25°C
ID puls
40
Avalanche energy, single pulse
ID = 10 A, VDD = 50 V
EAS
690
mJ
Avalanche energy (repetitive, limited by Tjmax)
ID = 20 A, VDD = 50 V
EAR
1
Avalanche current (repetitive, limited by Tjmax)
IAR
20
A
Reverse diode dv/dt
IS=20A, VDS<VDSS, di/dt=100A/µs, Tjmax=150°C
dv/dt
6
kV/µs
Gate source voltage
VGS
±20
V
Power dissipation
TC=25°C
Ptot
208
W
Operating and storage temperature
Tj , Tstg
-55... +150
°C




Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SPP11N60C3_05Cool MOS™ Power Transistor 1 2 3 4 5 MoreInfineon Technologies AG
SPI07N60S5_02Cool MOS™ Power Transistor 1 2 3 4 5 MoreInfineon Technologies AG
2N6059_03SILICON NPN POWER DARLINGTON TRANSISTOR 1 2 3 4 STMicroelectronics
SPW12N50C3Cool MOS Power Transistor 1 2 3 4 5 MoreInfineon Technologies AG
SPD02N50C3Cool MOS Power Transistor 1 2 3 4 5 MoreInfineon Technologies AG
SPW47N60S5Cool MOS Power Transistor 1 2 3 4 5 MoreInfineon Technologies AG
SPD02N60C3Cool MOS Power Transistor 1 2 3 4 5 MoreInfineon Technologies AG
SPW21N50C3Cool MOS Power Transistor 1 2 3 4 5 MoreInfineon Technologies AG
SPD03N50C3Cool MOS Power Transistor 1 2 3 4 5 MoreInfineon Technologies AG
SPW20N60C3Cool MOS Power Transistor 1 2 3 4 5 MoreInfineon Technologies AG

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl