Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAJV475K004R Datasheet(PDF) 1 Page - AVX Corporation

Part # TAJV475K004R
Description  voltage derating in applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TAJV475K004R Datasheet(HTML) 1 Page - AVX Corporation

  TAJV475K004R Datasheet HTML 1Page - AVX Corporation TAJV475K004R Datasheet HTML 2Page - AVX Corporation TAJV475K004R Datasheet HTML 3Page - AVX Corporation TAJV475K004R Datasheet HTML 4Page - AVX Corporation TAJV475K004R Datasheet HTML 5Page - AVX Corporation TAJV475K004R Datasheet HTML 6Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
4
CASE DIMENSIONS: millimeters (inches)
TAJ
Type
C
Case Code
See table above
106
Capacitance Code
pF code: 1st two
digits represent
significant figures
3rd digit represents
multiplier (number of
zeros to follow)
M
Tolerance
K=±10%
M=±20%
035
Rated DC Voltage
002=2Vdc
004=4Vdc
006=6.3Vdc
010=10Vdc
016=16Vdc
020=20Vdc
025=25Vdc
035=35Vdc
050=50Vdc
R
Packaging
See Tape and Reel
Packaging
R=7" T/R
S=13" T/R
(see page 47)
**
Additional
characters may be
added for special
requirements
HOW TO ORDER
Code
EIA
L±0.2 (0.008)
W+0.2 (0.008)
H+0.2 (0.008)
W
1±0.2 (0.008)
A+0.3 (0.012)
S Min.
Code
-0.1 (0.004)
-0.1 (0.004)
-0.2 (0.008)
A
3216
3.2 (0.126)
1.6 (0.063)
1.6 (0.063)
1.2 (0.047)
0.8 (0.031)
1.1 (0.043)
B
3528
3.5 (0.138)
2.8 (0.110)
1.9 (0.075)
2.2 (0.087)
0.8 (0.031)
1.4 (0.055)
C
6032
6.0 (0.236)
3.2 (0.126)
2.6 (0.102)
2.2 (0.087)
1.3 (0.051)
2.9 (0.114)
D
7343
7.3 (0.287)
4.3 (0.169)
2.9 (0.114)
2.4 (0.094)
1.3 (0.051)
4.4 (0.173)
E
7343H
7.3 (0.287)
4.3 (0.169)
4.1 (0.162)
2.4 (0.094)
1.3 (0.051)
4.4 (0.173)
V
7361
7.3 (0.287)
6.1 (0.240)
3.45±0.3
3.1 (0.120)
1.4 (0.055)
4.4 (0.173)
(0.136±0.012)
W1 dimension applies to the termination width for A dimensional area only.
The TAJ standard series encompasses
the five key sizes recognized by major
OEMs throughout the world. The V case
size has been added to the TAJ range
to allow high CVs to be offered. The
operational temperature is -55°C to
+85°C at rated voltage and up to +125°C
with voltage derating in applications
utilizing recommended series resistance.
Technical Data:
All technical data relate to an ambient temperature of +25°C
Capacitance Range:
0.1µF to 680µF
Capacitance Tolerance:
±10%; ±20%
Rated Voltage (V
R)
+85°C:
2
4
6.3
10
16
20
25
35
50
Category Voltage (V
C)
+125°C:
1.3
2.7
4
7
10
13
17
23
33
Surge Voltage (V
S)
+85°C:
2.7
5.2
8
13
20
26
32
46
65
Surge Voltage (V
S)
+125°C:
1.7
3.2
5
8
12
16
20
28
40
Temperature Range:
-55°C to +125°C
Reliability:
1% per 1000 hours at 85°C with 0.1
Ω/V series impedance, 60% confidence level
Qualification
CECC 30801 - 005 issue 2
EIA 535BAAC
TAJ Series
TECHNICAL SPECIFICATIONS
For part marking see page 48


Similar Part No. - TAJV475K004R

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TAJV476*035#NJ AVX-TAJV476*035#NJ Datasheet
141Kb / 8P
   Standard Tantalum, General purpose SMT chip tantalum series
TAJV477*006#NJ AVX-TAJV477*006#NJ Datasheet
141Kb / 8P
   Standard Tantalum, General purpose SMT chip tantalum series
TAJV477*010#NJ AVX-TAJV477*010#NJ Datasheet
141Kb / 8P
   Standard Tantalum, General purpose SMT chip tantalum series
TAJV477006 AVX-TAJV477006 Datasheet
895Kb / 51P
   Surface Mount Tantalum Capacitors
TAJV477006NJ AVX-TAJV477006NJ Datasheet
140Kb / 8P
   Standard Tantalum
More results

Similar Description - TAJV475K004R

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
2N6040 NJSEMI-2N6040 Datasheet
241Kb / 2P
   POWER DERATING
SM3F NJSEMI-SM3F Datasheet
121Kb / 2P
   Derating Curves
logo
Zetex Semiconductors
SM8 ZETEX-SM8 Datasheet
76Kb / 1P
   Thermal Resistance and Derating Information
SOD323 ZETEX-SOD323 Datasheet
93Kb / 1P
   Thermal Resistance and Derating Information
logo
Maxim Integrated Produc...
MAX17531AUBEVKIT MAXIM-MAX17531AUBEVKIT Datasheet
948Kb / 8P
   (μMAX) in 5V Output Voltage Applications
Rev 0; 1/17
logo
Zetex Semiconductors
SOT23-6 ZETEX-SOT23-6 Datasheet
75Kb / 1P
   Thermal Resistance and Derating Information
SOT223 ZETEX-SOT223 Datasheet
218Kb / 1P
   Thermal Resistance and Derating Information
SOT23 ZETEX-SOT23 Datasheet
199Kb / 1P
   Thermal Resistance and Derating Information
SOT323 ZETEX-SOT323 Datasheet
106Kb / 1P
   Thermal Resistance and Derating Information
MSOP8 ZETEX-MSOP8 Datasheet
95Kb / 1P
   Thermal Resistance and Derating Information
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com