Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DB0805A1950AWTR Datasheet(PDF) 1 Page - AVX Corporation

Part # DB0805A1950AWTR
Description  Thin-Film Directional Couplers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

DB0805A1950AWTR Datasheet(HTML) 1 Page - AVX Corporation

  DB0805A1950AWTR Datasheet HTML 1Page - AVX Corporation DB0805A1950AWTR Datasheet HTML 2Page - AVX Corporation DB0805A1950AWTR Datasheet HTML 3Page - AVX Corporation DB0805A1950AWTR Datasheet HTML 4Page - AVX Corporation DB0805A1950AWTR Datasheet HTML 5Page - AVX Corporation DB0805A1950AWTR Datasheet HTML 6Page - AVX Corporation DB0805A1950AWTR Datasheet HTML 7Page - AVX Corporation DB0805A1950AWTR Datasheet HTML 8Page - AVX Corporation DB0805A1950AWTR Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
53
3
TERMINALS (Top View)
Orientation in Tape
The ITF SMD 3dB 90° Coupler is based on thin-film multilayer
technology. The technology provides a miniature part with excellent
high frequency performance and rugged construction for reliable
automatic assembly.
The ITF 3dB 90° Coupler is offered in a variety of frequency bands
compatible with various types of high frequency wireless
systems.
APPLICATIONS
• Balanced Amplifiers and
Signal Distribution in
Mobile Communications
L
A
B
W
T
DIMENSIONS:
millimeters (inches)
Bottom View
L
2.03±0.10
(0.080±0.004)
W
1.55±0.10
(0.061±0.004)
T
0.98±0.15
(0.037±0.006)
A
0.56±0.25
(0.022±0.010)
B
0.35±0.15
(0.014±0.006)
Thin-Film Directional Couplers
DB0805 3dB 90° Couplers
GENERAL DESCRIPTION
ITF TECHNOLOGY
1.76
(0.069)
2.24 (0.088)
GROUND
0.70
(0.028)
0.64
(0.025)
0.15 (0.006) TYP.
50
OHM
IN
OUT1
OUT2
50
OHM
Code Letter
Marking
IN
OUT1
OUT2
FEATURES
• Miniature 0805 size
• Low I. Loss
• High Isolation
• Power Handling:
10W RF CW
• Surface Mountable
• Supplied on Tape and Reel
• Operating Temperature
-40°C to +85°C
Recommended Pad Layout Dimensions
mm (inches)
Part Number
Frequency FO
I. Loss @ FO Phase Balance Code Letter
[MHz]
[dB]
[deg] max.
Marking
DB0805A0880AWTR
880±30
0.35
3
Y
DB0805A0915AWTR
915±30
0.35
3
V
DB0805A0967AWTR
967±30
0.35
3
V
DB0805A1350AWTR
1350±50
0.35
3
C
DB0805A1650AWTR
1650±50
0.35
3
F
DB0805A1800AWTR
1800±50
0.30
3
F
DB0805A1850AWTR
1850±50
0.30
3
K
DB0805A1900AWTR
1900±50
0.30
3
K
DB0805A1950AWTR
1950±50
0.25
3
K
DB0805A2140AWTR
2140±50
0.25
3
L
DB0805A2325AWTR
2325±50
0.25
3
T
ELECTRICAL PARAMETERS*
*With Recommended Pad Layout
Important:
All intermediate frequencies within the
indicated range are readily available.


Similar Part No. - DB0805A1950AWTR

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
DB0805A2017ASTR AVX-DB0805A2017ASTR Datasheet
71Kb / 3P
   Miniature 0805 size
More results

Similar Description - DB0805A1950AWTR

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
CP0805SMD AVX-CP0805SMD Datasheet
169Kb / 6P
   Thin-Film Directional Couplers
CP0805 AVX-CP0805 Datasheet
162Kb / 5P
   Thin-Film Directional Couplers
CP0603 AVX-CP0603 Datasheet
264Kb / 7P
   Thin-Film Directional Couplers
CP0603SMD AVX-CP0603SMD Datasheet
126Kb / 4P
   Thin-Film Directional Couplers
CP0402 AVX-CP0402 Datasheet
235Kb / 5P
   Thin-Film Directional Couplers
DB0603N AVX-DB0603N Datasheet
133Kb / 11P
   Thin-Film Directional Couplers
CP0302P5425ENTR AVX-CP0302P5425ENTR Datasheet
101Kb / 2P
   Thin Film Directional Couplers WiFi Band High Directivity
CP0402W2700FNTR AVX-CP0402W2700FNTR Datasheet
287Kb / 3P
   Thin Film Directional Couplers Wide Band High Directivity
logo
TDK Electronics
TFSC06054125-2113A1 TDK-TFSC06054125-2113A1 Datasheet
74Kb / 6P
   Thin-film Directional Coupler
TFSC06053925-2111B2X TDK-TFSC06053925-2111B2X Datasheet
106Kb / 6P
   Thin-Film Directional Coupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com