Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RX2-433-40-5V Datasheet(PDF) 7 Page - Radiometrix Ltd

Part # RX2-433-40-5V
Description  UHF Radio Telemetry Transmit Module
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

RX2-433-40-5V Datasheet(HTML) 7 Page - Radiometrix Ltd

Back Button RX2-433-40-5V Datasheet HTML 3Page - Radiometrix Ltd RX2-433-40-5V Datasheet HTML 4Page - Radiometrix Ltd RX2-433-40-5V Datasheet HTML 5Page - Radiometrix Ltd RX2-433-40-5V Datasheet HTML 6Page - Radiometrix Ltd RX2-433-40-5V Datasheet HTML 7Page - Radiometrix Ltd RX2-433-40-5V Datasheet HTML 8Page - Radiometrix Ltd RX2-433-40-5V Datasheet HTML 9Page - Radiometrix Ltd RX2-433-40-5V Datasheet HTML 10Page - Radiometrix Ltd RX2-433-40-5V Datasheet HTML 11Page - Radiometrix Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Radiometrix Ltd, TXM Data Sheet
page 7
A. Helical antenna
B. Loop antenna
RF
C1
C2
C4
C3
RF-GND
C. Whip antenna
16.4cm
RF
0.5 mm enameled copper wire
close wound on 3.2 mm diameter former
433 MHz = 24 turns
Feed point 15% to 25% of total loop length
track width = 1mm
4 to 10 cm inside area
wire, rod, PCB-track or a combination
of these three
433 MHz = 16.4 cm total from RF pin.
2
RF
Duty Cycle requirements
The duty cycle is defined as the ratio, expressed as a percentage, of the maximum transmitter “on” time
on one or more carrier frequencies, relative to a one hour period. Where an acknowledgement message
is required, the additional transmitter “on” time shall be included.
There is a 10% duty cycle restriction on 433.050-434.790 MHz band in most of the EU member states.
The TXM-433 is a RF module intended to be incorporated into a wide variety of applications and
finished products, Radiometrix has no control over the end use of the TXM-433.The harmonised band
433.050 to 434.790 MHz as detailed in Annex 1 Band E of CEPT/ERC Recommendation 70-03 (which
can be downloaded at http://www.ero.dk/scripts/docmanag98/dm.dll/QueryDoc?Cat=Recommendation)
has list of countries where Duty Cycle restriction apply.
Module users should, therefore, ensure that they comply with the stated Duty Cycle requirements of
the version of CEPT/ERC Recommendation 70-03 in place at the time of incorporation of the TXM-433
into their product. It should be noted that the stated Duty Cycle must not be exceeded otherwise any
approval granted for the TXM-433 will be invalidated.
figure 6: Antenna configurations


Similar Part No. - RX2-433-40-5V

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
RX2-433-40-5V RADIOMETRIX-RX2-433-40-5V Datasheet
753Kb / 15P
   UHF FM Data Transmitter and Receiver Modules
More results

Similar Description - RX2-433-40-5V

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
RXM-UHF RADIOMETRIX-RXM-UHF Datasheet
178Kb / 9P
   UHF Radio Telemetry Receiver Module
SILRX-418-5 RADIOMETRIX-SILRX-418-5 Datasheet
527Kb / 11P
   UHF Radio Telemetry Receiver Module
logo
rfsolutions.ltd
ZULU-T868 RFSOLUTIONS-ZULU-T868 Datasheet
72Kb / 1P
   Smart RADIO Telemetry Module
DS-ZULUT RFSOLUTIONS-DS-ZULUT Datasheet
3Mb / 17P
   Smart Radio Telemetry Module
200-433FR RFSOLUTIONS-200-433FR Datasheet
396Kb / 11P
   Modular Radio Telemetry System
logo
SparkFun Electronics
WRL-15007 SPARKFUN-WRL-15007 Datasheet
84Kb / 2P
   Pixhawk Radio Telemetry Kit
11-12-18
logo
rfsolutions.ltd
PRO-LORAT1-8S10 RFSOLUTIONS-PRO-LORAT1-8S10 Datasheet
3Mb / 8P
   Professional LoRa Telemetry Radio System
DS-BRAVO-E RFSOLUTIONS-DS-BRAVO-E Datasheet
1Mb / 12P
   SmartRadio Telemetry Module
logo
M/A-COM Technology Solu...
MAIA-010365 MA-COM-MAIA-010365_15 Datasheet
1Mb / 13P
   Transmit Module
MAIA-010365 MA-COM-MAIA-010365 Datasheet
1Mb / 13P
   Transmit Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com