Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TX2-433-40-5V Datasheet(PDF) 4 Page - Radiometrix Ltd

Part # TX2-433-40-5V
Description  UHF FM Data Transmitter and Receiver Modules
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

TX2-433-40-5V Datasheet(HTML) 4 Page - Radiometrix Ltd

  TX2-433-40-5V Datasheet HTML 1Page - Radiometrix Ltd TX2-433-40-5V Datasheet HTML 2Page - Radiometrix Ltd TX2-433-40-5V Datasheet HTML 3Page - Radiometrix Ltd TX2-433-40-5V Datasheet HTML 4Page - Radiometrix Ltd TX2-433-40-5V Datasheet HTML 5Page - Radiometrix Ltd TX2-433-40-5V Datasheet HTML 6Page - Radiometrix Ltd TX2-433-40-5V Datasheet HTML 7Page - Radiometrix Ltd TX2-433-40-5V Datasheet HTML 8Page - Radiometrix Ltd TX2-433-40-5V Datasheet HTML 9Page - Radiometrix Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Radiometrix Ltd., TX2 & RX2 Data Sheet
page 4
Survival Maximums:
Operating temperature:
-10
°C to +55°C
Storage temperature:
-40
°C to +100°C
TX2, all variants
Vcc (pin 3)
-0.1V to +10.0V
Data input (pin 5)
-0.1V to +10.0V
RF out (pin 2)
±50V @ < 10MHz , +20dBm @ > 10MHz
RX2, all variants
Vcc (pin 5)
-0.1V to +10.0V
Data, CD & AF (pin 7,3,6)
-0.1V to + Vcc V
RF input (pin 1)
±50V @ < 10MHz , +13dBm @ > 10MHz
note: Operation of the TX2 above 6V may cause the module to exceed the licensed power level.
Electrical Performance: TX2 transmitter
pin
min.
typ.
max.
units
notes
DC LEVELS
supply voltage
3
2.2
3.0
4.0
V
-3V version
supply voltage
3
4.0
5.0
6.0
V
-5V version
CURRENT & RF POWER
TX2-433-3V
supply current @ Vcc = 3V
3
4
6
10
mA
RF power
@ Vcc = 3V
2
0
+4
+6
dBm
1
TX2-433-5V
supply current @ Vcc = 5V
3
7
10
14
mA
RF power
@ Vcc = 5V
2
+6
+9
+12
dBm
1
RF
2nd harmonic
2
-
-65
-54
dBc
1
harmonics @ > 1GHz
2
-
-50
-40
dBc
1
initial frequency accuracy
-
-30
0
+30
kHz
overall frequency accuracy
-
-70
-
+70
kHz
FM deviation (+/-)
-
20
25
30
kHz
modulation bandwidth @ -3dB
-
DC
-
20
kHz
modulation bandwidth @ -3dB
DC
-
100
kHz
2
modulation distortion (THD)
-
-
5
10
%
power up time to full RF
-
-
-
100
µs
note:
1. Measured into a 50
Ω load.
2. For 160kbps version


Similar Part No. - TX2-433-40-5V

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
TX2-4.5V NAIS-TX2-4.5V Datasheet
166Kb / 7P
   2 A CAPACITY RELAY WITH HIGH SURGE VOLTAGE & HIGH BREAKDOWN VOLTAGE
logo
Panasonic Semiconductor
TX2-4.5V PANASONIC-TX2-4.5V Datasheet
3Mb / 7P
   Best seller with broad lineup and AC 2000 V breakdown voltage.
logo
Nais(Matsushita Electri...
TX2-48V NAIS-TX2-48V Datasheet
166Kb / 7P
   2 A CAPACITY RELAY WITH HIGH SURGE VOLTAGE & HIGH BREAKDOWN VOLTAGE
logo
Panasonic Semiconductor
TX2-48V PANASONIC-TX2-48V Datasheet
3Mb / 7P
   Best seller with broad lineup and AC 2000 V breakdown voltage.
More results

Similar Description - TX2-433-40-5V

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
TX3A-869-64 RADIOMETRIX-TX3A-869-64 Datasheet
451Kb / 15P
   UHF FM Data Transmitter and Receiver Modules
TX2A-433-64 RADIOMETRIX-TX2A-433-64 Datasheet
269Kb / 11P
   UHF FM Data Transmitter and Receiver Modules
TX2A RADIOMETRIX-TX2A Datasheet
207Kb / 10P
   UHF FM Data Transmitter and Receiver Modules
logo
rfsolutions.ltd
FM-RTFQ RFSOLUTIONS-FM-RTFQ Datasheet
422Kb / 6P
   FM TRANSMITTER & RECEIVER HYBRID MODULES
DS305-9 RFSOLUTIONS-DS305-9 Datasheet
122Kb / 8P
   FM Radio Transmitter & Receiver Modules
QFMT5-434 RFSOLUTIONS-QFMT5-434 Datasheet
3Mb / 6P
   FM Radio Transmitter & Receiver Modules
T5-434 RFSOLUTIONS-T5-434 Datasheet
116Kb / 8P
   FM Radio Transmitter & Receiver Modules
logo
Radiometrix Ltd
TX2S RADIOMETRIX-TX2S Datasheet
242Kb / 7P
   UHF FM Data Transmitter Module
NTX2B RADIOMETRIX-NTX2B Datasheet
163Kb / 13P
   UHF Narrow Band FM Transmitter & Receiver
logo
rfsolutions.ltd
FM-TX2-XXX RFSOLUTIONS-FM-TX2-XXX Datasheet
341Kb / 9P
   FM TRANSMITTER & RECEIVER MODULES. (2ND GENERATION)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com