Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RX3A-869-64 Datasheet(PDF) 1 Page - Radiometrix Ltd

Part # RX3A-869-64
Description  UHF FM Data Transmitter and Receiver Modules
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

RX3A-869-64 Datasheet(HTML) 1 Page - Radiometrix Ltd

  RX3A-869-64 Datasheet HTML 1Page - Radiometrix Ltd RX3A-869-64 Datasheet HTML 2Page - Radiometrix Ltd RX3A-869-64 Datasheet HTML 3Page - Radiometrix Ltd RX3A-869-64 Datasheet HTML 4Page - Radiometrix Ltd RX3A-869-64 Datasheet HTML 5Page - Radiometrix Ltd RX3A-869-64 Datasheet HTML 6Page - Radiometrix Ltd RX3A-869-64 Datasheet HTML 7Page - Radiometrix Ltd RX3A-869-64 Datasheet HTML 8Page - Radiometrix Ltd RX3A-869-64 Datasheet HTML 9Page - Radiometrix Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Radiometrix Ltd, TX3A & RX3A Data Sheet
page 1
Features:
Frequencies available as standard: 869.85MHz, 914.5MHz
CE certified by independent Notified Body
Verified to comply with Radio standard EN 300 220-3 by accredited Test Laboratory
Verified to comply with EMC standard EN 301 489-3 by accredited Test Laboratory
North American version conforms to FCC part 15.249
Data rates up to 64kbps
Fully screened
Available for operation in the 868-870MHz band in Europe and the 902–928MHz band in
North America, both modules combine full screening with internal filtering to ensure EMC
compliance by minimising spurious radiation and susceptibility. The TX3A & RX3A will suit
one-to-one and multi-node wireless links in such applications as car and building security,
EPOS and inventory tracking, remote industrial process monitoring and data networks.
Because of their small size and low power requirements, both modules are ideal for use in
portable, battery-powered applications such as hand-held terminals.
Transmitter – TX3A
Crystal-locked PLL, FM modulated at up to 64 kb/s
Operation from 2.2V to 16V @ 7.5mA
Built-in regulator for improved stability and supply noise rejection
1mW nominal RF output
Enable facility
Receiver – RX3A
Single conversion FM superhet with SAW front end filter
Operation from 2.7V to 16V @ 11mA
Built-in regulator for improved stability and supply noise rejection
-100dBm sensitivity @ 1ppm BER, 64kb/s version
-107dBm sensitivity @ 1ppm BER, 10kb/s version
RSSI output with 60dB range
Enable facility
Extremely low LO leakage, -120dBm typical
Radiometrix
Hartcran House, 231 Kenton Lane, Harrow, HA3 8RP, England
Issue 1, 01 November 2004
TX3A & RX3A
European versions: TX3A-869-64/RX3A-869-xx
USA versions:
TX3A-914-64/RX3A-914-xx
Data speed options (-xx) : -10 (10kbps), -64 (64kbps)
The TX3A & RX3A are miniature UHF
radio transmitter & receiver modules
designed
for
PCB
mounting.
They
facilitate the simple implementation of
data links at speeds up to 64kbps and
distances up to 75m in-building or 300m
over open ground.
TX3A Transmitter
RX3A Receiver
UHF FM Data Transmitter and Receiver Modules
Tel: +44 (0) 20 8909 9595, Fax: +44 (0) 20 8909 2233


Similar Part No. - RX3A-869-64

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
RX3A-869-64 RADIOMETRIX-RX3A-869-64 Datasheet
453Kb / 2P
   869MHz Wide Band FM Transmitter
More results

Similar Description - RX3A-869-64

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
TX2A-433-64 RADIOMETRIX-TX2A-433-64 Datasheet
269Kb / 11P
   UHF FM Data Transmitter and Receiver Modules
TX2-433-40-5V RADIOMETRIX-TX2-433-40-5V Datasheet
753Kb / 15P
   UHF FM Data Transmitter and Receiver Modules
TX2A RADIOMETRIX-TX2A Datasheet
207Kb / 10P
   UHF FM Data Transmitter and Receiver Modules
logo
rfsolutions.ltd
FM-RTFQ RFSOLUTIONS-FM-RTFQ Datasheet
422Kb / 6P
   FM TRANSMITTER & RECEIVER HYBRID MODULES
DS305-9 RFSOLUTIONS-DS305-9 Datasheet
122Kb / 8P
   FM Radio Transmitter & Receiver Modules
QFMT5-434 RFSOLUTIONS-QFMT5-434 Datasheet
3Mb / 6P
   FM Radio Transmitter & Receiver Modules
T5-434 RFSOLUTIONS-T5-434 Datasheet
116Kb / 8P
   FM Radio Transmitter & Receiver Modules
logo
Radiometrix Ltd
TX2S RADIOMETRIX-TX2S Datasheet
242Kb / 7P
   UHF FM Data Transmitter Module
NTX2B RADIOMETRIX-NTX2B Datasheet
163Kb / 13P
   UHF Narrow Band FM Transmitter & Receiver
logo
rfsolutions.ltd
FM-TX2-XXX RFSOLUTIONS-FM-TX2-XXX Datasheet
341Kb / 9P
   FM TRANSMITTER & RECEIVER MODULES. (2ND GENERATION)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com