Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDL2R-433-9 Datasheet(PDF) 5 Page - Radiometrix Ltd

Part # TDL2R-433-9
Description  UHF Multi Channel Transparent Data Link Transceiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

TDL2R-433-9 Datasheet(HTML) 5 Page - Radiometrix Ltd

  TDL2R-433-9 Datasheet HTML 1Page - Radiometrix Ltd TDL2R-433-9 Datasheet HTML 2Page - Radiometrix Ltd TDL2R-433-9 Datasheet HTML 3Page - Radiometrix Ltd TDL2R-433-9 Datasheet HTML 4Page - Radiometrix Ltd TDL2R-433-9 Datasheet HTML 5Page - Radiometrix Ltd TDL2R-433-9 Datasheet HTML 6Page - Radiometrix Ltd TDL2R-433-9 Datasheet HTML 7Page - Radiometrix Ltd TDL2R-433-9 Datasheet HTML 8Page - Radiometrix Ltd TDL2R-433-9 Datasheet HTML 9Page - Radiometrix Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Radiometrix Ltd
TDL2A Data Sheet
page 5
Figure 4: TDL2A transmitting and receiving
The oscilloscope screen capture shows a single byte being transmitted by TDL2A. A BiM2-433-64
transceiver is used to capture the transmitted data The character appears on the serial data output
(RXD) pin of the other TDL2A after about 12.5ms. Busy (STATUS) pin is momentarily set high to
indicate the presence of a valid data in the receive buffer of the TDL2A.
It can be clearly seen that unlike raw radio modules, TDL2A does not output any noise when there is
not any transmission. Data fed into the TXD input of a TDL2A appears at the RXD output of another
TDL2A within radio range in the original form it was fed.
Figure 5: 16kbps Bi-phase encoded continuous data stream (expanded view)
Continuous serial data at 9600bps (above) is encoded as half-cycles of 8kHz (62.5
µs long bit) and 16kHz
(31.25
µs short bit).


Similar Part No. - TDL2R-433-9

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
TDL2R-433-9 RADIOMETRIX-TDL2R-433-9 Datasheet
581Kb / 11P
   UHF Multi Channel Transparent Data Link
More results

Similar Description - TDL2R-433-9

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
TDL2A RADIOMETRIX-TDL2A Datasheet
581Kb / 11P
   UHF Multi Channel Transparent Data Link
logo
List of Unclassifed Man...
TDL2 ETC2-TDL2 Datasheet
331Kb / 10P
   UHF Transparent Data Link transceiver
TXL2 ETC2-TXL2 Datasheet
368Kb / 11P
   UHF Multi Channel Transparent Data Link TX/RX
logo
Radiometrix Ltd
RXL2-433-9 RADIOMETRIX-RXL2-433-9 Datasheet
592Kb / 11P
   UHF Multi Channel Transparent Data Link TX/RX
USX2 RADIOMETRIX-USX2 Datasheet
362Kb / 9P
   NBFM Multi-channel UHF Transceiver
USX2-433-5 RADIOMETRIX-USX2-433-5 Datasheet
216Kb / 7P
   NBFM Multi-channel UHF Transceiver
SMX2-433-5 RADIOMETRIX-SMX2-433-5 Datasheet
232Kb / 7P
   Small Multi-channel UHF Transceiver
SFX2 RADIOMETRIX-SFX2 Datasheet
139Kb / 6P
   500mW NBFM Multi-channel UHF Transceiver
BHX2 RADIOMETRIX-BHX2_12 Datasheet
470Kb / 9P
   NBFM Multi-channel 500mW UHF Transceiver
BHX2 RADIOMETRIX-BHX2 Datasheet
254Kb / 9P
   NBFM Multi-channel 500mW UHF Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com