Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TX2I-433-5 Datasheet(PDF) 5 Page - Radiometrix Ltd

Part # TX2I-433-5
Description  UHF Narrow Band FM multi channel radio modules
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

TX2I-433-5 Datasheet(HTML) 5 Page - Radiometrix Ltd

  TX2I-433-5 Datasheet HTML 1Page - Radiometrix Ltd TX2I-433-5 Datasheet HTML 2Page - Radiometrix Ltd TX2I-433-5 Datasheet HTML 3Page - Radiometrix Ltd TX2I-433-5 Datasheet HTML 4Page - Radiometrix Ltd TX2I-433-5 Datasheet HTML 5Page - Radiometrix Ltd TX2I-433-5 Datasheet HTML 6Page - Radiometrix Ltd TX2I-433-5 Datasheet HTML 7Page - Radiometrix Ltd TX2I-433-5 Datasheet HTML 8Page - Radiometrix Ltd TX2I-433-5 Datasheet HTML 9Page - Radiometrix Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Radiometrix Ltd
TX2M/RX2M Data Sheet
page 5
TX2M and RX2M serial interface commands
2400 baud at RS232 level. 8 bit data, no parity, 1 start bit, 1 or 2 stop bits, No flow control.
Transmit (pin 3 on DB9) and Signal Ground (pin 5 on DB9) should be connected to PGM and 0V pin.
Command
Format
Description
SINGLE nnnnn
Set value of N for single channel operation
GOCHAN xx
Serial select of channel xx (0 to 127)
LOADMX xx
Set highest permitted (serial selected) channel xx (others default to ch0)
LOADaa nnnnn
Set value of N for channel aa (channels 0 to 15)
LOADTB nnnnn
Set value of N for channel 16 (channels 17 to 127 then in sequence)
RVALUE rrrr
Enter value for R register
SETPAR
Channel selected by 3 bit parallel input (0 to 7). Disable modem
SETSER
Channel selected by most recent GOCHAN operation
SETMOD
Enable internal modem. Frequency selected by most recent GOCHAN or SINGLE
GOTEST
250Hz test tone modulated transmission
<CR>
Process entry (Carriage Return = 0D hex )
/
Clear all buffers
xx = channel number from 00 to 127
aa = two digit channel number from 00 to 15
nnnnn = synthesizer N register value, (up to 65535)
rrrr = synthesizer R register value, (up to 16383)
17322
25
050
.
433
=
=
=
kHz
MHz
f
f
N
cing
Channelspa
RF
TX
kHz
MHz
f
f
R
cing
channelspa
TCXO
25
13
=
=
, So R=520
16466
25
4
.
21
050
.
433
4
.
21
=
=
=
kHz
MHz
f
MHz
f
N
cing
Channelspa
RF
RX
Channel
Number
433MHz
band
N value for TX
N value for RX
458MHz
band
N value for TX
N value for RX
0
433.050
/LOAD00 17322
/LOAD00 16466
458.525
/LOAD00 18341
/LOAD00 17485
1
433.075
/LOAD01 17323
/LOAD01 16467
458.550
/LOAD01 18342
/LOAD01 17486
2
433.100
/LOAD02 17324
/LOAD02 16468
458.575
/LOAD02 18343
/LOAD02 17487
3
433.125
/LOAD03 17325
/LOAD03 16469
458.600
/LOAD03 18344
/LOAD03 17488
4
433.150
/LOAD04 17326
/LOAD04 16470
458.625
/LOAD04 18345
/LOAD04 17489
5
433.175
/LOAD05 17327
/LOAD05 16471
458.650
/LOAD05 18346
/LOAD05 17490
6
433.200
/LOAD06 17328
/LOAD06 16472
458.675
/LOAD06 18347
/LOAD06 17491
7
433.225
/LOAD07 17329
/LOAD07 16473
458.700
/LOAD07 18348
/LOAD07 17492
8
433.250
/LOAD08 17330
/LOAD08 16474
458.725
/LOAD08 18349
/LOAD08 17493
9
433.275
/LOAD09 17331
/LOAD09 16475
458.750
/LOAD09 18350
/LOAD09 17494
10
433.300
/LOAD10 17332
/LOAD10 16476
458.775
/LOAD10 18351
/LOAD10 17495
11
433.325
/LOAD11 17333
/LOAD11 16477
458.800
/LOAD11 18352
/LOAD11 17496
12
433.350
/LOAD12 17334
/LOAD12 16478
458.825
/LOAD12 18353
/LOAD12 17497
13
433.375
/LOAD13 17335
/LOAD13 16479
458.850
/LOAD13 18354
/LOAD13 17498
14
433.400
/LOAD14 17336
/LOAD14 16480
458.875
/LOAD14 18355
/LOAD14 17499
15
433.425
/LOAD15 17337
/LOAD15 16481
458.900
/LOAD15 18356
/LOAD15 17500
16
433.450
/LOADTB 17338
/LOADTB 16482
458.925
/LOADTB 18357
/LOADTB 17501
F max
434.775
/LOADMX 69
/LOADMX 69
459.100
/LOADMX 23
/LOADMX 23
Please observe the following ERC/REC 70-03 (April 2004) Annex 1 recommendation when using the
Non-specific Short Range Device (SRD) band for Telemetry, Telecommand, Alarms, Data in general and
other similar applications.
Frequency Band
ERP
Duty
Cycle
Channel
spacing
Notes
E (433.050 - 434.790MHz)
10mW
<10% No spacing
E1 (433.050 - 434.790MHz)
1mW <100% No spacing
E2 (434.040 - 434.790MHz)
10mW <100%
<25kHz
Audio and voice signals should be
avoided in the band 433.050MHz -
434.790MHz
Power density limited to -13dBm/10
kHz for wideband channels with a
bandwidth greater than 250 kHz


Similar Part No. - TX2I-433-5

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
TX2I-433-5 RADIOMETRIX-TX2I-433-5 Datasheet
566Kb / 12P
   UHF NBFM multi channel radio modules
More results

Similar Description - TX2I-433-5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LMT2 ETC2-LMT2 Datasheet
254Kb / 11P
   UHF Narrow Band FM Low Cost multi channel radio modules
logo
Radiometrix Ltd
TLC2H-433-5 RADIOMETRIX-TLC2H-433-5 Datasheet
288Kb / 11P
   UHF Narrow Band FM Low Cost multi channel radio modules
TLC2H RADIOMETRIX-TLC2H_14 Datasheet
621Kb / 12P
   UHF Narrow Band FM Low Cost multi channel radio modules
LMT2 RADIOMETRIX-LMT2 Datasheet
254Kb / 11P
   UHF Narrow Band FM Low Cost multi channel radio modules
TLC2 RADIOMETRIX-TLC2 Datasheet
555Kb / 11P
   UHF Narrow Band FM Low Cost multi channel radio modules
LMT0 RADIOMETRIX-LMT0 Datasheet
105Kb / 10P
   27MHz HF Narrow Band FM multi channel radio modules
LMR0 RADIOMETRIX-LMR0 Datasheet
105Kb / 10P
   27MHz HF Narrow Band FM multi channel radio modules
LMT1 RADIOMETRIX-LMT1 Datasheet
235Kb / 10P
   VHF Narrow Band FM Low Cost multi channel radio modules
LMT1 RADIOMETRIX-LMT1_14 Datasheet
426Kb / 10P
   VHF Narrow Band FM Low Cost multi channel radio modules
TR2M RADIOMETRIX-TR2M Datasheet
444Kb / 11P
   Narrow Band FM Multi-channel UHF Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com