Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPM2-433-18 Datasheet(PDF) 2 Page - Radiometrix Ltd

Part # SPM2-433-18
Description  UHF SpacePort Modem
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

SPM2-433-18 Datasheet(HTML) 2 Page - Radiometrix Ltd

  SPM2-433-18 Datasheet HTML 1Page - Radiometrix Ltd SPM2-433-18 Datasheet HTML 2Page - Radiometrix Ltd SPM2-433-18 Datasheet HTML 3Page - Radiometrix Ltd SPM2-433-18 Datasheet HTML 4Page - Radiometrix Ltd SPM2-433-18 Datasheet HTML 5Page - Radiometrix Ltd SPM2-433-18 Datasheet HTML 6Page - Radiometrix Ltd SPM2-433-18 Datasheet HTML 7Page - Radiometrix Ltd SPM2-433-18 Datasheet HTML 8Page - Radiometrix Ltd SPM2-433-18 Datasheet HTML 9Page - Radiometrix Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Radiometrix Ltd, SpacePort Modem
page 2
INTRODUCTION
The SPM2 is a self-contained radio packet modem module that requires only a simple antenna, 5V supply
and a serial I/O port on a host microcontroller or PC.
The module provides all the RF circuits and processor intensive low level packet formatting and packet
recovery functions required to inter-connect any number of devices with serial port in a radio network.
A continuous stream of serial data downloaded by a Host microcontroller into the SPM serial receive
buffer is transmitted by the SPM’S transceiver and will "appear" in the serial buffer of the addressed
SPM within radio range.
download
download
upload
upload
HOST
SPM
SPM
HOST
Transmit/Receive
1
2
3
4
5
6
7
8
9
10
11
39 mm
36.5mm
6.5mm
side view
top view
side views
Right
Left
recommended PCB
hole size: 0.9 mm
18
17
16
15
14
13
12
19
20
21
22
23 mm
pin pitch: 2 mm
0889 !
GND
RF GND
Vcc
RF
DEFAULT
RF GND
RXFLOW/CTS
RX SELECT
RXD
TX SELECT
TXD
GND
WAKE/DTR
TXD/AF
SETUP
SIGNAL
RESET
D3
RXR
D2
RXA
RST
Figure 1: SPM + Host -controller
Figure 2: Physical dimensions and pinouts


Similar Part No. - SPM2-433-18

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPM2-433-18 ETC2-SPM2-433-18 Datasheet
378Kb / 15P
   UHF SpacePort Modem
SPM2-433-18-3V ETC2-SPM2-433-18-3V Datasheet
378Kb / 15P
   UHF SpacePort Modem
More results

Similar Description - SPM2-433-18

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPM2-433 ETC2-SPM2-433 Datasheet
378Kb / 15P
   UHF SpacePort Modem
logo
Radiometrix Ltd
SP2-433-160 RADIOMETRIX-SP2-433-160 Datasheet
702Kb / 27P
   UHF SpacePort Transceiver
SPM RADIOMETRIX-SPM Datasheet
292Kb / 7P
   SpacePort Modem Evaluation Kit
RPM3 RADIOMETRIX-RPM3 Datasheet
736Kb / 15P
   UHF Radio Packet Modem
RPM3B RADIOMETRIX-RPM3B Datasheet
1,002Kb / 15P
   UHF Radio Packet Modem
RPM2A RADIOMETRIX-RPM2A Datasheet
445Kb / 15P
   UHF Radio Packet Modem
RPM2A RADIOMETRIX-RPM2A_12 Datasheet
705Kb / 15P
   UHF Radio Packet Modem
TDM2-433-9 RADIOMETRIX-TDM2-433-9 Datasheet
204Kb / 7P
   UHF Multi Channel Radio Modem
M48-434-NIM2 RADIOMETRIX-M48-434-NIM2 Datasheet
367Kb / 11P
   UHF NBFM RS232 radio modem
logo
List of Unclassifed Man...
TDH2 ETC2-TDH2 Datasheet
350Kb / 11P
   UHF Multi Channel Hi Power Radio Modem
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com