Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TX2M-458-10 Datasheet(PDF) 4 Page - Radiometrix Ltd

Part # TX2M-458-10
Description  UHF Narrow Band FM multi channel radio modules
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

TX2M-458-10 Datasheet(HTML) 4 Page - Radiometrix Ltd

  TX2M-458-10 Datasheet HTML 1Page - Radiometrix Ltd TX2M-458-10 Datasheet HTML 2Page - Radiometrix Ltd TX2M-458-10 Datasheet HTML 3Page - Radiometrix Ltd TX2M-458-10 Datasheet HTML 4Page - Radiometrix Ltd TX2M-458-10 Datasheet HTML 5Page - Radiometrix Ltd TX2M-458-10 Datasheet HTML 6Page - Radiometrix Ltd TX2M-458-10 Datasheet HTML 7Page - Radiometrix Ltd TX2M-458-10 Datasheet HTML 8Page - Radiometrix Ltd TX2M-458-10 Datasheet HTML 9Page - Radiometrix Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Radiometrix Ltd
TX2M/RX2M Data Sheet
page 4
Pin: C
Name
Function
1
0V
Ground
2
TXE
Transmitter enable. Low = ON, open = off. 4k7 internal pullup to Vcc
3
TXD
DC coupled input for 3-12V CMOS logic. Leave open if unused
4
AF in
AC coupled Analogue Input. Limit to 1Vpk-pk
±10% to keep distortion
<1.5% and peak FM deviation >2.5kHz
5
+4.4Vout
DC supply. 75mA maximum drain. Only present when TXE is low
6
PGM
Serial programming/configuration input at RS232 level
7
0V
Ground
8
P1 (MOD TXD)
9
P2 (MOD NC)
10
P3 (MOD TXH)
Parallel frequency select inputs. Inverted logic, 10k pullups to 4V
Pin C
Name
Function
1
RSSI
DC level between 0.5V and 2.5V. 60dB dynamic range
2
SQF
Noise operated carrier detect. Open collector. ON/low = no signal
3
AF out
200mVpk-pk audio. DC coupled, approx 1V bias. Muted by squelch
4
RXD
Open collector output of data slicer. Need external pull-up
5
+4.4V out
DC supply. 75mA maximum drain. Present if unit is powered.
6
0V
Ground
7
PGM
Serial programming/configuration input at RS232 level
8
P1 (MOD NC)
9
P2 (MOD RXD)
10
P3 (MOD CDE)
Parallel frequency select inputs. Inverted logic, 10k pullups to 4V
NOTES:
1. Internal AF Input gain is factory set for 1Vpk-pk to produce 3kHz peak deviation and minimum
distortion. Analogue gain may be set for an input level of 50mV – 2V pk-pk. This cannot be done
without appropriate test equipment. Contact factory for details
2. Carrier detect on RX2M mutes the AF and DATA outputs when RF input signal is <-123dBm.
This can be factory disabled if required.
3. There are no pullups on the open collector outputs. External pull-up resistor should be used.
4. With 1200baud modem mode enabled, parallel selection of channel is unavailable as the P1-P3 lines
are used for input/output operations.
Figure 3: TX2M Footprint (Top) view
Figure 4: RX2M Footprint (Top) view
Pin: A
Name
Function
1
+Vin
+4.5-16V
2
Gnd
Ground
Pin: B
Name
Function
1
Gnd
RF ground
2
RF out
To the antenna
3
Gnd
RF ground
Pin A
Name
Function
1
+Vin
+4.5-16V
2
Gnd
Ground
Pin B
Name
Function
1
Gnd
RF ground
2
RF out
To the antenna
3
Gnd
RF ground
Pin Description - RX2M
Pin Description - TX2M


Similar Part No. - TX2M-458-10

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
TX2M-458-10 RADIOMETRIX-TX2M-458-10 Datasheet
566Kb / 12P
   UHF NBFM multi channel radio modules
More results

Similar Description - TX2M-458-10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LMT2 ETC2-LMT2 Datasheet
254Kb / 11P
   UHF Narrow Band FM Low Cost multi channel radio modules
logo
Radiometrix Ltd
TLC2H-433-5 RADIOMETRIX-TLC2H-433-5 Datasheet
288Kb / 11P
   UHF Narrow Band FM Low Cost multi channel radio modules
TLC2H RADIOMETRIX-TLC2H_14 Datasheet
621Kb / 12P
   UHF Narrow Band FM Low Cost multi channel radio modules
LMT2 RADIOMETRIX-LMT2 Datasheet
254Kb / 11P
   UHF Narrow Band FM Low Cost multi channel radio modules
TLC2 RADIOMETRIX-TLC2 Datasheet
555Kb / 11P
   UHF Narrow Band FM Low Cost multi channel radio modules
LMT0 RADIOMETRIX-LMT0 Datasheet
105Kb / 10P
   27MHz HF Narrow Band FM multi channel radio modules
LMR0 RADIOMETRIX-LMR0 Datasheet
105Kb / 10P
   27MHz HF Narrow Band FM multi channel radio modules
LMT1 RADIOMETRIX-LMT1 Datasheet
235Kb / 10P
   VHF Narrow Band FM Low Cost multi channel radio modules
LMT1 RADIOMETRIX-LMT1_14 Datasheet
426Kb / 10P
   VHF Narrow Band FM Low Cost multi channel radio modules
TR2M RADIOMETRIX-TR2M Datasheet
444Kb / 11P
   Narrow Band FM Multi-channel UHF Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com