Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SILRX-433-10 Datasheet(PDF) 1 Page - Radiometrix Ltd

Part # SILRX-433-10
Description  UHF Radio Telemetry Receiver Module
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

SILRX-433-10 Datasheet(HTML) 1 Page - Radiometrix Ltd

  SILRX-433-10 Datasheet HTML 1Page - Radiometrix Ltd SILRX-433-10 Datasheet HTML 2Page - Radiometrix Ltd SILRX-433-10 Datasheet HTML 3Page - Radiometrix Ltd SILRX-433-10 Datasheet HTML 4Page - Radiometrix Ltd SILRX-433-10 Datasheet HTML 5Page - Radiometrix Ltd SILRX-433-10 Datasheet HTML 6Page - Radiometrix Ltd SILRX-433-10 Datasheet HTML 7Page - Radiometrix Ltd SILRX-433-10 Datasheet HTML 8Page - Radiometrix Ltd SILRX-433-10 Datasheet HTML 9Page - Radiometrix Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Radiometrix Ltd, SILRX-UHF Data Sheet
page 1
Typical features include:
• PCB mounting, space saving SIL style
• 418 MHz SAW controlled wide band FM reception
• Selective double conversion superhet
• Sensitive typ. 0.5µV (-113 dBm) for 20 dB S/N
• High data rates, 5kbps and 10kbps
• Analogue and Digital data outputs
• Carrier detect output
• Fast enable time,< 3ms for duty cycle power save use
• Wide supply range, 4.0V to 9.0V
• Low current, 13 mA continuous, 130µA on power save (100:1)
• The SILRX radio receiver and the matching DTI (RA) approved transmitter (TXM-418-5) are self
contained, PCB mounting modules capable of transferring analogue or digital data up to a distance
of 200m.
The SILRX receiver module is particularly suitable for battery powered portable applications where it’s
low power requirements and small size are of advantage. It may also be used as a lower cost option to
the RXM-418-10 in fixed applications where the higher data rates and signal strength output of the
RXM-418-10 are not required.
Typical applications include:-
Site paging receivers
Paging car alarms
Line powered telephone auto diallers
Domestic and commercial security
Guard patrol/lone worker protection
Medical Alert/Nurse Call system
Mobile panic attack
Remote industrial process monitoring
Battery powered half duplex data networks
Data transfer through hazardous environments
Lighting control, Garage door openers
Fire alarms
Picture/antique protection alarms
Remote control, Access control
The SILRX-418-5 and SILRX-433-5 integrate a
complete FM superhet UHF radio receiver on a
small module. Together with the matching TXM-
418-5 or TXM-433-5 transmitter a one-way radio
data link can be achieved over a distance upto 200
metres on open ground
UK version:
SILRX-418-5 / SILRX-418-10
Euro version:
SILRX-433-5 / SILRX-433-10
left: TXM-418-5 transmitter right: SILRX-418-5 receiver
Radiometrix
Hartcran House, Gibbs Couch, Watford, WD19 5EZ, England
Issue 3, 13 April 2001
SILRX-UHF
UHF Radio Telemetry Receiver Module
Tel: +44 (0) 20 8428 1220, Fax: +44 (0) 20 8428


Similar Part No. - SILRX-433-10

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
SILRX-433-10 RADIOMETRIX-SILRX-433-10 Datasheet
336Kb / 11P
   UHF Radio Telemetry Transmit Module
More results

Similar Description - SILRX-433-10

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
RXM-UHF RADIOMETRIX-RXM-UHF Datasheet
178Kb / 9P
   UHF Radio Telemetry Receiver Module
TXM-433-10 RADIOMETRIX-TXM-433-10 Datasheet
336Kb / 11P
   UHF Radio Telemetry Transmit Module
logo
rfsolutions.ltd
ZULU-T868 RFSOLUTIONS-ZULU-T868 Datasheet
72Kb / 1P
   Smart RADIO Telemetry Module
DS-ZULUT RFSOLUTIONS-DS-ZULUT Datasheet
3Mb / 17P
   Smart Radio Telemetry Module
200-433FR RFSOLUTIONS-200-433FR Datasheet
396Kb / 11P
   Modular Radio Telemetry System
logo
SparkFun Electronics
WRL-15007 SPARKFUN-WRL-15007 Datasheet
84Kb / 2P
   Pixhawk Radio Telemetry Kit
11-12-18
logo
Texas Instruments
TRF1400 TI-TRF1400 Datasheet
517Kb / 19P
[Old version datasheet]   RF TELEMETRY RECEIVERS VHF/UHF RZ ASK REMOTE CONTROL RECEIVER
logo
List of Unclassifed Man...
MRX-005S ETC2-MRX-005S Datasheet
268Kb / 9P
   UHF AM RECEIVER MODULE
logo
rfsolutions.ltd
PRO-LORAT1-8S10 RFSOLUTIONS-PRO-LORAT1-8S10 Datasheet
3Mb / 8P
   Professional LoRa Telemetry Radio System
DS-BRAVO-E RFSOLUTIONS-DS-BRAVO-E Datasheet
1Mb / 12P
   SmartRadio Telemetry Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com