Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TX1-173.225-10 Datasheet(PDF) 8 Page - Radiometrix Ltd

Part # TX1-173.225-10
Description  VHF Narrow Band FM Transmitter and Receiver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

TX1-173.225-10 Datasheet(HTML) 8 Page - Radiometrix Ltd

Back Button TX1-173.225-10 Datasheet HTML 4Page - Radiometrix Ltd TX1-173.225-10 Datasheet HTML 5Page - Radiometrix Ltd TX1-173.225-10 Datasheet HTML 6Page - Radiometrix Ltd TX1-173.225-10 Datasheet HTML 7Page - Radiometrix Ltd TX1-173.225-10 Datasheet HTML 8Page - Radiometrix Ltd TX1-173.225-10 Datasheet HTML 9Page - Radiometrix Ltd TX1-173.225-10 Datasheet HTML 10Page - Radiometrix Ltd TX1-173.225-10 Datasheet HTML 11Page - Radiometrix Ltd TX1-173.225-10 Datasheet HTML 12Page - Radiometrix Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Radiometrix Ltd., TX1 & RX1 Data Sheet
page 8
RX1 Received Signal Strength Indicator (RSSI)
The RX1 receiver incorporates a wide range RSSI which measures the strength of an incoming signal
over a range of 80dB or more. This allows assessment of link quality and available margin and is useful
when performing range tests.
Please note that the actual RSSI voltage at any given RF input level varies somewhat between units.
The RSSI facility is intended as a relative indicator only - it is not designed to be, or suitable as, an
accurate and repeatable measure of absolute signal level or transmitter-receiver distance.
The output on pin 5 of the module has a standing DC bias of 0.15V-0.45V (0.25V typ.) with no signal,
rising to 0.9-1.3V (1.15V typ.) at maximum indication. Output impedance is 10k
Ω. Pin 5 can drive a
100
µA meter directly, for simple monitoring.
Typical RSSI characteristic is shown below (this is for indicative purposes only and is not a guarantee
of actual RSSI characteristics):
0
0.2
0.4
0.6
0.8
1
1.2
RF Input Level (dBm)
Fig.8: Typical RSSI response curve
To ensure a reasonably fast response the RSSI line has limited internal decoupling of 11nF to ground.
This results in a small amount of audio ripple on the DC output at pin 5 of the module. If this is a
problem further decoupling may be added at the expense of response speed, in the form of a capacitor
from pin 5 to ground. For example, adding an extra 0.1
µF on this pin will increase the RSSI response
time to around 4ms.
Expected range
Predicting the range obtainable in any given situation is notoriously difficult since there are many
factors involved. The main ones to consider are as follows:
Type and location of antennas in use (see pages 10-12)
Type of terrain and degree of obstruction of the link path
Sources of interference affecting the receiver
“Dead” spots caused by signal reflections from nearby conductive objects
Data rate and degree of filtering employed (see page 9)
The following are typical examples – but range tests should always be performed before assuming that
a particular range can be achieved in a given situation:
Data rate
Tx antenna
Rx antenna
Environment
Range
1.2kbps
half-wave
half-wave
rural/open
10-15km
10kbps
half-wave
half-wave
rural/open
3-4km
10kbps
helical
half-wave
urban/obstructed
500m-1km
10kbps
helical
helical
in-building
100-200m
Note: The figure for 1.2kbps assumes that the receiver bandwidth has been suitably reduced by
utilising an outboard audio filter/data slicer or similar arrangement.
If the RX1 is used “as is” the range will be similar to that for 10kb/s.


Similar Part No. - TX1-173.225-10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TX1-10 ETC1-TX1-10 Datasheet
54Kb / 2P
   AUTOMOTIVE RELAY
TX1-10F ETC1-TX1-10F Datasheet
54Kb / 2P
   AUTOMOTIVE RELAY
TX1-10FZ ETC1-TX1-10FZ Datasheet
54Kb / 2P
   AUTOMOTIVE RELAY
TX1-10X ETC1-TX1-10X Datasheet
54Kb / 2P
   AUTOMOTIVE RELAY
TX1-10XF ETC1-TX1-10XF Datasheet
54Kb / 2P
   AUTOMOTIVE RELAY
More results

Similar Description - TX1-173.225-10

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
TX1 RADIOMETRIX-TX1 Datasheet
2Mb / 19P
   VHF Narrow Band FM Transmitter and Receiver
TX1M-151-5 RADIOMETRIX-TX1M-151-5 Datasheet
391Kb / 11P
   VHF Narrow Band FM multi channel radio Transmitter & Receiver
logo
List of Unclassifed Man...
WP-MKT4 ETC-WP-MKT4 Datasheet
117Kb / 4P
   FM Narrow Band VHF Transmitter Module
logo
Radiometrix Ltd
HX1 RADIOMETRIX-HX1 Datasheet
227Kb / 9P
   VHF Narrow Band FM 300mW Transmitter
HX1 RADIOMETRIX-HX1_14 Datasheet
529Kb / 9P
   VHF Narrow Band FM 300mW Transmitter
NTX2B RADIOMETRIX-NTX2B Datasheet
163Kb / 13P
   UHF Narrow Band FM Transmitter & Receiver
NRX1 RADIOMETRIX-NRX1 Datasheet
415Kb / 8P
   Low cost VHF Narrow Band FM receiver
logo
List of Unclassifed Man...
EN300220-3 ETC2-EN300220-3 Datasheet
286Kb / 15P
   VHF Narrow Band FM transceiver
logo
Radiometrix Ltd
BIM1 RADIOMETRIX-BIM1 Datasheet
286Kb / 15P
   VHF Narrow Band FM transceiver
SAT3 RADIOMETRIX-SAT3 Datasheet
284Kb / 5P
   869MHz Narrow Band FM Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com