Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TXM-418-5 Datasheet(PDF) 9 Page - Radiometrix Ltd

Part # TXM-418-5
Description  UHF Radio Telemetry Receiver Module
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

TXM-418-5 Datasheet(HTML) 9 Page - Radiometrix Ltd

Back Button TXM-418-5 Datasheet HTML 3Page - Radiometrix Ltd TXM-418-5 Datasheet HTML 4Page - Radiometrix Ltd TXM-418-5 Datasheet HTML 5Page - Radiometrix Ltd TXM-418-5 Datasheet HTML 6Page - Radiometrix Ltd TXM-418-5 Datasheet HTML 7Page - Radiometrix Ltd TXM-418-5 Datasheet HTML 8Page - Radiometrix Ltd TXM-418-5 Datasheet HTML 9Page - Radiometrix Ltd TXM-418-5 Datasheet HTML 10Page - Radiometrix Ltd TXM-418-5 Datasheet HTML 11Page - Radiometrix Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Radiometrix Ltd, SILRX-UHF Data Sheet
page 9
AF output
This output is the FM demodulator’s output after buffering and filtering. Since it is taken before the
data slicer in the module, it may be used to drive external data slicers / demodulator’s in cases where
the internal data slicer is not suitable. This is the case where an analogue subcarrier is being employed
e.g. 2 tone AFSK or DTMF tones. In these cases the AF output is used to drive the FSK / DTMF decoder
directly.
The AF output is also a very useful test point for monitoring signals or interference. The AF output is
DC coupled to the FM demodulator thus the DC level Varies with the frequency of the incoming signal.
Supply requirements
The module requires a clean supply. Noise and ‘hash’ in the 5 to 500 kHz band and 16 MHz ±1 MHz
must be less than 2 mV, We recommend a 10 µF capacitor to ground on pin 5 (Vcc) and a 10Ω series feed
resistor in cases where the cleanness of the supply is in doubt.
.
Additional Reading
BS 0799
British standard for Wire-free intruder alarm systems
BS 4737
British standard for intruder alarm systems in buildings from British standards
institution - Tel. 44 171 629 900
MPT1340
DTI type approval specification for 418 MHz Telemetry from department of
Trade
and Industry - 44 171 211 0502/0505
ARRL Handbook
Excellent radio engineering text
ARRL Antenna Book Practical antenna design book
Warning:
Don’t be tempted to adjust the trimmer on the module, it controls the receive
frequency and can only be correctly set-up with an accurate RF signal generator!


Similar Part No. - TXM-418-5

ManufacturerPart #DatasheetDescription
logo
Linx Technologies
TXM-418-KH3 LINX-TXM-418-KH3 Datasheet
1Mb / 19P
   KH3 Series Receiver Module
2014
TXM-418-KH3 LINX-TXM-418-KH3 Datasheet
1Mb / 19P
   KH3 Series Transmitter Module
2015
logo
List of Unclassifed Man...
TXM-418-LC ETC2-TXM-418-LC Datasheet
368Kb / 11P
   LC SERIES TRANSMITTER MODULE
TXM-418-LC ETC2-TXM-418-LC Datasheet
323Kb / 11P
   LC SERIES TRANSMITTER MODULE DATA GUIDE
logo
Linx Technologies
TXM-418-LC LINX-TXM-418-LC Datasheet
1Mb / 17P
   TXM-315-LR Transmitter Module
2015
More results

Similar Description - TXM-418-5

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
RXM-UHF RADIOMETRIX-RXM-UHF Datasheet
178Kb / 9P
   UHF Radio Telemetry Receiver Module
TXM-433-10 RADIOMETRIX-TXM-433-10 Datasheet
336Kb / 11P
   UHF Radio Telemetry Transmit Module
logo
rfsolutions.ltd
ZULU-T868 RFSOLUTIONS-ZULU-T868 Datasheet
72Kb / 1P
   Smart RADIO Telemetry Module
DS-ZULUT RFSOLUTIONS-DS-ZULUT Datasheet
3Mb / 17P
   Smart Radio Telemetry Module
200-433FR RFSOLUTIONS-200-433FR Datasheet
396Kb / 11P
   Modular Radio Telemetry System
logo
SparkFun Electronics
WRL-15007 SPARKFUN-WRL-15007 Datasheet
84Kb / 2P
   Pixhawk Radio Telemetry Kit
11-12-18
logo
Texas Instruments
TRF1400 TI-TRF1400 Datasheet
517Kb / 19P
[Old version datasheet]   RF TELEMETRY RECEIVERS VHF/UHF RZ ASK REMOTE CONTROL RECEIVER
logo
List of Unclassifed Man...
MRX-005S ETC2-MRX-005S Datasheet
268Kb / 9P
   UHF AM RECEIVER MODULE
logo
rfsolutions.ltd
PRO-LORAT1-8S10 RFSOLUTIONS-PRO-LORAT1-8S10 Datasheet
3Mb / 8P
   Professional LoRa Telemetry Radio System
DS-BRAVO-E RFSOLUTIONS-DS-BRAVO-E Datasheet
1Mb / 12P
   SmartRadio Telemetry Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com