Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TX1I-XXX-5 Datasheet(PDF) 9 Page - Radiometrix Ltd

Part # TX1I-XXX-5
Description  VHF Narrow Band FM multi channel radio Transmitter & Receiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

TX1I-XXX-5 Datasheet(HTML) 9 Page - Radiometrix Ltd

Back Button TX1I-XXX-5 Datasheet HTML 3Page - Radiometrix Ltd TX1I-XXX-5 Datasheet HTML 4Page - Radiometrix Ltd TX1I-XXX-5 Datasheet HTML 5Page - Radiometrix Ltd TX1I-XXX-5 Datasheet HTML 6Page - Radiometrix Ltd TX1I-XXX-5 Datasheet HTML 7Page - Radiometrix Ltd TX1I-XXX-5 Datasheet HTML 8Page - Radiometrix Ltd TX1I-XXX-5 Datasheet HTML 9Page - Radiometrix Ltd TX1I-XXX-5 Datasheet HTML 10Page - Radiometrix Ltd TX1I-XXX-5 Datasheet HTML 11Page - Radiometrix Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Radiometrix Ltd
TX1M/RX1M Data Sheet
page 9
Application circuits
RSSI (C1)
SQF (C2)
AF out (C3)
RXD (C4)
+4.4V out (C5)
GND (C6)
(C7)
P1 (C8)
P2 (C9)
P3 (C10)
PGM
CD
1
2
3
TXD
SGD
4
6
7
8
9
5
Data out
ADC or A meter
µ
+4.4V
Parallel
Channel
Select
100nF
4.5 - 15V
Antenna
0V (C1)
TXD (C3)
AF in (C4)
+4.4V out (C5)
PGM (C6)
(C7)
P1 (C8)
P2 (C9)
P3 (C10)
TXE (C2)
GND
1k
TX
2
3
TXD
SGD
4
6
7
8
9
5
Transmit Enable
Parallel
Channel
Select
4.5 - 15V
Antenna
Figure 6: Test circuit of TX1M and RX1M
TX1M/RX1M can be configured using any PC/Laptop/PDA having a serial port and modem/terminal
program. TXD (pin 3) of DB9M connector can be directly wired to PGM (pin C7) of the TX1M/RX1M and
SGN (pin 5) of DB9M connector should be connected to common ground pins.
The whole frequency/channel table is user reconfigurable to 128 channels within 2MHz band of
supplied frequency subject to regulatory band limits.
0V (C1)
SQF (C2)
AF out (C3)
RXD (C4)
+4.4V out (C5)
GND (C6)
(C7)
P1 (C8)
P2 (C9)
P3 (C10)
PGM
CD
1
2
3
TXD
SGD
4
6
7
8
9
5
PC serial port
Data In
ADC
VDD
Parallel
Channel
Select
100nF
4.5 - 15V
Antenna
0V (C1)
TXD (C3)
AF in (C4)
+4.4V out (C5)
PGM (C6)
(C7)
P1 (C8)
P2 (C9)
P3 (C10)
TXE (C2)
GND
1k
TX
1
2
3
TXD
SGD
4
6
7
8
9
5
PC serial port
Transmit Enable
Data Out
Parallel
Channel
Select
4.5 - 16V
Antenna
Figure 7: TX1M and RX1M interfaced to host microcontroller and serial port for configuration
TX1M and RX1M can be directly interfaced to a host microcontroller which can generally be powered by
the regulated +4.4V output on pin 5. Three I/O pins on the microcontroller port can be assigned to select
the first 8 channels on frequency table of the appropriate band for which the module is configured by
pulling the P1-P3 pins low. Channel select pins of TX1M and RX1M have internal pull-up to 4V supply
rail, hence channel selection operate on inverted logic.
Digital Received Data Output (RXD) pin on the RX1M is an open collector output, which should be
pulled-up to required voltage swing level (e.g. +4.4V or Vcc).
RX1M has an automatic noise squelching function which is activated when there is not any RF signal at
detectable level on the channel or if the non-coherent noise like interference level is high enough to
block any weak RF signal from being received. SQF is provided as an open-collector output for
monitoring which should be pulled-up to required voltage swing level. SQF output will jump to pull-up
voltage level if received RF signal level at the RF In/Out pin of the module is about 3dB below the level
required to produce 12dB SINAD level on demodulated AF Output signal. SQF pin can be connected to
an LED to act as a Carrier Detect indicator. Pull-up resistor value should be reduced (e.g. 1k
Ω)
according to the current requirement to produce satisfactory brightness on the LED used.


Similar Part No. - TX1I-XXX-5

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
TX1 RADIOMETRIX-TX1 Datasheet
2Mb / 19P
   VHF Narrow Band FM Transmitter and Receiver
logo
List of Unclassifed Man...
TX1-10 ETC1-TX1-10 Datasheet
54Kb / 2P
   AUTOMOTIVE RELAY
TX1-10F ETC1-TX1-10F Datasheet
54Kb / 2P
   AUTOMOTIVE RELAY
TX1-10FZ ETC1-TX1-10FZ Datasheet
54Kb / 2P
   AUTOMOTIVE RELAY
TX1-10X ETC1-TX1-10X Datasheet
54Kb / 2P
   AUTOMOTIVE RELAY
More results

Similar Description - TX1I-XXX-5

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
TX1 RADIOMETRIX-TX1 Datasheet
2Mb / 19P
   VHF Narrow Band FM Transmitter and Receiver
TX1-173.225-10 RADIOMETRIX-TX1-173.225-10 Datasheet
647Kb / 19P
   VHF Narrow Band FM Transmitter and Receiver
LMT1 RADIOMETRIX-LMT1 Datasheet
235Kb / 10P
   VHF Narrow Band FM Low Cost multi channel radio modules
LMT1 RADIOMETRIX-LMT1_14 Datasheet
426Kb / 10P
   VHF Narrow Band FM Low Cost multi channel radio modules
logo
List of Unclassifed Man...
WP-MKT4 ETC-WP-MKT4 Datasheet
117Kb / 4P
   FM Narrow Band VHF Transmitter Module
logo
Radiometrix Ltd
HX1 RADIOMETRIX-HX1 Datasheet
227Kb / 9P
   VHF Narrow Band FM 300mW Transmitter
HX1 RADIOMETRIX-HX1_14 Datasheet
529Kb / 9P
   VHF Narrow Band FM 300mW Transmitter
TR1M-151-5 RADIOMETRIX-TR1M-151-5 Datasheet
256Kb / 9P
   Narrow Band FM Multi-channel VHF Transceiver
SMX1 RADIOMETRIX-SMX1 Datasheet
149Kb / 8P
   VHF Narrow Band FM Multi channel Transceiver
NTX2B RADIOMETRIX-NTX2B Datasheet
163Kb / 13P
   UHF Narrow Band FM Transmitter & Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com