Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVAL-418-B Datasheet(PDF) 10 Page - Radiometrix Ltd

Part # EVAL-418-B
Description  UHF Radio Telemetry Receiver Module
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

EVAL-418-B Datasheet(HTML) 10 Page - Radiometrix Ltd

Back Button EVAL-418-B Datasheet HTML 3Page - Radiometrix Ltd EVAL-418-B Datasheet HTML 4Page - Radiometrix Ltd EVAL-418-B Datasheet HTML 5Page - Radiometrix Ltd EVAL-418-B Datasheet HTML 6Page - Radiometrix Ltd EVAL-418-B Datasheet HTML 7Page - Radiometrix Ltd EVAL-418-B Datasheet HTML 8Page - Radiometrix Ltd EVAL-418-B Datasheet HTML 9Page - Radiometrix Ltd EVAL-418-B Datasheet HTML 10Page - Radiometrix Ltd EVAL-418-B Datasheet HTML 11Page - Radiometrix Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Radiometrix Ltd, SILRX-UHF Data Sheet
page 10
Applications note
Four Channel Receiver with battery saver
Fig 7 shows a simple four channel paging receiver with 256 setable codes. The CMOS 555 timer
provides a duty cycle power save circuit which latches ON when a signal is present. The values used in
the example give 4ms ON; 400 ms OFF, i.e. 1:100 duty cycle. The total quiescent current is less than
200µA, thus a 9V alkaline battery (500 mA/hr) will give a life of over 2000 hours. The ON time is
determined by the receiver’s power up settling time (3 ms worst case) + any tolerance of the duty cycle
oscillator. The OFF time is controlled by R8 in the circuit and should be selected to suit the application
depending upon the required response time and any limits imposed upon the duration of the
transmission. It is recommended that the OFF time be no longer than 1/2 for the transmission
preamble duration.
Ordering information
SAW based OEM Transmit and Receive modules.
TXM-418-5
UK Transmitter on 418 MHz, Type approved to MPT1340
TXM-418-10
Fast transmitter on 418 MHz, Type approved to MPT1340
RXM-418-5
matching UK receiver module on 418 MHz
SILRX-418-5
Low current UK receiver module on 418 MHz
BiM-418-10
Bi-directional short range module on 418 MHz
RPC-418-5
Self-contained module wich integrates the BiM transceiver with a Radio Packet
Controller
EVAL-418-A
Evaluation kit for TXM & RXM
EVAL-418-B
SILRX supplementary PCB for EVAL-418-A
BiM-KIT
Evaluation kit for BiM-UHF modules.
All modules are available in a 433.92 MHz version for use in other European countries.
figure 7: Four Channel Receiver with power save


Similar Part No. - EVAL-418-B

ManufacturerPart #DatasheetDescription
logo
Linx Technologies
EVAL-418-HH-KF-DS LINX-EVAL-418-HH-KF-DS Datasheet
1Mb / 9P
   DS Keyfob Transmitter
2014
EVAL-418-HH-KF-HT LINX-EVAL-418-HH-KF-HT Datasheet
1Mb / 9P
   HT Keyfob Transmitter
2015
EVAL-418-HHCP LINX-EVAL-418-HHCP Datasheet
1Mb / 9P
   OEM Compact Handheld Transmitter
2015
EVAL-418-HHCP LINX-EVAL-418-HHCP Datasheet
1Mb / 9P
   OEM Transmitter Evaluation Kit
2016
EVAL-418-HHLR LINX-EVAL-418-HHLR Datasheet
1Mb / 9P
   OEM Long-Range Handheld Transmitter
2015
More results

Similar Description - EVAL-418-B

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
RXM-UHF RADIOMETRIX-RXM-UHF Datasheet
178Kb / 9P
   UHF Radio Telemetry Receiver Module
TXM-433-10 RADIOMETRIX-TXM-433-10 Datasheet
336Kb / 11P
   UHF Radio Telemetry Transmit Module
logo
rfsolutions.ltd
ZULU-T868 RFSOLUTIONS-ZULU-T868 Datasheet
72Kb / 1P
   Smart RADIO Telemetry Module
DS-ZULUT RFSOLUTIONS-DS-ZULUT Datasheet
3Mb / 17P
   Smart Radio Telemetry Module
200-433FR RFSOLUTIONS-200-433FR Datasheet
396Kb / 11P
   Modular Radio Telemetry System
logo
SparkFun Electronics
WRL-15007 SPARKFUN-WRL-15007 Datasheet
84Kb / 2P
   Pixhawk Radio Telemetry Kit
11-12-18
logo
Texas Instruments
TRF1400 TI-TRF1400 Datasheet
517Kb / 19P
[Old version datasheet]   RF TELEMETRY RECEIVERS VHF/UHF RZ ASK REMOTE CONTROL RECEIVER
logo
List of Unclassifed Man...
MRX-005S ETC2-MRX-005S Datasheet
268Kb / 9P
   UHF AM RECEIVER MODULE
logo
rfsolutions.ltd
PRO-LORAT1-8S10 RFSOLUTIONS-PRO-LORAT1-8S10 Datasheet
3Mb / 8P
   Professional LoRa Telemetry Radio System
DS-BRAVO-E RFSOLUTIONS-DS-BRAVO-E Datasheet
1Mb / 12P
   SmartRadio Telemetry Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com