Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BIM1 Datasheet(PDF) 8 Page - Radiometrix Ltd

Part # BIM1
Description  VHF Narrow Band FM transceiver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

BIM1 Datasheet(HTML) 8 Page - Radiometrix Ltd

Back Button BIM1 Datasheet HTML 4Page - Radiometrix Ltd BIM1 Datasheet HTML 5Page - Radiometrix Ltd BIM1 Datasheet HTML 6Page - Radiometrix Ltd BIM1 Datasheet HTML 7Page - Radiometrix Ltd BIM1 Datasheet HTML 8Page - Radiometrix Ltd BIM1 Datasheet HTML 9Page - Radiometrix Ltd BIM1 Datasheet HTML 10Page - Radiometrix Ltd BIM1 Datasheet HTML 11Page - Radiometrix Ltd BIM1 Datasheet HTML 12Page - Radiometrix Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Radiometrix Ltd.,
BiM1 transceiver, TX1H high power transmitter data sheet
Page 8
Packet data
In general, data to be sent via a radio link is formed into a serial "packet" of the form :-
Preamble - Control - Address - Data - CRC
Where: Preamble:
This is mandatory for the adaptive data slicer in the receiver in the BiM1 to
stabilise. The BiM1 will be stable after 10ms. Additional preamble time may be
desired for decoder bit synchronisation, firmware carrier detection or receiver
wake up.
Control:
The minimum requirement is a single bit or unique bit pattern to
indicate the start of message (frame sync.). Additionally, decoder
information is often placed here such as: packet count, byte count, flow
control bits (e.g. ACK, repeat count), repeater control, scrambler
information etc.
Address:
This information is used for identification purposes and would at least
contain a 16/24 bit source address, additionally - destination address,
site / system code , unit number and repeater address's may be placed
here.
Data:
User data , generally limited to 256 bytes or less (very long packets
should be avoided to minimise repeat overheads on CRC failure and
channel hogging).
CRC:
16/24 Bit CRC or Checksum of control-address-data fields used by the
decoder to verify the integrity of the packet.
The exact makeup of the packet depends upon the system requirements and may involve some complex
air-traffic density statistics to optimise through-put in large networked systems.
Networks
BiM1’s may be used in many different configurations from simple pair's to multi-node random access
networks. The BiM1 is a single frequency device thus in a multi node system the signalling protocol
must use Time Division Multiple Access (TDMA). In a TDMA network only one transmitter may be on
at a time, ‘clash’ occurs when two or more transmitters are on at the same time and will often cause
data loss at the receivers. TDMA networks may be configured in several ways - Synchronous (time
slots), Polling (master-slave) or Random access (async packet switching e.g. X25). Networked BiM1's
allow several techniques for range / reliability enhancement:
Store and forward Repeaters: If the operating protocol of the network is designed to
allow data path control then data may be routed via
intermediate nodes. The inclusion of a repeating
function in the network protocol either via dedicated
repeater/router nodes or simply utilising existing
nodes allows limitless network expansion.
Spatial Diversity:
In buildings multi-path signals create null spots in the
coverage pattern as a result of signal cancellation. In
master-slave networks it is cost effective to provide 2
BiM1's with separate antenna at the master station.
The null spot patterns will be different for the two
BiM1's . This technique ‘fills in’ the null spots, i.e. a
handshake failure on the first BiM1 due to a signal null
is likely to succeed on the 2nd BiM1.


Similar Part No. - BIM1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BIM1-151.300-10 ETC2-BIM1-151.300-10 Datasheet
286Kb / 15P
   VHF Narrow Band FM transceiver
BIM1-173.225-10 ETC2-BIM1-173.225-10 Datasheet
286Kb / 15P
   VHF Narrow Band FM transceiver
BIM1-173.250-10 ETC2-BIM1-173.250-10 Datasheet
286Kb / 15P
   VHF Narrow Band FM transceiver
logo
Radiometrix Ltd
BIM1H RADIOMETRIX-BIM1H Datasheet
243Kb / 11P
   VHF Narrow Band FM 500mW transceiver
BIM1H-151.300-3 RADIOMETRIX-BIM1H-151.300-3 Datasheet
243Kb / 11P
   VHF Narrow Band FM 500mW transceiver
More results

Similar Description - BIM1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EN300220-3 ETC2-EN300220-3 Datasheet
286Kb / 15P
   VHF Narrow Band FM transceiver
logo
Radiometrix Ltd
BIM1H RADIOMETRIX-BIM1H Datasheet
243Kb / 11P
   VHF Narrow Band FM 500mW transceiver
TR1M-151-5 RADIOMETRIX-TR1M-151-5 Datasheet
256Kb / 9P
   Narrow Band FM Multi-channel VHF Transceiver
SMX1 RADIOMETRIX-SMX1 Datasheet
149Kb / 8P
   VHF Narrow Band FM Multi channel Transceiver
logo
List of Unclassifed Man...
WP-MKT4 ETC-WP-MKT4 Datasheet
117Kb / 4P
   FM Narrow Band VHF Transmitter Module
logo
Radiometrix Ltd
HX1 RADIOMETRIX-HX1 Datasheet
227Kb / 9P
   VHF Narrow Band FM 300mW Transmitter
HX1 RADIOMETRIX-HX1_14 Datasheet
529Kb / 9P
   VHF Narrow Band FM 300mW Transmitter
logo
rfsolutions.ltd
X2010 RFSOLUTIONS-X2010 Datasheet
65Kb / 6P
   FM Narrow Band Transceiver Modules
logo
Radiometrix Ltd
NIM2 RADIOMETRIX-NIM2 Datasheet
577Kb / 11P
   UHF Narrow Band FM Transceiver
NTR2 RADIOMETRIX-NTR2 Datasheet
407Kb / 10P
   UHF Narrow Band FM Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com