Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BIM2A-433-64-CD-3V Datasheet(PDF) 4 Page - Radiometrix Ltd

Part # BIM2A-433-64-CD-3V
Description  433MHz Wide Band FM radio transceiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

BIM2A-433-64-CD-3V Datasheet(HTML) 4 Page - Radiometrix Ltd

  BIM2A-433-64-CD-3V Datasheet HTML 1Page - Radiometrix Ltd BIM2A-433-64-CD-3V Datasheet HTML 2Page - Radiometrix Ltd BIM2A-433-64-CD-3V Datasheet HTML 3Page - Radiometrix Ltd BIM2A-433-64-CD-3V Datasheet HTML 4Page - Radiometrix Ltd BIM2A-433-64-CD-3V Datasheet HTML 5Page - Radiometrix Ltd BIM2A-433-64-CD-3V Datasheet HTML 6Page - Radiometrix Ltd BIM2A-433-64-CD-3V Datasheet HTML 7Page - Radiometrix Ltd BIM2A-433-64-CD-3V Datasheet HTML 8Page - Radiometrix Ltd BIM2A-433-64-CD-3V Datasheet HTML 9Page - Radiometrix Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Radiometrix Ltd, BiM2A Data Sheet
page 4
Absolute maximum ratings
Exceeding the values below may cause permanent damage to the module.
Operating temperature
-20
°C to +70°C
Storage temperature
-40
°C to +100°C
Vcc (pin 17)
-0.3V to +16V
TX, RX select (pins 15, 16)
-9V to +16V
All other pins
-0.3V to +Vcc
Antenna (pin 2)
±50V DC, +10dBm RF
Performance specifications
Figures apply to standard version @ Vcc=3.0V, temperature +20
°°°°C, unless stated.
General
pin
min.
typ.
max.
units
notes
Supply voltage
17
2.9
3.0
16.0
V
Supply voltage (BiM2EH)
17
3.7
5.0
16.0
V
Tx supply current @ 10mW
17
-
14
-
mA
Tx supply current @ 25mW
17
-
25
-
mA
Tx supply current @ 100mW
17
-
40
-
mA
Rx supply current
17
10
11
17
mA
Note 1
RF centre frequency
-
-
433.92
-
MHz
-
Antenna port impedance
2
-
50
-
Tx or Rx
TX & RX select: high (deselect)
15, 16
Vcc-0.5
Vcc
V
low (select)
15, 16
0
0.5
V
Internal select pull-ups
15,16
-
47
-
k
To Vcc (pin 17)
Balanced code bit rate
12
-
-
64
kbps
-64 version
Balanced code bit rate
12
-
-
10
kbps
-10 version
Transmitter section
pin
min.
typ.
max.
units
notes
RF power output (BiM2A)
2
+9
+10
+11
dBm
RF power output (BiM2H)
2
+13
+14
+15
dBm
RF power output (BiM2EH)
3
+19
+20
+21
dBm
TX harmonics/spurious emission
2
-
-55
-40
dBm
Initial centre frequency accuracy
-
-10
0
+10
kHz
FM deviation
-
±20
±27
±35
kHz
Peak
Modulation bandwidth
-
0
-
35
kHz
@ -3db
Modulation distortion
-
-
5
10
%
Note 2
TX spectral bandwidth @-40dBc
2
-
-
250
kHz
worst case
TXD input level: high
14
2.8
-
3.0
V
Note 3
low
14
0
-
0.2
V
Note 3
TX power up to full RF
2, 15
-
1
1.5
ms
Note 4
Receiver section
pin
min.
typ.
max.
units
notes
RF sensitivity, 10dB S/N
2, 13
-
-106
-
dBm
-64 version
RF sensitivity, 1ppm BER
2, 12
-
-100
-
dBm
-64 version
RF sensitivity, 10dB S/N
2, 13
-
-113
-
dBm
-10 version
RF sensitivity, 1ppm BER
2, 12
-
-107
-
dBm
-10 version
RSSI output, no signal
11
0.15
0.25
0.4
V
RSSI output, max indication
11
1
1.12
1.25
V
-50dBm RF input
RSSI range
2, 11
-
60
-
dB
IF bandwidth
-
-
180
-
kHz
Image rejection (fRF-21.4MHz)
2
40
50
-
dB
IF rejection (10.7MHz)
2
100
-
-
dB
Local osc. leakage, conducted
2
-
-117
-110
dBm
Baseband bandwidth @ -3dB
13
0
-
50
kHz
-64 version


Similar Part No. - BIM2A-433-64-CD-3V

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
BIM2 RADIOMETRIX-BIM2 Datasheet
561Kb / 11P
   433MHz high speed FM radio transceiver module
BIM2 RADIOMETRIX-BIM2 Datasheet
240Kb / 11P
   433 / 868MHz FM Data Transceiver
logo
List of Unclassifed Man...
BIM2-433-160 ETC2-BIM2-433-160 Datasheet
561Kb / 11P
   433MHz high speed FM radio transceiver module
logo
Radiometrix Ltd
BIM2-433-160 RADIOMETRIX-BIM2-433-160 Datasheet
561Kb / 11P
   433MHz high speed FM radio transceiver module
logo
List of Unclassifed Man...
BIM2-433-64 ETC1-BIM2-433-64 Datasheet
356Kb / 7P
   433MHz high speed FM radio transceiver module
More results

Similar Description - BIM2A-433-64-CD-3V

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
BIM3B RADIOMETRIX-BIM3B Datasheet
773Kb / 11P
   869MHz Wide Band FM radio transceiver
logo
List of Unclassifed Man...
BIM2-433-160 ETC2-BIM2-433-160 Datasheet
561Kb / 11P
   433MHz high speed FM radio transceiver module
logo
Radiometrix Ltd
BIM2 RADIOMETRIX-BIM2 Datasheet
561Kb / 11P
   433MHz high speed FM radio transceiver module
logo
List of Unclassifed Man...
BIM2-433-64 ETC1-BIM2-433-64 Datasheet
356Kb / 7P
   433MHz high speed FM radio transceiver module
logo
rfsolutions.ltd
T7-434-075 RFSOLUTIONS-T7-434-075 Datasheet
76Kb / 7P
   FM 433MHz Narrow Band
QBT37-434.075 RFSOLUTIONS-QBT37-434.075 Datasheet
103Kb / 7P
   433MHz Narrow Band Radio Transmitter & Receivers
logo
Radiometrix Ltd
RDL2 RADIOMETRIX-RDL2_12 Datasheet
463Kb / 7P
   UHF Multi Channel Wide Band FM Transceiver
RDL2 RADIOMETRIX-RDL2 Datasheet
235Kb / 7P
   UHF Multi Channel Wide Band FM Transceiver
logo
List of Unclassifed Man...
WP-RF-RF650 ETC1-WP-RF-RF650 Datasheet
183Kb / 8P
   Narrow Band Radio Transceiver
logo
Radiometrix Ltd
TX3B-869.85-64 RADIOMETRIX-TX3B-869.85-64 Datasheet
145Kb / 2P
   869MHz Wide Band FM Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com