Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RX1-162.025-10 Datasheet(PDF) 9 Page - Radiometrix Ltd

Part # RX1-162.025-10
Description  VHF Narrow Band FM Transmitter and Receiver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

RX1-162.025-10 Datasheet(HTML) 9 Page - Radiometrix Ltd

Back Button RX1-162.025-10 Datasheet HTML 5Page - Radiometrix Ltd RX1-162.025-10 Datasheet HTML 6Page - Radiometrix Ltd RX1-162.025-10 Datasheet HTML 7Page - Radiometrix Ltd RX1-162.025-10 Datasheet HTML 8Page - Radiometrix Ltd RX1-162.025-10 Datasheet HTML 9Page - Radiometrix Ltd RX1-162.025-10 Datasheet HTML 10Page - Radiometrix Ltd RX1-162.025-10 Datasheet HTML 11Page - Radiometrix Ltd RX1-162.025-10 Datasheet HTML 12Page - Radiometrix Ltd RX1-162.025-10 Datasheet HTML 13Page - Radiometrix Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Radiometrix Ltd., TX1 & RX1 Data Sheet
page 9
Data formats and range extension
The TX1 data input is normally driven directly by logic levels but will also accept analogue drive (e.g. 2-
tone signalling). In this case it is recommended that TXD (pin 7) be DC-biased to 1.2V approx. with the
modulation ac-coupled and limited to a maximum of 2Vp-p to minimise distortion over the link. The
varactor modulator in the TX1 introduces some 2nd harmonic distortion which may be reduced if
necessary by predistortion of the analogue waveform. At the other end of the link the RX1 AF output is
used to drive an external decoder directly.
Although the modulation bandwidth of the TX1 extends down to DC, as does the AF output of the RX1,
it is not advisable to use data containing a DC component. This is because frequency errors and drifts
between the transmitter and receiver occur in normal operation, resulting in DC offset errors on the
RX1 audio output.
The RX1 in standard form incorporates a low pass filter with a 6kHz nominal bandwidth. In
conjunction with similar filtering in the TX1 an overall system bandwidth of 5kHz is obtained. This is
suitable for transmission of data at raw bit rates up to 10kb/s. A lower rolloff frequency of around 50Hz
has been chosen for the internal filter and data slicer in order to keep receiver settling times reasonably
fast. This results in a lowest usable data speed of about 1kb/s for the standard module.
In applications such as long range fixed links where data speed is not of prime concern, a considerable
increase in range can be obtained by using the slowest possible data rate together with filtering to
reduce the receiver bandwidth to the minimum necessary. The internal data slicer is not suitable for
data having longer than 1.8ms between transitions and in such circumstances the RX1 audio output can
be utilised to drive an external filter and data slicer.
The RX1 produces an audio output of approximately 400mVp-p at pin 8, but due to the internal filtering
this exhibits a rolloff at low frequencies giving a reduced output of some 100mVp-p as DC is approached.
This rolloff can be eliminated and a flat response to DC obtained by using an external RC compensation
network, as follows:
100k
33k
100nF
Input from
RX1 pin 8
Output to low pass filter, etc.
100mV p-p, high impedance
Fig.9: Audio compensation network
The output of the network will be flat from DC to 5kHz+. It will have a standing DC bias of 1V approx.
and should not be significantly loaded (input impedance of following stage should ideally be
≥1MΩ).


Similar Part No. - RX1-162.025-10

ManufacturerPart #DatasheetDescription
logo
SUN HOLD ELECTRIC INC
RX1-12-30-A SUNHOLD-RX1-12-30-A Datasheet
1Mb / 2P
   RX1 SERIES
RX1-12-30-B SUNHOLD-RX1-12-30-B Datasheet
1Mb / 2P
   RX1 SERIES
RX1-12-40-A SUNHOLD-RX1-12-40-A Datasheet
1Mb / 2P
   RX1 SERIES
RX1-12-40-B SUNHOLD-RX1-12-40-B Datasheet
1Mb / 2P
   RX1 SERIES
logo
Radiometrix Ltd
RX1-151.300-10 RADIOMETRIX-RX1-151.300-10 Datasheet
195Kb / 11P
   VHF Narrow Band FM High Power TX
More results

Similar Description - RX1-162.025-10

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
TX1 RADIOMETRIX-TX1 Datasheet
2Mb / 19P
   VHF Narrow Band FM Transmitter and Receiver
TX1M-151-5 RADIOMETRIX-TX1M-151-5 Datasheet
391Kb / 11P
   VHF Narrow Band FM multi channel radio Transmitter & Receiver
logo
List of Unclassifed Man...
WP-MKT4 ETC-WP-MKT4 Datasheet
117Kb / 4P
   FM Narrow Band VHF Transmitter Module
logo
Radiometrix Ltd
HX1 RADIOMETRIX-HX1 Datasheet
227Kb / 9P
   VHF Narrow Band FM 300mW Transmitter
HX1 RADIOMETRIX-HX1_14 Datasheet
529Kb / 9P
   VHF Narrow Band FM 300mW Transmitter
NTX2B RADIOMETRIX-NTX2B Datasheet
163Kb / 13P
   UHF Narrow Band FM Transmitter & Receiver
NRX1 RADIOMETRIX-NRX1 Datasheet
415Kb / 8P
   Low cost VHF Narrow Band FM receiver
logo
List of Unclassifed Man...
EN300220-3 ETC2-EN300220-3 Datasheet
286Kb / 15P
   VHF Narrow Band FM transceiver
logo
Radiometrix Ltd
BIM1 RADIOMETRIX-BIM1 Datasheet
286Kb / 15P
   VHF Narrow Band FM transceiver
SAT3 RADIOMETRIX-SAT3 Datasheet
284Kb / 5P
   869MHz Narrow Band FM Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com